Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B5116 Datasheet(PDF) 2 Page - EPCOS

Part # B5116
Description  SAW filter RF Base Station
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5116 Datasheet(HTML) 2 Page - EPCOS

  B5116 Datasheet HTML 1Page - EPCOS B5116 Datasheet HTML 2Page - EPCOS B5116 Datasheet HTML 3Page - EPCOS B5116 Datasheet HTML 4Page - EPCOS B5116 Datasheet HTML 5Page - EPCOS B5116 Datasheet HTML 6Page - EPCOS B5116 Datasheet HTML 7Page - EPCOS B5116 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
May 18, 2009
B5116
751.50 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW filter
Data sheet
Application
s
RF filter for base-station
s
Unbalanced to unbalanced operation
s
Low amplitude ripple
s
Usable passband 11 MHz
s
No matching required for operation at 50
Features
s
Package size 3.0 x 3.0 x 1.1 mm3
s
Package code DCC6C
s
RoHS compatible
s
Approximate weight 0.037 g
s
Package for Surface Mount Technology (SMT)
s
Ni, gold-plated terminals
s
Electrostatic Sensitive Device (ESD)
Pin configuration
s
2
Input
s
5
Output
s
1,3,4,6 Case grounded


Similar Part No. - B5116

ManufacturerPart #DatasheetDescription
logo
Kingston Technology Far...
B5116ECMDXGJD KINGSTON-B5116ECMDXGJD Datasheet
3Mb / 2P
   Kingston DDR3/3L DRAM for embedded applications
B5116ECMDXGJDI KINGSTON-B5116ECMDXGJDI Datasheet
425Kb / 2P
   Kingston i-Temp DDR3/3L DRAM for embedded applications
More results

Similar Description - B5116

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5129 EPCOS-B5129 Datasheet
109Kb / 8P
   SAW filter Base-station RF
B5109 EPCOS-B5109 Datasheet
92Kb / 8P
   SAW filter Base-station RF
B5110 EPCOS-B5110 Datasheet
91Kb / 8P
   SAW filter Base-station RF
B5114 EPCOS-B5114 Datasheet
90Kb / 8P
   SAW filter RF Base Station
B5118 EPCOS-B5118 Datasheet
81Kb / 8P
   SAW filter RF Base Station
logo
TDK Electronics
B39172B5159U410 TDK-B39172B5159U410 Datasheet
110Kb / 8P
   SAW RF filter for base station
B39262B5193U410 TDK-B39262B5193U410 Datasheet
171Kb / 8P
   SAW Components SAW RF filter for base station
B39861B4240H410 TDK-B39861B4240H410 Datasheet
198Kb / 10P
   SAW Components SAW RF Filter for base station
B39232B5183U410 TDK-B39232B5183U410 Datasheet
157Kb / 8P
   SAW Components SAW RF filter for base station
logo
EPCOS
B5159 EPCOS-B5159 Datasheet
90Kb / 8P
   SAW RF filter for base station LTE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com