Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B39791-B5113-U410 Datasheet(PDF) 6 Page - EPCOS

Part # B39791-B5113-U410
Description  SAW RF filter Basestation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B39791-B5113-U410 Datasheet(HTML) 6 Page - EPCOS

  B39791-B5113-U410 Datasheet HTML 1Page - EPCOS B39791-B5113-U410 Datasheet HTML 2Page - EPCOS B39791-B5113-U410 Datasheet HTML 3Page - EPCOS B39791-B5113-U410 Datasheet HTML 4Page - EPCOS B39791-B5113-U410 Datasheet HTML 5Page - EPCOS B39791-B5113-U410 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
February 23, 2009
Important notes
The following applies to all products named in this publication:
1.
Some parts of this publication contain statements about the suitability of our products for
certain areas of application. These statements are based on our knowledge of typical
requirements that are often placed on our products in the areas of application concerned. We
nevertheless expressly point out that such statements cannot be regarded as binding
statements about the suitability of our products for a particular customer application.
As a rule, EPCOS is either unfamiliar with individual customer applications or less familiar
with them than the customers themselves. For these reasons, it is always ultimately incum-
bent on the customer to check and decide whether an EPCOS product with the properties
described in the product specification is suitable for use in a particular customer application.
2.
We also point out that in individual cases, a malfunction of electronic components or
failure before the end of their usual service life cannot be completely ruled out in the
current state of the art, even if they are operated as specified. In customer applications
requiring a very high level of operational safety and especially in customer applications in
which the malfunction or failure of an electronic component could endanger human life or
health (e.g. in accident prevention or life-saving systems), it must therefore be ensured by
means of suitable design of the customer application or other action taken by the customer
(e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained
by third parties in the event of malfunction or failure of an electronic component.
3.
The warnings, cautions and product-specific notes must be observed.
4.
In order to satisfy certain technical requirements, some of the products described in this
publication may contain substances subject to restrictions in certain jurisdictions (e.g.
because they are classed as hazardous). Useful information on this will be found in our
Material Data Sheets on the Internet (www.epcos.com/material). Should you have any more
detailed questions, please contact our sales offices.
5.
We constantly strive to improve our products. Consequently, the products described in this
publication may change from time to time. The same is true of the corresponding product
specifications. Please check therefore to what extent product descriptions and specifications
contained in this publication are still applicable before or when you place an order.
We also reserve the right to discontinue production and delivery of products. Conse-
quently, we cannot guarantee that all products named in this publication will always be avail-
able. The aforementioned does not apply in the case of individual agreements deviating from
the foregoing for customer-specific products.
6.
Unless otherwise agreed in individual contracts, all orders are subject to the current ver-
sion of the “General Terms of Delivery for Products and Services in the Electrical
Industry” published by the German Electrical and Electronics Industry Association
(ZVEI).
7.
The trade names EPCOS, BAOKE, Alu-X, CeraDiode, CSSP, CTVS, DSSP, MiniBlue, MKK,
MLSC, MotorCap, PCC, PhaseCap, PhaseMod, SIFERRIT, SIFI, SIKOREL, SilverCap, SIM-
DAD, SIMID, SineFormer, SIOV, SIP5D, SIP5K, ThermoFuse, WindCap are trademarks reg-
istered or pending in Europe and in other countries. Further information will be found on the
Internet at www.epcos.com/trademarks.


Similar Part No. - B39791-B5113-U410

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39791B4341P810 TDK-B39791B4341P810 Datasheet
133Kb / 9P
   SAW Components SAW Tx filter
B39791B5113U410 TDK-B39791B5113U410 Datasheet
79Kb / 6P
   SAW Components SAW RF filter for base stations
B39791B7929P810 TDK-B39791B7929P810 Datasheet
197Kb / 11P
   SAW Components SAW Duplexer
B39791B7942P810 TDK-B39791B7942P810 Datasheet
203Kb / 11P
   SAW Components SAW Duplexer
B39791B8530P810 TDK-B39791B8530P810 Datasheet
194Kb / 11P
   SAW Components SAW duplexer
More results

Similar Description - B39791-B5113-U410

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5107 EPCOS-B5107 Datasheet
56Kb / 6P
   SAW RF filter Basestation
B5124 EPCOS-B5124 Datasheet
67Kb / 7P
   SAW RF filter Basestation
B5117 EPCOS-B5117 Datasheet
46Kb / 6P
   SAW RF filter Basestation
logo
TriQuint Semiconductor
855049 TRIQUINT-855049_15 Datasheet
69Kb / 1P
   160 MHz CDMA SAW Filter for Basestation Transmitter Applications
logo
TDK Electronics
B39871B3440U410 TDK-B39871B3440U410 Datasheet
139Kb / 8P
   SAW RF filter
logo
Raltron Electronics Cor...
RSF-110.592-560-7050-TR RALTRON-RSF-110.592-560-7050-TR Datasheet
293Kb / 3P
   RF SAW FILTER
RSF-110.592-280-7050-TR RALTRON-RSF-110.592-280-7050-TR Datasheet
220Kb / 3P
   RF SAW FILTER
logo
TDK Electronics
B39921B4301F210 TDK-B39921B4301F210 Datasheet
84Kb / 6P
   SAW RF filter
logo
EPCOS
B3712 EPCOS-B3712_11 Datasheet
51Kb / 6P
   SAW RF filter
logo
Raltron Electronics Cor...
RSF-164.175-122-7050-TR RALTRON-RSF-164.175-122-7050-TR Datasheet
302Kb / 3P
   RF SAW FILTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com