Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM16Z2BMPV20 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MCM16Z2BMPV20
Description  M68HC16Z Series
Download  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCM16Z2BMPV20 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MCM16Z2BMPV20 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCM16Z2BMPV20 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCM16Z2BMPV20 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCM16Z2BMPV20 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCM16Z2BMPV20 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCM16Z2BMPV20 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCM16Z2BMPV20 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCM16Z2BMPV20 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCM16Z2BMPV20 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 500 page
background image
M68HC16 Z SERIES
USER’S MANUAL
(Continued)
Paragraph
Title
Page
TABLE OF CONTENTS
5.5.1.7
Function Codes .......................................................................5-32
5.5.1.8
Data Size Acknowledge Signals .............................................5-32
5.5.1.9
Bus Error Signal ......................................................................5-33
5.5.1.10
Halt Signal ...............................................................................5-33
5.5.1.11
Autovector Signal ....................................................................5-33
5.5.2
Dynamic Bus Sizing ........................................................................5-33
5.5.3
Operand Alignment .........................................................................5-35
5.5.4
Misaligned Operands ......................................................................5-35
5.5.5
Operand Transfer Cases .................................................................5-35
5.6
Bus Operation .........................................................................................5-36
5.6.1
Synchronization to CLKOUT ...........................................................5-36
5.6.2
Regular Bus Cycle ...........................................................................5-37
5.6.2.1
Read Cycle ..............................................................................5-37
5.6.2.2
Write Cycle ..............................................................................5-38
5.6.3
Fast Termination Cycles ..................................................................5-39
5.6.4
CPU Space Cycles ..........................................................................5-40
5.6.4.1
Breakpoint Acknowledge Cycle ...............................................5-41
5.6.4.2
LPSTOP Broadcast Cycle .......................................................5-42
5.6.5
Bus Exception Control Cycles .........................................................5-43
5.6.5.1
Bus Errors ...............................................................................5-44
5.6.5.2
Double Bus Faults ...................................................................5-45
5.6.5.3
Halt Operation .........................................................................5-45
5.6.6
External Bus Arbitration ...................................................................5-46
5.6.6.1
Show Cycles ...........................................................................5-47
5.7
Reset .......................................................................................................5-48
5.7.1
Reset Exception Processing ...........................................................5-48
5.7.2
Reset Control Logic .........................................................................5-48
5.7.3
Reset Mode Selection .....................................................................5-49
5.7.3.1
Data Bus Mode Selection ........................................................5-50
5.7.3.2
Clock Mode Selection .............................................................5-52
5.7.3.3
Breakpoint Mode Selection .....................................................5-52
5.7.4
MCU Module Pin Function During Reset ........................................5-52
5.7.5
Pin State During Reset ....................................................................5-53
5.7.5.1
Reset States of SIM Pins ........................................................5-54
5.7.5.2
Reset States of Pins Assigned to Other MCU Modules ..........5-54
5.7.6
Reset Timing ...................................................................................5-55
5.7.7
Power-On Reset ..............................................................................5-55
5.7.8
Use of the Three-State Control Pin .................................................5-56
5.7.9
Reset Processing Summary ............................................................5-57
5.7.10
Reset Status Register .....................................................................5-57
5.8
Interrupts .................................................................................................5-58
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MCM16Z2BMPV20

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCM16Z2BMPV20 FREESCALE-MCM16Z2BMPV20 Datasheet
5Mb / 500P
   Symbols and Operators, CPU16 Register Mnemonics
MCM16Z2BMPV20B1 FREESCALE-MCM16Z2BMPV20B1 Datasheet
5Mb / 500P
   Symbols and Operators, CPU16 Register Mnemonics
More results

Similar Description - MCM16Z2BMPV20

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC16Z1CEH25 FREESCALE-MC68HC16Z1CEH25 Datasheet
5Mb / 500P
   M68HC16Z Series
M68HC16Z FREESCALE-M68HC16Z Datasheet
5Mb / 500P
   M68HC16Z Series
MC68HC16ZUM FREESCALE-MC68HC16ZUM Datasheet
5Mb / 500P
   M68HC16Z Series users manual
MC68HC16Z1CAG16 FREESCALE-MC68HC16Z1CAG16 Datasheet
5Mb / 500P
   M68HC16Z Series users manual
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com