Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4304.5024 Datasheet(PDF) 3 Page - Schurter Inc.

Part # 4304.5024
Description  IEC Appliance Inlet C14 with Filter 2-Stage, Fuseholder 2-pole, Line Switch 2-pole
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4304.5024 Datasheet(HTML) 3 Page - Schurter Inc.

  4304.5024 Datasheet HTML 1Page - Schurter Inc. 4304.5024 Datasheet HTML 2Page - Schurter Inc. 4304.5024 Datasheet HTML 3Page - Schurter Inc. 4304.5024 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image

Power Entry Modules with Line Filter
FKID
www.schurter.com/pg06
EMC Products
Attenuation Loss
----differentialmode_____commonmode
Standardversion
1 A
2 A
4 A
6 A
10 A
Medicalversion(M5)
1 A
2 A
4 A
6 A
10 A
Variants
Socketandfusedrawerincluded
Type
Rated Current
[A]
Filter-Type
Fuseholder
Line Switch
Housing
Material: Housing
Comment
Order Number
FKID
1
Standard Version
2-pole
2-pole
45
Aluminum
-
4304.5061
FKID
2
Standard Version
2-pole
2-pole
45
Aluminum
-
4304.5062
FKID
4
Standard Version
2-pole
2-pole
45
Aluminum
-
4304.5063
FKID
6
Standard Version
2-pole
2-pole
45
Aluminum
-
4304.5064
FKID
10
Standard Version
2-pole
2-pole
45
Aluminum
-
4304.5065
FKID
1
Medical Version (M5)
2-pole
2-pole
45
Aluminum
-
4304.5081
FKID
2
Medical Version (M5)
2-pole
2-pole
45
Aluminum
-
4304.5082
FKID
4
Medical Version (M5)
2-pole
2-pole
45
Aluminum
-
4304.5083
FKID
6
Medical Version (M5)
2-pole
2-pole
45
Aluminum
-
4304.5084
FKID
10
Medical Version (M5)
2-pole
2-pole
45
Aluminum
-
4304.5085
FKID
1
Standard Version
2-pole
2-pole
45
Nickel plated steel
1)
4304.5021
FKID
2
Standard Version
2-pole
2-pole
45
Nickel plated steel
1)
4304.5022
FKID
4
Standard Version
2-pole
2-pole
45
Nickel plated steel
1)
4304.5023
FKID
6
Standard Version
2-pole
2-pole
45
Nickel plated steel
1)
4304.5024
FKID
10
Standard Version
2-pole
2-pole
45
Nickel plated steel
1)
4304.5025
FKID
2
Medical Version (M5)
2-pole
2-pole
45
Nickel plated steel
1)
4304.5067
1)Versionswithnickelplatedsteelenclosureareonphase-out.Fornewdesignswerecommendtheversionswithaluminumenclosure.


Similar Part No. - 4304.5024

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4304.5004 SCHURTER-4304.5004 Datasheet
527Kb / 5P
   IEC Appliance Inlet C14 with Filter 2-Stage, Fuseholder 1-pole, Line Switch 2-pole
04.01.2022
More results

Similar Description - 4304.5024

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FKID SCHURTER-FKID_18 Datasheet
503Kb / 5P
   IEC Appliance Inlet C14 with Filter 2-Stage, Fuseholder 2-pole, Line Switch 2-pole
FKID_1809 SCHURTER-FKID_1809 Datasheet
516Kb / 5P
   IEC Appliance Inlet C14 with Filter 2-Stage, Fuseholder 2-pole, Line Switch 2-pole
FKHD SCHURTER-FKHD_V01 Datasheet
527Kb / 5P
   IEC Appliance Inlet C14 with Filter 2-Stage, Fuseholder 1-pole, Line Switch 2-pole
04.01.2022
FKHD SCHURTER-FKHD Datasheet
675Kb / 4P
   IEC Appliance Inlet C14 with Filter 2-Stage, Fuseholder 1-pole, Line Switch 2-pole
FKI SCHURTER-FKI_18 Datasheet
522Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 2-pole, Line Switch 2-pole
FKI SCHURTER-FKI_V01 Datasheet
568Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 2-pole, Line Switch 2-pole
04.01.2022
FKHD SCHURTER-FKHD_18 Datasheet
517Kb / 5P
   IEC Appliance Inlet C14 with Filter 2-Stage, Fuseholder 1-pole, Line Switch 2-pole
FKI SCHURTER-FKI Datasheet
752Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 2-pole, Line Switch 2-pole
FKH SCHURTER-FKH Datasheet
751Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1-pole, Line Switch 2-pole
FKH SCHURTER-FKH_V01 Datasheet
565Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1-pole, Line Switch 2-pole
04.01.2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com