Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC003A5F Datasheet(PDF) 11 Page - Lineage Power Corporation

Part # SC003A5F
Description  SW/SC001/003 Series DC-DC Converter Power Modules 18-36V & 36-75Vdc Input; 3.3V-15Vdc Output; 1-3.5A Output Current
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

SC003A5F Datasheet(HTML) 11 Page - Lineage Power Corporation

Back Button SC003A5F Datasheet HTML 7Page - Lineage Power Corporation SC003A5F Datasheet HTML 8Page - Lineage Power Corporation SC003A5F Datasheet HTML 9Page - Lineage Power Corporation SC003A5F Datasheet HTML 10Page - Lineage Power Corporation SC003A5F Datasheet HTML 11Page - Lineage Power Corporation SC003A5F Datasheet HTML 12Page - Lineage Power Corporation SC003A5F Datasheet HTML 13Page - Lineage Power Corporation SC003A5F Datasheet HTML 14Page - Lineage Power Corporation SC003A5F Datasheet HTML 15Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
October 5, 2009
SW/SC001/003 Series DC-DC Power Module:
18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
LINEAGE POWER
11
Characteristic Curves (continued)
The following figures provide typical characteristics for the SC003A0A91 (5.0V, 3A) at 25ºC. The figures are identical
for either positive or negative Remote On/Off logic.
70
72
74
76
78
80
82
84
86
88
0
0.5
1
1.5
2
2.5
3
V I = 18V
V I = 27V
V I = 36V
OUTPUT CURRENT, Io (A)
TIME, t (5ms/div)
Figure 31. Converter Efficiency Vs Load.
Figure 34. Typical Start-Up Using Remote On/Off,
negative logic version shown.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
102030405060708090
100
110
3.0 m/ s (600 ft./min.)
2.0 m/ s (400 ft./min.)
1.0 m/ s (200 ft./min.)
Nat ural Convect ion
AMBIENT TEMPERATURE, TA
OC
TIME, t (1.0ms/div)
Figure 32. Derating Output Current versus Local
Ambient Temperature and Airflow.
Figure 35. Transient Response to Dynamic Load
Change from 50% to 75% to 50% of full load.
TIME, t (1
μs/div)
TIME, t (100
μs/div)
Figure 33. Typical Output Ripple and Noise, VIN=VIN,
nom IO=80% of IO, max.
Figure 36. Typical Start-Up Output Voltage Rise
Characteristic.


Similar Part No. - SC003A5F

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
SC003A5F LINEAGEPOWER-SC003A5F Datasheet
364Kb / 24P
   18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
SC003A5F91 LINEAGEPOWER-SC003A5F91 Datasheet
364Kb / 24P
   18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
SC003A5F91-SR LINEAGEPOWER-SC003A5F91-SR Datasheet
364Kb / 24P
   18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
SC003A5F91-SRZ LINEAGEPOWER-SC003A5F91-SRZ Datasheet
364Kb / 24P
   18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
SC003A5F91Z LINEAGEPOWER-SC003A5F91Z Datasheet
364Kb / 24P
   18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
More results

Similar Description - SC003A5F

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
SW001A0C91Z LINEAGEPOWER-SW001A0C91Z Datasheet
364Kb / 24P
   18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
QBVW025A0B LINEAGEPOWER-QBVW025A0B Datasheet
1Mb / 18P
   QBVW025A0B Series Power Modules; DC-DC Converters 36-75Vdc Input; 12Vdc Output; 25A Output Current
ver 1.3 May 16, 2012
logo
General Electric Compan...
QBVW025A0B GEC-QBVW025A0B Datasheet
1Mb / 19P
   Barracuda* Series; DC-DC Converter Power Modules 36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
Version 1.3 May 9, 2013
logo
Wall Industries,Inc.
LANC242.5W12 WALL-LANC242.5W12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 2.5 VDC Output at 3.5A
LANC243.3W12 WALL-LANC243.3W12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 3.3 VDC Output at 3.5A
logo
List of Unclassifed Man...
SHHD003A0A ETC2-SHHD003A0A Datasheet
865Kb / 16P
   SHHD003A0A Hammerhead* Series; DC-DC Converter Power Modules 18-75Vdc Input; 5.0Vdc, 3A, 15W Output
logo
Lineage Power Corporati...
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QSW025A0B1Z LINEAGEPOWER-QSW025A0B1Z Datasheet
416Kb / 16P
   36 - 75Vdc Input; 12Vdc Output; 25A Output Current
logo
Vishay Siliconix
EBVW020A0B VISHAY-EBVW020A0B Datasheet
1Mb / 16P
   36-75Vdc Input; 12Vdc Output; 20A Output Current
Data Sheet June 27, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com