Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGS Datasheet(PDF) 1 Page - Schurter Inc.

Part # FGS
Description  IEC Appliance Inlet C14 with Filter, Front or Rear side Mounting
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FGS Datasheet(HTML) 1 Page - Schurter Inc.

  FGS Datasheet HTML 1Page - Schurter Inc. FGS Datasheet HTML 2Page - Schurter Inc. FGS Datasheet HTML 3Page - Schurter Inc. FGS Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image

Power Entry Modules with Line Filter
FGS
www.schurter.com/pg06
EMC Products
IEC Appliance Inlet C14 with Filter, Front or Rear side Mounting
Snap-In Version with quick connect terminals
6.3 x 0.8 mm
Screw-On Version with
quick connect terminals 6.3 x 0.8 mm
Screw-On Version with flexible wires
C14
70° C
Description
-PanelMount:
Snap-inorscrew-onmountingfromfrontorrear-side
-2Functions:
ApplianceInlet,Line-filterinstandardversion
-Quickconnectterminalsorwires
Approvals
-VDELicenseNumber:40004665
-ULLicenseNumber:E72928
Characteristics
-Compactdesignwithoptimalshielding
-Allsingleelementsarealreadywired
-Forstandardapplications
-QualifiedforuseinequipmentaccordingIEC/EN60950
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,MatingConnectors,e-Store,
Distributor-Stock-Check,Accessories
Technical Data
RatingsIEC
1-10A@Ta40°C/250VAC;50Hz
RatingsUL/CSA
1-10A@Ta40°C/125VAC;60Hz
DielectricStrength
>1.7kVDCbetweenL-N
>2.7kVDCbetweenL/N-PE
Testvoltage(2sec)
ImpulseWithstandVoltage
>2.5kVbetweenL-N
>5kVbetweenL/N-PE
AllowableOperationTemp.
-25°Cto85°C
ClimaticCategory
25/085/21acc.toIEC60068-1
DegreeofProtection
fromfrontsideIP40acc.toIEC60529
ProtectionClass
Suitableforapplianceswithprotection
class1acc.toIEC61140
Terminal
QuickconnectterminalsorwiresQuick
connectterminals6.3x0.8mmstraight
PanelThicknesss
Screwmax8mm
Mountingscrewtorquemax0.5Nm
Snap-in1mmto3mm
Aluminium1.5-3mm,steel1-3mm,not
suitableforplasticmaterial
Material:Housing
Thermoplastic,black,UL94V-0
Appliance-Inlet/-Outlet
C14acc.toIEC/EN60320-1,
UL498,CSAC22.2no.42(forcold
conditions)pin-temperature70°C,10A,
ProtectionClass1
LineFilter
StandardVersion,IEC60939,UL1283,
EN133200,CSAC22.2no.8
Technicaldetails
MTBF
>3'100'000hacc.toMIL-HB-217F


Similar Part No. - FGS

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FGS SCHURTER-FGS Datasheet
523Kb / 6P
   IEC Appliance Inlet C14 with Filter, Front or Rear side Mounting
17.08.2020
logo
Level One
FGS-2800 LVL1-FGS-2800 Datasheet
502Kb / 4P
   IEEE 802.1p QoS with 4 priority queues
logo
Fairchild Semiconductor
FGS15N40L FAIRCHILD-FGS15N40L Datasheet
204Kb / 6P
   Electrical Characteristics of IGBT
FGS15N40L FAIRCHILD-FGS15N40L Datasheet
210Kb / 6P
   High Input Impedance
FGS15N40LTF FAIRCHILD-FGS15N40LTF Datasheet
210Kb / 6P
   High Input Impedance
More results

Similar Description - FGS

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FGS SCHURTER-FGS_V01 Datasheet
523Kb / 6P
   IEC Appliance Inlet C14 with Filter, Front or Rear side Mounting
17.08.2020
5120 SCHURTER-5120_V01 Datasheet
1Mb / 12P
   IEC Appliance Inlet C14 or C18 with Filter, ECO design, Front- or Rear Side Mounting
5120 SCHURTER-5120_V02 Datasheet
1Mb / 12P
   IEC Appliance Inlet C14 or C18 with Filter, ECO design, Front- or Rear Side Mounting
04.01.2022
5120 SCHURTER-5120 Datasheet
881Kb / 6P
   IEC Appliance Inlet C14 or C18 with Filter, ECO design, Front- or Rear Side Mounting
5120 SCHURTER-5120_18 Datasheet
1,009Kb / 11P
   IEC Appliance Inlet C14 or C18 with Filter, ECO design, Front- or Rear Side Mounting
C20F SCHURTER-C20F_V01 Datasheet
769Kb / 8P
   IEC Appliance Inlet C20 with Filter, Front or Rear Side Mounting
04.01.2022
C20F SCHURTER-C20F Datasheet
630Kb / 5P
   IEC Appliance Inlet C20 with Filter, Front or Rear Side Mounting
C20F SCHURTER-C20F_18 Datasheet
623Kb / 7P
   IEC Appliance Inlet C20 with Filter, Front or Rear Side Mounting
DC12 SCHURTER-DC12 Datasheet
928Kb / 7P
   IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, Front or Rear Side Mounting
DC12 SCHURTER-DC12_15 Datasheet
1,016Kb / 9P
   IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, Front or Rear Side Mounting
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com