Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MV60539-MP7 Datasheet(PDF) 2 Page - QT Optoelectronics

Part # MV60539-MP7
Description  PCB MOUNT LED INDICATORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QT [QT Optoelectronics]
Direct Link  http://www.fairchildsemi.com/
Logo QT - QT Optoelectronics

MV60539-MP7 Datasheet(HTML) 2 Page - QT Optoelectronics

  MV60539-MP7 Datasheet HTML 1Page - QT Optoelectronics MV60539-MP7 Datasheet HTML 2Page - QT Optoelectronics MV60539-MP7 Datasheet HTML 3Page - QT Optoelectronics MV60539-MP7 Datasheet HTML 4Page - QT Optoelectronics MV60539-MP7 Datasheet HTML 5Page - QT Optoelectronics MV60539-MP7 Datasheet HTML 6Page - QT Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PCB MOUNT LED INDICATORS
Page 2 of 6
PACKAGE DIMENSIONS
@
PKG.
PART NUMBER
COLOR
VF
mcd
mA
FIG.
MV5064.MP4A
RED
1.6
1.5
20
4A
MV5364.MP4A
YELLOW
2.1
2.0
10
4A
MV5464.MP4A
GREEN
2.2
5.0
20
4A
MV5764.MP4A
H-E RED
2.0
2.0
10
4A
MV5064.MP4B
RED
1.6
1.5
20
4B
MV5364.MP4B
YELLOW
2.1
2.0
10
4B
MV5464.MP4B
GREEN
2.2
5.0
20
4B
MV5764.MP4B
H-E RED
2.0
2.0
10
4B
LOW CURRENT (2mA)
HLMP-1700.MP4A
H-E RED
1.8
2.0
2
4A
HLMP-1719.MP4A
YELLOW
1.9
2.0
2
4A
HLMP-1790.MP4A
GREEN
1.9
2.0
2
4A
HLMP-1700.MP4B
H-E RED
1.8
2.0
2
4B
HLMP-1719.MP4B
YELLOW
1.9
2.0
2
4B
HLMP-1790.MP4B
GREEN
1.9
2.0
2
4B
AIGaAs RED
HLMP-K101.MP4A
AIGaAs RED
1.8
45.0
20
4A
HLMP-K105.MP4A
AIGaAs RED*
1.8
65.0
20
4A
HLMP-K150.MP4A
AIGaAs RED
1.6
2.0
1
4A
HLMP-K155.MP4A
AIGaAs RED*
1.6
3.0
1
4A
HLMP-K101.MP4B
AIGaAs RED
1.8
45.0
20
4B
HLMP-K105.MP4B
AIGaAs RED*
1.8
65.0
20
4B
HLMP-K150.MP4B
AIGaAs RED
1.6
2.0
1
4B
HLMP-K155.MP4B
AIGaAs RED*
1.6
3.0
1
4B
INTEGRAL RESISTOR
MR5060.MP4A
RED
5.0
1.5
13
4A
MR5360.MP4A
YELLOW
5.0
4.0
10
4A
MR5460.MP4A
GREEN
5.0
4.0
12
4A
MR5760.MP4A
H-E RED
5.0
4.0
10
4A
MR5060.MP4B
RED
5.0
1.5
13
4B
MR5360.MP4B
YELLOW
5.0
4.0
10
4B
MR5460.MP4B
GREEN
5.0
4.0
12
4B
MR5760.MP4B
H-E RED
5.0
4.0
10
4B
T-1 (3mm)
@
PKG.
PART NUMBER
COLOR
VF
mcd
mA
FIG.
QLA694B-2H
B. RED/B. RED
2.1
1.4
10
4C
QLA694B-2I
H-E RED/H-E RED 2.0
6.0
10
4C
QLA694B-2G
GRN/GRN
2.1
6.0
10
4C
QLA694B-2Y
YEL/YEL
2.0
6.0
10
4C
QLA694B-HG
B. RED/GRN
2.1
1.4
10
4C
QLA694B-GY
GRN/YEL
2.1
6.0
10
4C
T-1 (3mm) bilevel
+
MAX
.180
(4.57)
.200
(5.08)
.400 MIN
(10.16)
.100 TYP
(2.54)
.025 (.63)
.015 (.37)
.120 DIA
(3.05)
.125
(3.18)
.250
(6.35)
.290 MAX
(7.37)
.185 REF
(4.70)
.025 (.63)
.015 (.37)
CATHODE
+
MAX
.180
(4.57)
.200
(5.08)
.400 MIN
(10.16)
.100 TYP
(2.54)
.025 (.63)
.015 (.37)
.120 DIA
(3.05)
.080
(2.03)
.250
(6.35)
.290 MAX
(7.37)
.185 REF
(4.70)
CATHODE
.025 (.63)
.015 (.37)
.100
(2.54)
.100
(2.54)
.169
(4.30)
+
+
.200
(5.08)
.354
(9.0)
.100
(2.54)
FIG. - 4A
FIG. - 4C
FIG. - 4B
GENERAL NOTES:
1. All dimensions are in inches (mm).
2. Tolerance is ± .015 (± .38) unless otherwise specified.
3. All electrical values are typical.
4. All parts have colored
diffused lens except those with
an asterik (*), which denotes colored
clear lens.
5. Custom color combinations are available.
First color indicated is on top, and the second color is on the bottom.
For example: QLA694B-GY has GRN(top)/YEL(bottom).


Similar Part No. - MV60539-MP7

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MV60539.MP5 FAIRCHILD-MV60539.MP5 Datasheet
376Kb / 7P
   PCB MOUNT LED INDICATORS
logo
QT Optoelectronics
MV60539.MP5 QT-MV60539.MP5 Datasheet
88Kb / 6P
   PCB MOUNT LED INDICATORS
logo
Fairchild Semiconductor
MV60539.MP6 FAIRCHILD-MV60539.MP6 Datasheet
376Kb / 7P
   PCB MOUNT LED INDICATORS
logo
QT Optoelectronics
MV60539.MP6 QT-MV60539.MP6 Datasheet
88Kb / 6P
   PCB MOUNT LED INDICATORS
logo
Fairchild Semiconductor
MV60539.MP7 FAIRCHILD-MV60539.MP7 Datasheet
376Kb / 7P
   PCB MOUNT LED INDICATORS
More results

Similar Description - MV60539-MP7

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MV5064.MP4A FAIRCHILD-MV5064.MP4A Datasheet
376Kb / 7P
   PCB MOUNT LED INDICATORS
logo
QT Optoelectronics
MV5000MP1 QT-MV5000MP1 Datasheet
88Kb / 6P
   PCB MOUNT LED INDICATORS
logo
Marl International Limi...
124-305-04 MARL-124-305-04_13 Datasheet
195Kb / 4P
   pcb led indicators
103-305-04 MARL-103-305-04_13 Datasheet
208Kb / 5P
   pcb led indicators
104-505-04 MARL-104-505-04_13 Datasheet
164Kb / 4P
   pcb led indicators
107-305-04 MARL-107-305-04_13 Datasheet
184Kb / 4P
   pcb led indicators
109-305-04 MARL-109-305-04_13 Datasheet
222Kb / 5P
   pcb led indicators
103-305-04 MARL-103-305-04_13 Datasheet
208Kb / 5P
   pcb led indicators
124-305-04 MARL-124-305-04_13 Datasheet
195Kb / 4P
   pcb led indicators
104-505-04 MARL-104-505-04_13 Datasheet
164Kb / 4P
   pcb led indicators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com