Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CUS15I30A Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # CUS15I30A
Description  Switching Mode Power Supply Applications Portable Equipment Battery Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CUS15I30A Datasheet(HTML) 3 Page - Toshiba Semiconductor

  CUS15I30A Datasheet HTML 1Page - Toshiba Semiconductor CUS15I30A Datasheet HTML 2Page - Toshiba Semiconductor CUS15I30A Datasheet HTML 3Page - Toshiba Semiconductor CUS15I30A Datasheet HTML 4Page - Toshiba Semiconductor CUS15I30A Datasheet HTML 5Page - Toshiba Semiconductor CUS15I30A Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CUS15I30A
2010-04-06
3
Marking
Abbreviation Code
Part No.
8
CUS15I30A
Standard Soldering Pad
Handling Precaution
Schottky barrier diodes have reverse current characteristics compared to other diodes.
There is a possibility SBD may cause thermal runaway when it is used under high temperature or high voltage.
Please take forward and reverse loss into consideration during design.
The absolute maximum ratings of a semiconductor device are a set of ratings that must not be exceeded,even for a
moment. Do not exceed any of these ratings. The following are the general derating methods that we recommend
when you design a circuit with a device.
VRRM: Use this rating with reference to the above. VRRM has a temperature coefficient of 0.1%/°C. Take
this temperature coefficient into account designing a device at low temperature.
IF(AV) : We recommend that the worst case current be no greater than 80% of the absolute maximum rating
of IF(AV) and Tj be below 120°C. When using this device, take the margin into consideration by
using an allowable Ta max-IF(AV) curve.
IFSM:
This rating specifies the non-repetitive peak current. This is only applied for an abnormal operation,
which seldom occurs during the lifespan of the device.
Tj:
Derate this rating when using a device in order to ensure high reliability. We recommend that the
device be used at a Tj of below 120°C.
Thermal resistance between junction and ambient fluctuates depending on the device’s mounting condition. When
using a device, design a circuit board and a soldering land size to match the appropriate thermal resistance value.
Please refer to the Rectifiers databook for further information.
Part No.(or abbreviation code)
Cathode mark and Lot code
Anode
Cathode
8
2.0
1.1
Unit: mm
0.5
0.8
0.8


Similar Part No. - CUS15I30A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CUS15I30A TOSHIBA-CUS15I30A Datasheet
2Mb / 84P
   Power Management System IC
2015-6-5
More results

Similar Description - CUS15I30A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CMS07 TOSHIBA-CMS07 Datasheet
129Kb / 5P
   Switching Mode Power Supply Applications Portable Equipment Battery Applications
CMS09 TOSHIBA-CMS09 Datasheet
134Kb / 5P
   Switching Mode Power Supply Applications Portable Equipment Battery Applications
CMS02 TOSHIBA-CMS02 Datasheet
118Kb / 5P
   Switching Mode Power Supply Applications Portable Equipment Battery Applications
CRS05 TOSHIBA-CRS05 Datasheet
175Kb / 5P
   Switching Mode Power Supply Applications Portable Equipment Battery Applications
CRS08 TOSHIBA-CRS08 Datasheet
174Kb / 5P
   Switching Mode Power Supply Applications Portable Equipment Battery Applications
CUS05 TOSHIBA-CUS05 Datasheet
180Kb / 5P
   Switching Mode Power Supply Applications Portable Equipment Battery Application
CUS06 TOSHIBA-CUS06 Datasheet
174Kb / 5P
   Switching Mode Power Supply Applications Portable Equipment Battery Application
CMS16 TOSHIBA-CMS16 Datasheet
182Kb / 6P
   Switching Mode Power Supply Applications Portable Equipment Battery Applications DC-DC Converter Applications
CMS04 TOSHIBA-CMS04 Datasheet
183Kb / 4P
   Switching Mode Podwe Supply Appications Portable Equipment Battery Applications
CMS05 TOSHIBA-CMS05 Datasheet
164Kb / 4P
   SWITHING MODE POWER SUPPLY APPLICATIONS PORTABLE EQUIPMENT BATTARY APPLICATIONS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com