Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68HC11K3VFU3 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MC68HC11K3VFU3
Description  8-Bit Microcontroller
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC11K3VFU3 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC68HC11K3VFU3 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC68HC11K3VFU3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC68HC11K3VFU3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC68HC11K3VFU3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC68HC11K3VFU3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC68HC11K3VFU3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC68HC11K3VFU3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC68HC11K3VFU3 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC68HC11K3VFU3 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 80 page
background image
MOTOROLA
M68HC11 K Series
6
MC68HC11KTS/D
Figure 2 Pin Assignments for 80-Pin 14 mm X 14 mm TQFP
14
15
1
2
3
4
5
6
7
8
9
45
59
58
57
56
55
54
53
52
51
50
10
11
12
13
49
48
47
46
16
60
PB6/ADDR14
PB5/ADDR13
PA3/OC5/IC4/OC1
PA4/OC4/OC1
PA5/OC3/OC1
PA6/OC2/OC1
PA7/PAI/OC1
PD5/SS
PD4/SCK
PD3/MOSI
PA1/IC2
PA2/IC1
PA0/IC3
VDD
VSS
PB7/ADDR15
PE2/AN2
VRL
PE0/AN0
PE1/AN1
PE3/AN3
PE4/AN4
PF0/ADDR0
PF1/ADDR1
PF2/ADDR2
PF3/ADDR3
PF4/ADDR4
PF5/ADDR5
PF6/ADDR6
PF7/ADDR7
AVSS
VRH
MC68HC11K SERIES
44
PE5/AN5
PB4/ADDR12
17
PB3/ADDR11
PB2/ADDR10
PB1/ADDR9
18
19
20
PE6/AN6
PE7/AN7
AVDD
43
42
41
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC68HC11K3VFU3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC11K3VFU3 MOTOROLA-MC68HC11K3VFU3 Datasheet
420Kb / 80P
   Technical Summary 8-Bit Microcontroller
logo
Freescale Semiconductor...
MC68HC11K3VFU3 FREESCALE-MC68HC11K3VFU3 Datasheet
17Mb / 229P
   HCMOS MICROCONTROLLER UNIT
logo
NXP Semiconductors
MC68HC11K3VFU3 NXP-MC68HC11K3VFU3 Datasheet
909Kb / 80P
   8-Bit Microcontroller
MC68HC11K3VFU3 NXP-MC68HC11K3VFU3 Datasheet
18Mb / 229P
   HCMOS MICROCONTROLLER UNIT
More results

Similar Description - MC68HC11K3VFU3

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com