Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TJA1054U Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TJA1054U
Description  Fault-tolerant CAN transceiver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TJA1054U Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TJA1054U Datasheet HTML 7Page - NXP Semiconductors TJA1054U Datasheet HTML 8Page - NXP Semiconductors TJA1054U Datasheet HTML 9Page - NXP Semiconductors TJA1054U Datasheet HTML 10Page - NXP Semiconductors TJA1054U Datasheet HTML 11Page - NXP Semiconductors TJA1054U Datasheet HTML 12Page - NXP Semiconductors TJA1054U Datasheet HTML 13Page - NXP Semiconductors TJA1054U Datasheet HTML 14Page - NXP Semiconductors TJA1054U Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
TJA1054
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 4 — 3 August 2010
11 of 25
NXP Semiconductors
TJA1054
Fault-tolerant CAN transceiver
10. Static characteristics
Table 8.
Static characteristics
VCC = 4.75 V to 5.25 V; VBAT = 5.0 V to 27 V; VSTB =VCC; Tvj = 40 °C to +150 °C; all voltages are defined with respect to
ground; positive currents flow into the device; unless otherwise specified.[1][2][3]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies (pins VCC and BAT)
VCC
supply voltage
4.75
-
5.25
V
VCC(stb)
supply voltage for forced
standby mode (fail-safe)
2.75
-
4.5
V
ICC
supply current
normal operating mode;
VTXD =VCC (recessive)
47
11
mA
normal operating mode;
VTXD = 0 V (dominant); no load
10
17
27
mA
low power modes at VTXD =VCC
00
10
μA
VBAT
battery supply voltage
on pin BAT
no time limit
−0.3
-
+40
V
operating mode
5.0
-
27
V
load dump
-
-
40
V
IBAT
battery supply current
on pin BAT
all modes and in low power
modes at
VRTL =VWAKE =VINH =VBAT
VBAT =12 V
10
30
50
μA
VBAT = 5 V to 27 V
5
30
125
μA
VBAT = 3.5 V
5
20
30
μA
VBAT =1V
0
0
10
μA
sleep mode; VCC =0 V;
VBAT =12V
-
30
50
μA
VBAT(Pwon)
power-on flag voltage
on pin BAT
low power modes
power-on flag set
-
-
1
V
power-on flag not set
3.5
-
-
V
Itot
supply current plus
battery current
low power modes; VCC =5V;
VBAT =VWAKE =VINH =12V
-30
60
μA
Pins STB, EN and TXD
VIH
HIGH-level input voltage
0.7VCC
-VCC +0.3
V
VIL
LOW-level input voltage
−0.3
-
0.3VCC
V
IIH
HIGH-level input current
pins STB and EN
VI = 4 V
-
9
20
μA
pin TXD
VI = 4 V
−200
−80
−25
μA
IIL
LOW-level input current
pins STB and EN
VI =1V
4
8
-
μA
pin TXD
VI =1V
−800
−320
−100
μA


Similar Part No. - TJA1054U

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1054U NXP-TJA1054U Datasheet
146Kb / 25P
   Fault-tolerant CAN transceiver
Rev. 04-24 September 2009
More results

Similar Description - TJA1054U

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA82C252 PHILIPS-PCA82C252 Datasheet
112Kb / 20P
   Fault-tolerant CAN transceiver
1997 Oct 28
TJA1053 PHILIPS-TJA1053 Datasheet
113Kb / 20P
   Fault-tolerant CAN transceiver
1997 Oct 15
logo
ON Semiconductor
AMIS-41682 ONSEMI-AMIS-41682 Datasheet
270Kb / 16P
   Fault Tolerant CAN Transceiver
June, 2010 ??Rev. 8
logo
NXP Semiconductors
TJA1054 NXP-TJA1054 Datasheet
146Kb / 25P
   Fault-tolerant CAN transceiver
Rev. 04-24 September 2009
logo
STMicroelectronics
L9669 STMICROELECTRONICS-L9669 Datasheet
205Kb / 13P
   FAULT TOLERANT CAN TRANSCEIVER
logo
AMI SEMICONDUCTOR
AMIS-4168X AMI-AMIS-4168X Datasheet
625Kb / 18P
   Fault Tolerant CAN Transceiver
logo
NXP Semiconductors
TJA1054 PHILIPS-TJA1054 Datasheet
124Kb / 20P
   Fault-tolerant CAN transceiver
1999 Feb 11
logo
ON Semiconductor
AMIS41682NGA ONSEMI-AMIS41682NGA Datasheet
259Kb / 16P
   Fault Tolerant CAN Transceiver
June, 2010 ??Rev. 8
logo
NXP Semiconductors
TJA1054A NXP-TJA1054A Datasheet
152Kb / 27P
   Fault-tolerant CAN transceiver
Rev. 05-29 September 2009
logo
ON Semiconductor
AMIS-41682 ONSEMI-AMIS-41682_15 Datasheet
219Kb / 16P
   Fault Tolerant CAN Transceiver
April, 2015 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com