Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS402L Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # RS402L
Description  SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Ampere)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

RS402L Datasheet(HTML) 1 Page - Rectron Semiconductor

  RS402L Datasheet HTML 1Page - Rectron Semiconductor RS402L Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE-PHASE GLASS PASSIVATED
VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Ampere
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* Ideal for printed circuit board
* Surge overload rating: 200 amperes peak
* Mounting position: Any
* Weight: 4.8 grams
* Molded structure
* UL listed the recognized component directory, file #E94233
* Epoxy: Device has UL flammability classification 94V-O
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
RS401L
THRU
RS407L
RS-4L
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
NOTES : Measured at 1 MHZ and applied reverse voltage of 4.0 volts
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
Dimensions in inches and (millimeters)
SILICON BRIDGE RECTIFIER
2001-5
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Output Current TA = 75
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note)
Operating Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
T J
C J
VRMS
Volts
Volts
Amps
4.0
200
40
-55 to + 150
Amps
0 C
pF
UNITS
Storage Temperature Range
T STG
-55 to + 150
0 C
50
100
200
400
600
800
1000
70
35
140
280
420
700
560
50
200
400
600
800
1000
100
RS401L
RS402L
RS403L
RS404L RS405L
RS406L
RS407L
Volts
Maximum Reverse Current at Rated
CHARACTERISTICS
Dc Blocking Voltage per element
VF
SYMBOL
IR
1.0
1
Maximum Forward Voltage Drop per Bridgeat
Volts
@TA = 25
oC
@TA = 100
oC
10
Element at 4.0A DC
uAmps
mAmps
UNITS
RS401L
RS402L
RS403L
RS404L RS405L
RS406L
RS407L
.236 (6.0)
.256 (6.5)
.220 (5.6)
.640 (16.3)
.600 (15.2)
.580 (14.7)
.768 (19.5)
.728 (18.5)
.540 (13.7)
.048 (1.2) TYP.
.052 (1.3) DIA.
.180 (4.6)
.083
(2.1)
.750
(19.0)
MIN.
AC
MECHANICAL DATA


Similar Part No. - RS402L

ManufacturerPart #DatasheetDescription
logo
Bytes
RS402L BYTES-RS402L Datasheet
146Kb / 2P
   SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
Kwang Myoung I.S. CO.,L...
RS402L KISEMICONDUCTOR-RS402L Datasheet
74Kb / 2P
   4 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Formosa MS
RS402L FORMOSA-RS402L Datasheet
30Kb / 2P
   SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
SynSemi, Inc.
RS402L SYNSEMI-RS402L Datasheet
410Kb / 2P
   Glass Passivated Single-Phase Bridge Recitifiers
logo
GOOD-ARK Electronics
RS402L GOOD-ARK-RS402L Datasheet
49Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
More results

Similar Description - RS402L

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RS401M RECTRON-RS401M Datasheet
24Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Ampere)
RBU401M RECTRON-RBU401M Datasheet
231Kb / 3P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Ampere
MSB407S RECTRON-MSB407S Datasheet
135Kb / 6P
   VOLTAGE RANGE 1000 Volts CURRENT 4.0 Ampere SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
2019-07 REV:D
MDA970G1 RECTRON-MDA970G1 Datasheet
22Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Amperes)
MDA970G1 RECTRON-MDA970G1_07 Datasheet
236Kb / 3P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Amperes
RBU401M RECTRON-RBU401M_10 Datasheet
243Kb / 6P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Amperes
KBL401 RECTRON-KBL401 Datasheet
125Kb / 5P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Amperes
2020-04/10 REV:A
logo
Kingtronics Internation...
KBL4005-KBL410 KINGTRONICS-KBL4005-KBL410_16 Datasheet
334Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Ampere
logo
Rectron Semiconductor
MDA100G RECTRON-MDA100G Datasheet
21Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
RS101 RECTRON-RS101 Datasheet
21Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com