Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS168X-CB2DF080N Datasheet(PDF) 3 Page - Schurter Inc.

Part # AS168X-CB2DF080N
Description  MANUAL MOTOR CONTROLLER AND SUPPLEMENTARY PROTECTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

AS168X-CB2DF080N Datasheet(HTML) 3 Page - Schurter Inc.

  AS168X-CB2DF080N Datasheet HTML 1Page - Schurter Inc. AS168X-CB2DF080N Datasheet HTML 2Page - Schurter Inc. AS168X-CB2DF080N Datasheet HTML 3Page - Schurter Inc. AS168X-CB2DF080N Datasheet HTML 4Page - Schurter Inc. AS168X-CB2DF080N Datasheet HTML 5Page - Schurter Inc. AS168X-CB2DF080N Datasheet HTML 6Page - Schurter Inc. AS168X-CB2DF080N Datasheet HTML 7Page - Schurter Inc. AS168X-CB2DF080N Datasheet HTML 8Page - Schurter Inc. AS168X-CB2DF080N Datasheet HTML 9Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.schurter.com
125
MANUAL MOTOR CONTROLLER AND SUPPLEMENTARY PROTECTOR
MOTOR- UND GERÄTESCHUTZSCHALTER
AS168X
Technical data / Technische Daten
Pole / Pole:
Rated voltage Ue
AC versions / AC Versionen F; G; H
AC 480/277 V; DC 65 V
Nennspannung Ue
DC versions / DC Versionen DF; DG; DH
DC 180 V 1 pole / 1polig
DC 360 V
2 – 3 pole / 2 – 3polig
Note: The connection polarity must be strictly
observed. An application with a DC Type AS168X
in an AC network is not allowed.
Hinweis: Die Anschlusspolarität muss unbedingt
beachtet werden. Eine Anwendung von
DC Versionen in AC Netzen ist nicht zulässig.
Rated current In
See approvals, page 126
AC/DC 0,5 – 52 A
Nennstrom In
Siehe Approbationen Seite 126
AC/DC 0,5 – 52 A
Endurance
Number of cycles at In
6000
Lebensdauer
Anzahl Schaltspiele bei In
6000
Type of tripping
Thermal magnetic / thermisch-magnetisch
TM
Auslöseart
Positively trip-free / positive Freiauslösung
Type of actuation / Betätigungsart
Manual ON/OFF / Manuell EIN/AUS
S-type / S-Typ
Permissible wire cross section
1,5 – 25 mm2 /AWG #16...4
Zulässiger Leiterquerschnitt
1,5 – 25 mm2 /AWG #16...4
Switched neutral / Schaltbarer, neutraler Pol:
Rated voltage Ue / Nennspannung Ue
AC 277 V
Rated current In / Nennstrom In
AC/DC 65 A
Function
The switched neutral closes with
manual closure of the poles and opens
automatically with thermal magnetic
tripping of the poles.
Tripping characteristic DF
Auslösekennlinie DF
Tripping characteristic DG
Auslösekennlinie DG
Tripping characteristic DH
Auslösekennlinie DH
Multiple of rated current (x In)
Nennstrom-Vielfaches (x In)
1
10
100
1000 x In
0,1ms
1ms
10ms
0,1s
1s
10s
100s
1000s
1hr
Multiple of rated current (x In)
Nennstrom-Vielfaches (x In)
1
10
100
1000 x In
0,1ms
1ms
10ms
0,1s
1s
10s
100s
1000s
1hr
Multiple of rated current (x In)
Nennstrom-Vielfaches (x In)
1
10
100
1000 x In
0,1ms
1ms
10ms
0,1s
1s
10s
100s
1000s
1hr


Similar Part No. - AS168X-CB2DF080N

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
AS168XAC1 SCHURTER-AS168XAC1 Datasheet
511Kb / 8P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 1 pole
AS168XAC2 SCHURTER-AS168XAC2 Datasheet
523Kb / 8P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 2 poles
AS168XAC2 SCHURTER-AS168XAC2 Datasheet
558Kb / 9P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 2 poles
AS168XAC2 SCHURTER-AS168XAC2_V01 Datasheet
558Kb / 9P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 2 poles
AS168XAC3 SCHURTER-AS168XAC3 Datasheet
528Kb / 8P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 3 poles
More results

Similar Description - AS168X-CB2DF080N

ManufacturerPart #DatasheetDescription
logo
Altech corporation
2BU05R ALTECH-2BU05R Datasheet
140Kb / 2P
   R-Series - UL1077 Supplementary Protector
2CU05R ALTECH-2CU05R Datasheet
140Kb / 2P
   R-Series - UL1077 Supplementary Protector
3DU05R ALTECH-3DU05R Datasheet
143Kb / 2P
   R-Series - UL1077 Supplementary Protector
1CU05R ALTECH-1CU05R Datasheet
128Kb / 2P
   R-Series - UL1077 Supplementary Protector
2DU05R ALTECH-2DU05R Datasheet
142Kb / 2P
   R-Series - UL1077 Supplementary Protector
3BU05R ALTECH-3BU05R Datasheet
142Kb / 2P
   R-Series - UL1077 Supplementary Protector
3CU05R ALTECH-3CU05R Datasheet
142Kb / 2P
   R-Series - UL1077 Supplementary Protector
logo
Schneider Electric
MG27338 SCHNEIDER-MG27338 Datasheet
52Kb / 1P
   SUPPLEMENTARY PROTECTOR 277V 40A 1P
logo
Altech corporation
TR-11CX630.5A ALTECH-TR-11CX630.5A Datasheet
483Kb / 3P
   UL1077 Recognized Supplementary Protector/ Circuit Breaker for Equipment
logo
List of Unclassifed Man...
HBLDS6SSAC ETC2-HBLDS6SSAC Datasheet
891Kb / 12P
   Manual Motor Controllers and Disconnects
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com