Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC18IS602B Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SC18IS602B
Description  I2C-bus to SPI bridge
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC18IS602B Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SC18IS602B Datasheet HTML 3Page - NXP Semiconductors SC18IS602B Datasheet HTML 4Page - NXP Semiconductors SC18IS602B Datasheet HTML 5Page - NXP Semiconductors SC18IS602B Datasheet HTML 6Page - NXP Semiconductors SC18IS602B Datasheet HTML 7Page - NXP Semiconductors SC18IS602B Datasheet HTML 8Page - NXP Semiconductors SC18IS602B Datasheet HTML 9Page - NXP Semiconductors SC18IS602B Datasheet HTML 10Page - NXP Semiconductors SC18IS602B Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
SC18IS602B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 5 — 3 August 2010
7 of 25
NXP Semiconductors
SC18IS602B
I2C-bus to SPI bridge
7.1.5 Configure SPI Interface - Function ID F0h
The SPI hardware operating mode, data direction, and frequency can be changed by
sending a ‘Configure SPI Interface’ command to the I2C-bus.
After the SC18IS602B address is transmitted on the bus, the Configure SPI Interface
Function ID (F0h) is sent followed by a byte which will define the SPI communications.
The Clock Phase bit (CPHA) allows the user to set the edges for sampling and changing
data. The Clock Polarity bit (CPOL) allows the user to set the clock polarity. Figure 19 and
Figure 20 show the different settings of Clock Phase bit CPHA.
Fig 9.
Configure SPI Interface
Table 4.
Configure SPI Interface (F0h) bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
X
X
ORDER
X
MODE1
MODE0
F1
F0
Reset
X
X
0
X
00
00
Table 5.
Configure SPI Interface (F0h) bit description
Bit
Symbol
Description
7:6
-
reserved
5
ORDER
When logic 0, the MSB of the data word is transmitted first.
If logic 1, the LSB of the data word is transmitted first.
4
-
reserved
3:2
MODE1:MODE0
Mode selection
00 - SPICLK LOW when idle; data clocked in on leading edge
(CPOL = 0, CPHA = 0)
01 - SPICLK LOW when idle; data clocked in on trailing edge
(CPOL = 0, CPHA = 1)
10 - SPICLK HIGH when idle; data clocked in on trailing edge
(CPOL = 1, CPHA = 0)
11 - SPICLK HIGH when idle; data clocked in on leading edge
(CPOL = 1, CPHA = 1)
1:0
F1:F0
SPI clock rate
00 - 1843 kHz
01 - 461 kHz
10 - 115 kHz
11 - 58 kHz
A
S
002aac450
P
W
SLAVE ADDRESS
F0h
A
A
DATA


Similar Part No. - SC18IS602B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC18IS602B NXP-SC18IS602B Datasheet
140Kb / 25P
   I2C-bus to SPI bridge
Rev. 04-11 March 2008
SC18IS602B NXP-SC18IS602B Datasheet
250Kb / 25P
   I2C-bus to SPI bridge
Rev. 7-21 October 2019
SC18IS602BIPW NXP-SC18IS602BIPW Datasheet
140Kb / 25P
   I2C-bus to SPI bridge
Rev. 04-11 March 2008
SC18IS602BIPW/S8 NXP-SC18IS602BIPW/S8 Datasheet
250Kb / 25P
   I2C-bus to SPI bridge
Rev. 7-21 October 2019
SC18IS602BIPW/S8HP NXP-SC18IS602BIPW/S8HP Datasheet
250Kb / 25P
   I2C-bus to SPI bridge
Rev. 7-21 October 2019
More results

Similar Description - SC18IS602B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC18IS606 NXP-SC18IS606 Datasheet
443Kb / 27P
   I2C-bus to SPI bridge
Rev.1.0-15 September 2021
SC18IS604 NXP-SC18IS604 Datasheet
503Kb / 29P
   SPI to I2C-bus bridge
Rev.1.0-22 September 2021
SC18IS602B NXP-SC18IS602B Datasheet
250Kb / 25P
   I2C-bus to SPI bridge
Rev. 7-21 October 2019
SC18IS602 NXP-SC18IS602 Datasheet
140Kb / 25P
   I2C-bus to SPI bridge
Rev. 04-11 March 2008
SC18IS600 NXP-SC18IS600 Datasheet
173Kb / 30P
   SPI to I2C-bus interface
Rev. 05-28 July 2008
SC18IM704 NXP-SC18IM704 Datasheet
491Kb / 28P
   UART to I2C-bus bridge
Rev.1.0-22 September 2021
logo
Diodes Incorporated
PI7C9X760 DIODES-PI7C9X760 Datasheet
3Mb / 53P
   I2C-bus/SPI to UART Bridge Controller w/ 64 bytes of TX/RX FIFOs
Rev 6 - 2 April 2019
logo
Maxim Integrated Produc...
DS28E18 MAXIM-DS28E18 Datasheet
1Mb / 70P
   1-Wire짰 to I2C/SPI Bridge with Command Sequencer
2020
logo
Epson Company
RX6110SA EPSON-RX6110SA Datasheet
302Kb / 2P
   REAL TIME CLOCK MODULE (SPI & I2C-Bus)
logo
NXP Semiconductors
PCA9564 PHILIPS-PCA9564_06 Datasheet
248Kb / 32P
   Parallel bus to I2C-bus controller
2006 Sep 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com