Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68L11K3FN3 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MC68L11K3FN3
Description  8-Bit Microcontroller
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68L11K3FN3 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MC68L11K3FN3 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC68L11K3FN3 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC68L11K3FN3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC68L11K3FN3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC68L11K3FN3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC68L11K3FN3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC68L11K3FN3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC68L11K3FN3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC68L11K3FN3 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 80 page
background image
Order this document
by MC68HC11KTS/D
© MOTOROLA INC., 1997
This document contains information on a new product. Specifications and information herein are subject to change without notice.
M68HC11 K Series
Technical Summary
8-Bit Microcontroller
The M68HC11 K-series microcontroller units (MCUs) are high-performance derivatives of the
MC68HC11F1
and
have
several
additional
features.
The
MC68HC11K0,
MC68HC11K1,
MC68HC11K3, MC68HC11K4 and MC68HC711K4 comprise the series. These MCUs, with a nonmul-
tiplexed expanded bus, are characterized by high speed and low power consumption. Their fully static
design allows operation at frequencies from 4 MHz to dc.
This document contains information concerning standard, custom-ROM, and extended-voltage devic-
es. Standard devices include those with disabled ROM (MC68HC11K1), disabled EEPROM
(MC68HC11K3), disabled ROM and EEPROM (MC68HC11K0), or EPROM replacing ROM
(MC68HC711K4). Custom-ROM devices have a ROM array that is programmed at the factory to cus-
tomer specifications. Extended-voltage devices are guaranteed to operate over a much greater voltage
range (3.0 Vdc to 5.5 Vdc) at lower frequencies than the standard devices. Refer to the device ordering
information tables for details concerning these differences.
1 Features
• M68HC11 CPU
• Power Saving STOP and WAIT Modes
• 768 Bytes RAM (All Saved During Standby)
• 24 Kbytes ROM or EPROM
• 640 Bytes Electrically Erasable Programmable Read Only Memory (EEPROM)
• Optional Security Feature Protects Memory Contents
• On-Chip Memory Mapping Logic Allows Expansion to Over 1 Mbyte of Address Space
• PROG Mode Allows Use of Standard EPROM Programmer (27C256 Footprint)
• Nonmultiplexed Address and Data Buses
• Four Programmable Chip Selects with Clock Stretching (Expanded Modes)
• Enhanced 16-Bit Timer with Four-Stage Programmable Prescaler
— Three Input Capture (IC) Channels
— Four Output Compare (OC) Channels
— One Additional Channel, Selectable as Fourth IC or Fifth OC
• 8-Bit Pulse Accumulator
• Four 8-Bit or Two 16-Bit Pulse Width Modulation (PWM) Timer Channels
• Real-Time Interrupt Circuit
• Computer Operating Properly (COP) Watchdog
• Clock Monitor
• Enhanced Asynchronous Nonreturn to Zero (NRZ) Serial Communications Interface (SCI)
• Enhanced Synchronous Serial Peripheral Interface (SPI)
• Eight-Channel 8-Bit Analog-to-Digital (A/D) Converter
• Seven Bidirectional Input/Output (I/O) Ports (54 Pins)
• One Fixed Input-Only Port (8 Pins)
• Available in 84-Pin Plastic Leaded Chip Carrier (PLCC), 84-Pin Windowed Ceramic Leaded Chip
Carrier (CLCC), and 80-Pin Quad Flat Pack (QFP)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC68L11K3FN3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68L11K3FN3 MOTOROLA-MC68L11K3FN3 Datasheet
420Kb / 80P
   8-Bit Microcontroller
MC68L11K3FN3 MOTOROLA-MC68L11K3FN3 Datasheet
420Kb / 80P
   Technical Summary 8-Bit Microcontroller
logo
Freescale Semiconductor...
MC68L11K3FN3 FREESCALE-MC68L11K3FN3 Datasheet
17Mb / 229P
   HCMOS MICROCONTROLLER UNIT
logo
NXP Semiconductors
MC68L11K3FN3 NXP-MC68L11K3FN3 Datasheet
909Kb / 80P
   8-Bit Microcontroller
MC68L11K3FN3 NXP-MC68L11K3FN3 Datasheet
18Mb / 229P
   HCMOS MICROCONTROLLER UNIT
More results

Similar Description - MC68L11K3FN3

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com