Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IP4359CX4 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # IP4359CX4
Description  Dual channel low capacitance high performance ESD protection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4359CX4 Datasheet(HTML) 4 Page - NXP Semiconductors

  IP4359CX4 Datasheet HTML 1Page - NXP Semiconductors IP4359CX4 Datasheet HTML 2Page - NXP Semiconductors IP4359CX4 Datasheet HTML 3Page - NXP Semiconductors IP4359CX4 Datasheet HTML 4Page - NXP Semiconductors IP4359CX4 Datasheet HTML 5Page - NXP Semiconductors IP4359CX4 Datasheet HTML 6Page - NXP Semiconductors IP4359CX4 Datasheet HTML 7Page - NXP Semiconductors IP4359CX4 Datasheet HTML 8Page - NXP Semiconductors IP4359CX4 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
IP4359CX4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 6 August 2010
4 of 12
NXP Semiconductors
IP4359CX4
Dual channel low capacitance ESD protection
6.
Application information
6.1 Insertion loss
The IP4359CX4 is mainly designed as an ESD protection device for high speed interfaces
such as USB 2.0, DVI and HDMI high speed data lines etc. The insertion loss
measurement configuration of a typical 50
Ω NetWork Analyzer (NWA) system for
evaluation of the IP4359CX4 is shown in Figure 1.
The insertion loss of IP4359CX4 is depicted in Figure 2.
Fig 1.
Frequency response measurement configuration
Pin A1 and pin A2 to ground.
Fig 2.
Measured insertion loss magnitude
OUT
001aai755
50
Ω
50
Ω
Vgen
DUT
IN
TEST BOARD
008aaa237
f (MHz)
10−1
103
104
102
110
−15
−25
−5
5
s21
(dB)
−35


Similar Part No. - IP4359CX4

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
IP4359CX4 NEXPERIA-IP4359CX4 Datasheet
609Kb / 13P
   Dual channel low capacitance high performance ESD protection
Rev. 1 - 6 August 2010
IP4359CX4LF NEXPERIA-IP4359CX4LF Datasheet
609Kb / 13P
   Dual channel low capacitance high performance ESD protection
Rev. 1 - 6 August 2010
IP4359CX4LF-H500 NEXPERIA-IP4359CX4LF-H500 Datasheet
609Kb / 13P
   Dual channel low capacitance high performance ESD protection
Rev. 1 - 6 August 2010
logo
NXP Semiconductors
IP4359CX4 PHILIPS-IP4359CX4_15 Datasheet
371Kb / 12P
   Dual channel low capacitance high performance ESD protection
Rev. 1-6 August 2010
More results

Similar Description - IP4359CX4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4359CX4 PHILIPS-IP4359CX4_15 Datasheet
371Kb / 12P
   Dual channel low capacitance high performance ESD protection
Rev. 1-6 August 2010
logo
Nexperia B.V. All right...
IP4359CX4 NEXPERIA-IP4359CX4 Datasheet
609Kb / 13P
   Dual channel low capacitance high performance ESD protection
Rev. 1 - 6 August 2010
IP4358CX6 NEXPERIA-IP4358CX6 Datasheet
582Kb / 12P
   Quad channel low capacitance high performance ESD protection
logo
Union Semiconductor, In...
UM5202EEDF UNIONSEMI-UM5202EEDF_14 Datasheet
99Kb / 5P
   Dual Channel Low Capacitance ESD Protection Array
logo
ON Semiconductor
ESD7272 ONSEMI-ESD7272 Datasheet
323Kb / 6P
   ESD Protection Diodes, Low Capacitance, Dual Channel
April, 2019 ??Rev. 0
logo
Union Semiconductor, In...
UM5202EEDF UNIONSEMI-UM5202EEDF Datasheet
83Kb / 5P
   Dual Channel Low Capacitance ESD Protection Array
logo
TECH PUBLIC Electronics...
IP4221CZ6-S TECHPUBLIC-IP4221CZ6-S Datasheet
1Mb / 4P
   Low-Capacitance 4-Channel ESD-Protection
logo
ON Semiconductor
CM1641 ONSEMI-CM1641_11 Datasheet
228Kb / 6P
   4-Channel Low Capacitance Dual-Voltage ESD Protection Array
April, 2011 ??Rev. 5
CM1241 ONSEMI-CM1241 Datasheet
391Kb / 12P
   4-Channel Low Capacitance Dual-Voltage ESD Protection Array
April 2010 ??Rev. 3
CM1241 ONSEMI-CM1241_11 Datasheet
274Kb / 7P
   4-Channel Low Capacitance Dual-Voltage ESD Protection Array
February, 2011 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com