Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B5054 Datasheet(PDF) 3 Page - EPCOS

Part # B5054
Description  SAW Rx filter TETRA
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5054 Datasheet(HTML) 3 Page - EPCOS

  B5054 Datasheet HTML 1Page - EPCOS B5054 Datasheet HTML 2Page - EPCOS B5054 Datasheet HTML 3Page - EPCOS B5054 Datasheet HTML 4Page - EPCOS B5054 Datasheet HTML 5Page - EPCOS B5054 Datasheet HTML 6Page - EPCOS B5054 Datasheet HTML 7Page - EPCOS B5054 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
April 01, 2008
B5054
455.00 MHz
SAW Components
SAW Rx filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
=
-30 ˚C to +70 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
455.00
MHz
Maximum insertion attenuation
α
max
450.0
...
460.0
MHz
2.2
3.01)
1) 2.5dB max at +15˚C to +35˚
dB
Amplitude ripple (p-p)
∆α
450.0
...
460.0
MHz
0.9
2.02)
2) 1.5dB max at +15˚C to +35˚
dB
Return Loss (VSWR)
450.0
...
460.0
MHz
1.8
2.1
dB
Attenuation
α
50.0
...
326.0
MHz
27
56
dB
326.0
...
445.0
MHz
12
18
dB
465.0
...
530.0
MHz
6
14
dB
530.0
...
611.0
MHz
27
50
dB
611.0
...
623.0
MHz
45
49
dB
623.0
... 1706.0
MHz
27
32
dB
1706.0
... 2100.0
MHz
27
30
dB


Similar Part No. - B5054

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5050 EPCOS-B5050 Datasheet
54Kb / 7P
   cdma2000
B5051 EPCOS-B5051 Datasheet
63Kb / 7P
   SAW IF filter WCDMA
B5052 EPCOS-B5052 Datasheet
87Kb / 8P
   SAW Rx filter TETRA
B5053 EPCOS-B5053 Datasheet
83Kb / 8P
   SAW Rx filter TETRA
B5055 EPCOS-B5055 Datasheet
86Kb / 8P
   SAW Rx filter TETRA
More results

Similar Description - B5054

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5053 EPCOS-B5053 Datasheet
83Kb / 8P
   SAW Rx filter TETRA
B5052 EPCOS-B5052 Datasheet
87Kb / 8P
   SAW Rx filter TETRA
B5055 EPCOS-B5055 Datasheet
86Kb / 8P
   SAW Rx filter TETRA
B5132 EPCOS-B5132 Datasheet
91Kb / 8P
   SAW filter TETRA
B5151 EPCOS-B5151 Datasheet
149Kb / 13P
   SAW RF filter TETRA
B5073 EPCOS-B5073 Datasheet
52Kb / 7P
   SAW RF filter TETRA
B5074 EPCOS-B5074 Datasheet
52Kb / 7P
   SAW RF filter TETRA
logo
TDK Electronics
B39202B5064U410 TDK-B39202B5064U410 Datasheet
252Kb / 12P
   SAW Rx filter
B39202B5072U410 TDK-B39202B5072U410 Datasheet
108Kb / 8P
   SAW Rx filter
B39881B4303F210 TDK-B39881B4303F210 Datasheet
134Kb / 10P
   SAW Rx filter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com