Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68S11PH8CPV3 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MC68S11PH8CPV3
Description  High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcomputer Unit
Download  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68S11PH8CPV3 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC68S11PH8CPV3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC68S11PH8CPV3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC68S11PH8CPV3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC68S11PH8CPV3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC68S11PH8CPV3 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC68S11PH8CPV3 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC68S11PH8CPV3 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC68S11PH8CPV3 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC68S11PH8CPV3 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 264 page
background image
MC68HC11PH8
MOTOROLA
i
TABLE OF CONTENTS
Paragraph
Number
Page
Number
Title
TABLE OF CONTENTS
1
INTRODUCTION
1.1
Features.................................................................................................................1-1
1.2
Mask options .........................................................................................................1-2
2
PIN DESCRIPTIONS
2.1
VDD and VSS ........................................................................................................2-2
2.2
RESET...................................................................................................................2-3
2.3
Crystal driver and external clock input (XTAL, EXTAL)..........................................2-3
2.4
E clock output (E) ..................................................................................................2-5
2.5
Phase-locked loop (XFC, VDDSYN, 4XOUT) ........................................................2-6
2.5.1
PLL operation...................................................................................................2-7
2.5.2
Synchronization of PLL with subsystems.........................................................2-8
2.5.3
Changing the PLL frequency ...........................................................................2-8
2.5.4
PLL registers....................................................................................................2-8
2.5.4.1
PLLCR — PLL control register ...................................................................2-9
2.5.4.2
SYNR — Synthesizer program register......................................................2-11
2.6
Interrupt request (IRQ) ..........................................................................................2-12
2.7
Nonmaskable interrupt (XIRQ/
VPPE)....................................................................2-12
2.8
MODA and MODB (MODA/LIR and MODB/VSTBY) .............................................2-13
2.9
VRH and VRL ........................................................................................................2-13
2.10
PG7/R/W ...............................................................................................................2-13
2.11
Port signals ............................................................................................................2-14
2.11.1
Port A ...............................................................................................................2-14
2.11.2
Port B ...............................................................................................................2-14
2.11.3
Port C ...............................................................................................................2-16
2.11.4
Port D ...............................................................................................................2-16
2.11.5
Port E ...............................................................................................................2-17
2.11.6
Port F ...............................................................................................................2-17
2.11.7
Port G...............................................................................................................2-17
2.11.8
Port H ...............................................................................................................2-18
2.12
LCD module...........................................................................................................2-18
2.12.1
LCDR — LCD control and data register...........................................................2-18
TPG
7


Similar Part No. - MC68S11PH8CPV3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68S711E9 MOTOROLA-MC68S711E9 Datasheet
678Kb / 4P
   CONFIG Register Programming for EEPROM-based M68HC11 Microcontrollers
MC68S711E9CFN2 MOTOROLA-MC68S711E9CFN2 Datasheet
3Mb / 336P
   Technical Data
MC68S711E9CFN2 MOTOROLA-MC68S711E9CFN2 Datasheet
3Mb / 268P
   Microcontrollers
logo
Freescale Semiconductor...
MC68S711E9CFN2 FREESCALE-MC68S711E9CFN2 Datasheet
1Mb / 242P
   HC11 Microcontrollers
logo
Motorola, Inc
MC68S711E9CFN2 MOTOROLA-MC68S711E9CFN2 Datasheet
3Mb / 268P
   8-channel, 8-bit analog-to-digital (A/D) converter
More results

Similar Description - MC68S11PH8CPV3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC11PH8 MOTOROLA-MC68HC11PH8 Datasheet
1Mb / 264P
   High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcomputer Unit
MC68HC05J3 MOTOROLA-MC68HC05J3 Datasheet
918Kb / 92P
   High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcomputer Unit
MC68HC05B4 MOTOROLA-MC68HC05B4 Datasheet
1Mb / 298P
   High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcomputer Unit
HC05 MOTOROLA-HC05 Datasheet
1Mb / 232P
   High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
MC68HC05T16 MOTOROLA-MC68HC05T16 Datasheet
711Kb / 128P
   High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
MC68HC11KG4 MOTOROLA-MC68HC11KG4 Datasheet
7Mb / 246P
   High-density complementary metal oxide semiconductor(HCMOS) microcontroller unit
logo
Freescale Semiconductor...
MC68HC05BD3 FREESCALE-MC68HC05BD3 Datasheet
8Mb / 112P
   High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
MC68HC05L28 FREESCALE-MC68HC05L28 Datasheet
706Kb / 124P
   High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
logo
NXP Semiconductors
MC68HC05P3 NXP-MC68HC05P3 Datasheet
9Mb / 114P
   High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
Rev. 2
logo
Motorola, Inc
MC68HC05F8 MOTOROLA-MC68HC05F8 Datasheet
1Mb / 126P
   High-density complementary metal oxide semiconductor(HCMOS) microcontroller unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com