Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4894B Datasheet(PDF) 8 Page - NXP Semiconductors

Part # HEF4894B
Description  12-stage shift-and-store register LED driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HEF4894B Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button HEF4894B Datasheet HTML 4Page - NXP Semiconductors HEF4894B Datasheet HTML 5Page - NXP Semiconductors HEF4894B Datasheet HTML 6Page - NXP Semiconductors HEF4894B Datasheet HTML 7Page - NXP Semiconductors HEF4894B Datasheet HTML 8Page - NXP Semiconductors HEF4894B Datasheet HTML 9Page - NXP Semiconductors HEF4894B Datasheet HTML 10Page - NXP Semiconductors HEF4894B Datasheet HTML 11Page - NXP Semiconductors HEF4894B Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
HEF4894B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 7 — 13 August 2010
8 of 19
NXP Semiconductors
HEF4894B
12-stage shift-and-store register LED driver
[1]
The typical values of the propagation delay and transition times are calculated from the extrapolation formulas shown (CL in pF).
[2]
ten is the same as tPZL and tdis is the same as tPLZ.
[3]
tt is the same as tTLH and tTHL.
ten
OE to QPn;
see Figure 8
5V
[2]
-100
200
ns
10 V
-
55
110
ns
15 V
-
50
100
ns
tdis
OE to QPn;
see Figure 8
5V
[2]
-
80
160
ns
10 V
-
40
80
ns
15 V
-
30
60
ns
tt
transition time
QS1, QS2;
see Figure 6
5V
[1][3]
35 ns + (1.00 ns/pF)CL
-
85
170
ns
10 V
19 ns + (0.42 ns/pF)CL
-40
80
ns
15 V
16 ns + (0.28 ns/pF)CL
-30
60
ns
tW
pulse width
CP; LOW and HIGH;
see Figure 6
5V
60
30
-
ns
10 V
30
15
-
ns
15 V
24
12
-
ns
STR; HIGH;
see Figure 7
5V
80
40
-
ns
10 V
60
30
-
ns
15 V
24
12
-
ns
tsu
set-up time
D to CP;
see Figure 9
5V
60
30
-
ns
10 V
20
10
-
ns
15 V
15
5
-
ns
th
hold time
D to CP;
see Figure 9
5V
+5
−15
-
ns
10 V
20
5
-
ns
15 V
20
5
-
ns
fclk(max)
maximum clock
frequency
CP; see Figure 6
5V
5
10
-
MHz
10 V
11
22
-
MHz
15 V
14
28
-
MHz
Table 7.
Dynamic characteristics …continued
VSS = 0 V; Tamb = 25 °C unless otherwise specified. For test circuit see Figure 10.
Symbol Parameter
Conditions
VDD
Extrapolation formula
Min
Typ
Max
Unit
Table 8.
Dynamic power dissipation
PD can be calculated from the formulas shown. VSS = 0 V; tr = tf 20 ns; Tamb = 25 °C.
Symbol Parameter
VDD
Typical formula
Where
PD
dynamic power
dissipation
5V
PD = 1200 × fi + Σ(fo × CL) × VDD2 μWfi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
Σ(f
o × CL) = sum of the outputs;
VDD = supply voltage in V.
10 V
PD = 5550 × fi + Σ(fo × CL) × VDD2 μW
15 V
PD = 15000 × fi + Σ(fo × CL) × VDD2 μW


Similar Part No. - HEF4894B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4894B PHILIPS-HEF4894B Datasheet
69Kb / 7P
   12-stage shift-and-store register LED driver
January 1995
HEF4894B PHILIPS-HEF4894B Datasheet
204Kb / 19P
   12-stage shift-and-store register LED driver
Rev. 8-22 November 2011
logo
Nexperia B.V. All right...
HEF4894B NEXPERIA-HEF4894B Datasheet
271Kb / 15P
   12-stage shift-and-store register LED driver
Rev. 10 - 23 November 2021
logo
NXP Semiconductors
HEF4894B-Q100 NXP-HEF4894B-Q100 Datasheet
1Mb / 2P
   NXP Logic ??Q100 logic portfolio
logo
Nexperia B.V. All right...
HEF4894B-Q100 NEXPERIA-HEF4894B-Q100 Datasheet
269Kb / 15P
   12-stage shift-and-store register LED driver
Rev. 2 - 23 November 2021
More results

Similar Description - HEF4894B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4894BT118 PHILIPS-HEF4894BT118 Datasheet
204Kb / 19P
   12-stage shift-and-store register LED driver
Rev. 8-22 November 2011
logo
Nexperia B.V. All right...
HEF4894B-Q100 NEXPERIA-HEF4894B-Q100 Datasheet
269Kb / 15P
   12-stage shift-and-store register LED driver
Rev. 2 - 23 November 2021
logo
NXP Semiconductors
HEF4894B PHILIPS-HEF4894B Datasheet
69Kb / 7P
   12-stage shift-and-store register LED driver
January 1995
logo
Nexperia B.V. All right...
HEF4894B NEXPERIA-HEF4894B Datasheet
271Kb / 15P
   12-stage shift-and-store register LED driver
Rev. 10 - 23 November 2021
logo
NXP Semiconductors
HEF4894B PHILIPS-HEF4894B_15 Datasheet
204Kb / 19P
   12-stage shift-and-store register LED driver
Rev. 8-22 November 2011
HEF4794B PHILIPS-HEF4794B_15 Datasheet
192Kb / 18P
   8-stage shift-and-store register LED driver
Rev. 7-16 November 2011
logo
Nexperia B.V. All right...
HEF4794B-Q100 NEXPERIA-HEF4794B-Q100 Datasheet
236Kb / 14P
   8-stage shift-and-store register LED driver
Rev. 2 - 7 November 2018
HEF4794B NEXPERIA-HEF4794B Datasheet
251Kb / 14P
   8-stage shift-and-store register LED driver
Rev. 10 - 6 January 2022
logo
NXP Semiconductors
HEF4794B PHILIPS-HEF4794B Datasheet
78Kb / 16P
   8-stage shift-and-store register LED driver
1999 Jun 30
HEF4794B-Q100 NXP-HEF4794B-Q100 Datasheet
135Kb / 17P
   8-stage shift-and-store register LED driver
Rev. 1-7 August 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com