Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BGD904MI Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BGD904MI
Description  860 MHz, 20 dB gain power doubler amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGD904MI Datasheet(HTML) 5 Page - NXP Semiconductors

  BGD904MI Datasheet HTML 1Page - NXP Semiconductors BGD904MI Datasheet HTML 2Page - NXP Semiconductors BGD904MI Datasheet HTML 3Page - NXP Semiconductors BGD904MI Datasheet HTML 4Page - NXP Semiconductors BGD904MI Datasheet HTML 5Page - NXP Semiconductors BGD904MI Datasheet HTML 6Page - NXP Semiconductors BGD904MI Datasheet HTML 7Page - NXP Semiconductors BGD904MI Datasheet HTML 8Page - NXP Semiconductors BGD904MI Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
2001 Nov 01
5
NXP Semiconductors
Product specification
860 MHz, 20 dB gain power doubler
amplifier
BGD904; BGD904MI
Fig.2
Composite triple beat as a function of
frequency under tilted conditions.
ZS =ZL =75 Ω; VB = 24 V; 110 chs; tilt = 9 dB (50 to 550 MHz);
tilt = 3.5 dB at
−6 dB offset (550 to 750 MHz).
(1) Vo.
(2)
Typ. +3
σ.
(3)
Typ.
(4) Typ.
−3 σ.
0
f (MHz)
CTB
(dB)
200
1000
−50
−60
−80
−90
−70
52
48
40
36
44
400
600
800
mda983
(1)
(1)
(2)
(3)
(4)
(2)
(3)
(4)
Vo
(dBmV)
Fig.3
Cross modulation as a function of frequency
under tilted conditions.
ZS =ZL =75 Ω; VB = 24 V; 110 chs; tilt = 9 dB (50 to 550 MHz);
tilt = 3.5 dB at
−6 dB offset (550 to 750 MHz).
0
Vo
(dBmV)
f (MHz)
Xmod
(dB)
200
1000
−50
−60
−80
−90
−70
52
48
40
36
44
400
600
800
mda984
(1)
(1)
(2)
(3)
(4)
(1) Vo.
(2)
Typ. +3
σ.
(3)
Typ.
(4) Typ.
−3 σ.
Fig.4
Composite second order distortion as a
function of frequency under tilted
conditions.
ZS =ZL =75 Ω; VB = 24 V; 110 chs; tilt = 9 dB (50 to 550 MHz);
tilt = 3.5 dB at
−6 dB offset (550 to 750 MHz).
0
Vo
(dBmV)
f (MHz)
CSO
(dB)
200
1000
−50
−60
−80
−90
−70
52
48
40
36
44
400
600
800
mda985
(1)
(2)
(3)
(4)
(2)
(3)
(1)
(4)
(1) Vo.
(2)
Typ. +3
σ.
(3)
Typ.
(4) Typ.
−3 σ.


Similar Part No. - BGD904MI

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGD904MI PHILIPS-BGD904MI Datasheet
74Kb / 12P
   CATV amplifier modules
2000 Jan 10
More results

Similar Description - BGD904MI

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BGD804 JMNIC-BGD804_15 Datasheet
67Kb / 12P
   860 MHz, 20 dB gain power doubler amplifier
BGD804_2015 JMNIC-BGD804_2015 Datasheet
67Kb / 12P
   860 MHz, 20 dB gain power doubler amplifier
CGD914_2015 JMNIC-CGD914_2015 Datasheet
137Kb / 16P
   860 MHz, 20 dB gain power doubler amplifier
logo
NXP Semiconductors
BGD814 NXP-BGD814_01 Datasheet
78Kb / 12P
   860 MHz, 20 dB gain power doubler amplifier
2001 Nov 01
CGD914 NXP-CGD914_01 Datasheet
510Kb / 14P
   860 MHz, 20 dB gain power doubler amplifier
2001 Nov 01
logo
Quanzhou Jinmei Electro...
BGD814 JMNIC-BGD814_15 Datasheet
78Kb / 12P
   860 MHz, 20 dB gain power doubler amplifier
BGD802_2015 JMNIC-BGD802_2015 Datasheet
65Kb / 12P
   860 MHz, 18.5 dB gain power doubler amplifier
logo
NXP Semiconductors
BGD802 NXP-BGD802 Datasheet
408Kb / 10P
   860 MHz, 18.5 dB gain power doubler amplifier
2002 Jan 23
BGD885 NXP-BGD885_01 Datasheet
57Kb / 8P
   860 MHz, 17 dB gain power doubler amplifier
2001 Nov 02
logo
Quanzhou Jinmei Electro...
BGD812 JMNIC-BGD812_15 Datasheet
77Kb / 12P
   860 MHz, 18.5 dB gain power doubler amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com