Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BGD802 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BGD802
Description  860 MHz, 18.5 dB gain power doubler amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGD802 Datasheet(HTML) 4 Page - NXP Semiconductors

  BGD802 Datasheet HTML 1Page - NXP Semiconductors BGD802 Datasheet HTML 2Page - NXP Semiconductors BGD802 Datasheet HTML 3Page - NXP Semiconductors BGD802 Datasheet HTML 4Page - NXP Semiconductors BGD802 Datasheet HTML 5Page - NXP Semiconductors BGD802 Datasheet HTML 6Page - NXP Semiconductors BGD802 Datasheet HTML 7Page - NXP Semiconductors BGD802 Datasheet HTML 8Page - NXP Semiconductors BGD802 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2002 Jan 23
4
NXP Semiconductors
Product specification
860 MHz, 18.5 dB gain power doubler amplifier
BGD802
Table 2
Bandwidth 40 to 860 MHz; VB =24V; Tcase =30 °C; ZS =ZL =75 Ω
Notes
1. fp = 55.25 MHz; Vp = 44 dBmV;
fq =805.25MHz; Vq =44dBmV;
measured at fp +fq = 860.5 MHz.
2. Measured according to DIN45004B:
fp =851.25MHz; Vp =Vo;
fq =858.25MHz; Vq =Vo −6dB;
fr = 860.25 MHz; Vr =Vo −6dB;
measured at fp +fq − fr =849.25MHz.
3. The module normally operates at VB = 24 V, but is able to withstand supply transients up to 30 V.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Gp
power gain
f = 50 MHz
18
18.5
19
dB
f = 860 MHz
18.5
19.5
dB
SL
slope cable equivalent
f = 40 to 860 MHz
0.2
1.1
2
dB
FL
flatness of frequency response
f = 40 to 860 MHz
−±0.2
±0.5
dB
s11
input return losses
f =40to80MHz
20
35
dB
f = 80 to 160 MHz
18.5
31
dB
f=160to320 MHz
17
27
dB
f=320to640 MHz
15.5
22
dB
f=640to860 MHz
14
20
dB
s22
output return losses
f = 40 to 80 MHz
20
29.5
dB
f = 80 to 160 MHz
18.5
29
dB
f=160to320 MHz
17
25.5
dB
f=320to640 MHz
15.5
23
dB
f=640to860 MHz
14
22
dB
s21
phase response
f = 50 MHz
−45
+45
deg
CTB
composite triple beat
129 channels flat;
Vo =44dBmV;
measured at 859.25 MHz
−−56.5
−54
dB
Xmod
cross modulation
129 channels flat;
Vo = 44 dBmV;
measured at 55.25 MHz
−−61
−59
dB
CSO
composite second order distortion 129 channels flat;
Vo =44dBmV;
measured at 860.5 MHz
−−64.5
−56
dB
d2
second order distortion
note 1
−−75
−69
dB
Vo
output voltage
dim = −60 dB; note 2
61.5
63
dBmV
NF
noise figure
see Table 1
−−−
dB
Itot
total current consumption (DC)
note 3
395
410
mA


Similar Part No. - BGD802

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGD802 PHILIPS-BGD802 Datasheet
55Kb / 12P
   CATV amplifier modules
1999 Mar 26
BGD802MI PHILIPS-BGD802MI Datasheet
55Kb / 12P
   CATV amplifier modules
1999 Mar 26
BGD802N PHILIPS-BGD802N Datasheet
57Kb / 12P
   CATV amplifier module
1999 Mar 22
logo
Quanzhou Jinmei Electro...
BGD802 JMNIC-BGD802_15 Datasheet
65Kb / 12P
   860 MHz, 18.5 dB gain power doubler amplifier
BGD802_2015 JMNIC-BGD802_2015 Datasheet
65Kb / 12P
   860 MHz, 18.5 dB gain power doubler amplifier
More results

Similar Description - BGD802

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BGD812_2015 JMNIC-BGD812_2015 Datasheet
77Kb / 12P
   860 MHz, 18.5 dB gain power doubler amplifier
logo
NXP Semiconductors
BGD902 NXP-BGD902 Datasheet
79Kb / 10P
   860 MHz, 18.5 dB gain power doubler amplifier
Rev. 08-7 June 2007
logo
Quanzhou Jinmei Electro...
BGD802_2015 JMNIC-BGD802_2015 Datasheet
65Kb / 12P
   860 MHz, 18.5 dB gain power doubler amplifier
BGD812 JMNIC-BGD812_15 Datasheet
77Kb / 12P
   860 MHz, 18.5 dB gain power doubler amplifier
logo
NXP Semiconductors
BGD902 PHILIPS-BGD902 Datasheet
69Kb / 10P
   860 MHz, 18.5 dB gain power doubler amplifier
Rev. 07-8 March 2005
logo
Quanzhou Jinmei Electro...
BGD802 JMNIC-BGD802_15 Datasheet
65Kb / 12P
   860 MHz, 18.5 dB gain power doubler amplifier
logo
NXP Semiconductors
BGD812 NXP-BGD812_01 Datasheet
77Kb / 12P
   860 MHz, 18.5 dB gain power doubler amplifier
2001 Oct 30
BGD702N PHILIPS-BGD702N Datasheet
53Kb / 8P
   750 MHz, 18.5 dB gain power doubler amplifier
2001 Nov 02
logo
Quanzhou Jinmei Electro...
BGD712_2015 JMNIC-BGD712_2015 Datasheet
64Kb / 8P
   750 MHz, 18.5 dB gain power doubler amplifier
logo
NXP Semiconductors
BGD502 NXP-BGD502_01 Datasheet
57Kb / 8P
   550 MHz, 18.5 dB gain power doubler amplifier
2001 Nov 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com