Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B4130 Datasheet(PDF) 6 Page - EPCOS

Part # B4130
Description  EGSM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4130 Datasheet(HTML) 6 Page - EPCOS

Back Button B4130_1 Datasheet HTML 2Page - EPCOS B4130_1 Datasheet HTML 3Page - EPCOS B4130_1 Datasheet HTML 4Page - EPCOS B4130_1 Datasheet HTML 5Page - EPCOS B4130_1 Datasheet HTML 6Page - EPCOS B4130_1 Datasheet HTML 7Page - EPCOS B4130_1 Datasheet HTML 8Page - EPCOS B4130_1 Datasheet HTML 9Page - EPCOS B4130_1 Datasheet HTML 10Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
November 04, 2009
B4130
897.5 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW filter
Data sheet
Maximum ratings
Operable temperature range T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
3
V
ESD voltage
VESD
1001)
1) acc. to JESD22-A115A (machine model), 1 negative & 1 positive pulse.
V
machine model, 1 pulse
Input power max
925.0 ... 960.0 MHz
PIN
12
dBm
continuous wave, 85 ˚C
PIN
15
dBm
continuous wave, 55 ˚C
880.0 ... 915.0 MHz
PIN
17
dBm
continuous wave, 85 ˚C


Similar Part No. - B4130_1

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41303 EPCOS-B41303 Datasheet
318Kb / 14P
   Snap-In Capacitors
B41303A3109M000 EPCOS-B41303A3109M000 Datasheet
318Kb / 14P
   Snap-In Capacitors
B41303A3109M000 EPCOS-B41303A3109M000 Datasheet
325Kb / 15P
   Snap-In Capacitors
B41303A3109M002 EPCOS-B41303A3109M002 Datasheet
318Kb / 14P
   Snap-In Capacitors
B41303A3109M007 EPCOS-B41303A3109M007 Datasheet
318Kb / 14P
   Snap-In Capacitors
More results

Similar Description - B4130_1

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4124 EPCOS-B4124_1 Datasheet
95Kb / 10P
   EGSM 900 Rx
logo
Transko Electronics, In...
TA897CM TRANSKO-TA897CM Datasheet
362Kb / 4P
   EGSM, RF SAW Filter
Revision 0 : April 2011
TA942BM TRANSKO-TA942BM Datasheet
416Kb / 4P
   EGSM, RF SAW Filter
Revision 1: July 2011
TA942CM TRANSKO-TA942CM Datasheet
436Kb / 4P
   EGSM, RF SAW Filter
Revision 0: April 2011
TA942MM6 TRANSKO-TA942MM6 Datasheet
362Kb / 3P
   EGSM, RF SAW Filter
Revision 0: July 2012
logo
Oscilent Corporation
861-RF942.5M-H OSCILENT-861-RF942.5M-H Datasheet
260Kb / 3P
   EGSM, Balanced RF SAW Filter
802-RF897.5M-A OSCILENT-802-RF897.5M-A Datasheet
483Kb / 3P
   EGSM, RF-Tx SAW Filter
logo
Fujitsu Component Limit...
FAR-F5KB-942M50-B4EB FUJITSU-FAR-F5KB-942M50-B4EB Datasheet
213Kb / 6P
   EGSM-Rx (50/150)
logo
Transko Electronics, In...
TA897DM6 TRANSKO-TA897DM6 Datasheet
357Kb / 3P
   EGSM, RF SAW Filter
Revision 0: July 2012
logo
TEMEX
TMXAT12 TEMEX-TMXAT12 Datasheet
292Kb / 5P
   SAW Bandpass Filter - eGSM Rx - RF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com