Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P3P25814AG-08CR Datasheet(PDF) 1 Page - ON Semiconductor

Part # P3P25814AG-08CR
Description  Spread Spectrum Clock Generator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

P3P25814AG-08CR Datasheet(HTML) 1 Page - ON Semiconductor

  P3P25814AG-08CR Datasheet HTML 1Page - ON Semiconductor P3P25814AG-08CR Datasheet HTML 2Page - ON Semiconductor P3P25814AG-08CR Datasheet HTML 3Page - ON Semiconductor P3P25814AG-08CR Datasheet HTML 4Page - ON Semiconductor P3P25814AG-08CR Datasheet HTML 5Page - ON Semiconductor P3P25814AG-08CR Datasheet HTML 6Page - ON Semiconductor P3P25814AG-08CR Datasheet HTML 7Page - ON Semiconductor P3P25814AG-08CR Datasheet HTML 8Page - ON Semiconductor P3P25814AG-08CR Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PCS3P25811 and PCS3P25812 and PCS3P25814
Spread Spectrum Clock
Generator
©2010 SCILLC.
All rights reserved.
Publication Order Number:
JANUARY 2010 – Rev. 1
PCS3P25811/D
Features
• Generates a 1x (PCS3P25811), 2x (PCS3P25812)
and 4x(PCS3P25814) low EMI spread spectrum
clock of the input frequency
• Provides up to 15dB of EMI suppression
• Input Frequency: 4MHz - 32MHz
• Output Frequency:
PCS3P25811: 4MHz - 32MHz
PCS3P25812: 8MHz - 64MHz
PCS3P25814: 16MHz - 128MHz
• Selectable spread options: Down Spread and Center
Spread
• Low Power Dissipation:
3.3V: 20mW (typ) @ 6MHz
3.3V: 24mW (typ) @ 12MHz
3.3V: 30mW (typ) @ 24MHz
• Low inherent Cycle-to-Cycle Jitter
• Supply Voltage: 2.8V to 3.6V
• LVCMOS Input and output
• Functional and Pinout compatible to Cypress
CY25811, CY25812 and CY25814
8-pin SOIC, and 8L 2mmX2mm WDFN (TDFN)
Packages
Product Description
The PCS3P25811/12/14 devices are versatile spread
spectrum frequency modulators designed specifically for
a wide range of input clock frequencies from 4MHz to
32MHz.
The
PCS3P25811/12/14
reduce
electromagnetic
interference (EMI) at the clock source, allowing system
wide reduction of EMI of down stream clock and data
dependent signals. It allows significant system cost
savings by reducing the number of circuit board layers,
ferrite beads, shielding, and other passive components
that are traditionally required to pass EMI regulations.
The PCS3P25811/12/14 can generate an EMI reduced
clock from crystal, ceramic resonator, or system clock.
The PCS3P25811/12/14 modulate the output of a single
PLL in order to “spread” the bandwidth of a synthesized
cock,
and
more
importantly,
decreases
the
peak
amplitudes of its harmonics. This results in significantly
lower system EMI compared to the typical narrow band
signal produced by oscillators and most frequency
generators. Lowering EMI by increasing a signal’s
bandwidth is called ‘spread spectrum clock generation.’
The PCS3P25811/12/14 use the most efficient and
optimized modulation profile approved by the FCC and is
implemented in a proprietary all-digital method.
The PCS3P25811/12/14 have 2 pins S0 and S1 to control
the selection of Center Spread, Down Spread and No-
Spread functions. Additionally there is a 3 level logic
contol FSEL, for selecting one of the three different
frequency ranges within the operating frequency range.
Refer Input/Output Frequency Range Selection Table.
The PCS3P25811/12/14 operate from a 2.8V to 3.6V
supply and are available in 8 pin SOIC, and 8L
2mmX2mm WDFN packages.
Applications
The
PCS3P25811/12/14
are
targeted
towards
EMI
management in applications such as LCD Panels, MFPs,
Digital copiers, Networking, PC peripheral devices,
consumer electronics, and embedded controller systems.


Similar Part No. - P3P25814AG-08CR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
P3P25814AG-08CR ONSEMI-P3P25814AG-08CR Datasheet
384Kb / 9P
   Spread Spectrum Clock Generator
NOVEMBER 2010 ??Rev. 1.1
P3P25814AG-08CR ONSEMI-P3P25814AG-08CR Datasheet
92Kb / 9P
   Spread Spectrum Clock Generator
February, 2015 ??Rev. 0
More results

Similar Description - P3P25814AG-08CR

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
SM561 CYPRESS-SM561 Datasheet
126Kb / 8P
   Spread Spectrum Clock Generator
CY25566 CYPRESS-CY25566 Datasheet
116Kb / 9P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com