Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P3P25814AG-08SR Datasheet(PDF) 3 Page - ON Semiconductor

Part # P3P25814AG-08SR
Description  Spread Spectrum Clock Generator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

P3P25814AG-08SR Datasheet(HTML) 3 Page - ON Semiconductor

  P3P25814AG-08SR Datasheet HTML 1Page - ON Semiconductor P3P25814AG-08SR Datasheet HTML 2Page - ON Semiconductor P3P25814AG-08SR Datasheet HTML 3Page - ON Semiconductor P3P25814AG-08SR Datasheet HTML 4Page - ON Semiconductor P3P25814AG-08SR Datasheet HTML 5Page - ON Semiconductor P3P25814AG-08SR Datasheet HTML 6Page - ON Semiconductor P3P25814AG-08SR Datasheet HTML 7Page - ON Semiconductor P3P25814AG-08SR Datasheet HTML 8Page - ON Semiconductor P3P25814AG-08SR Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
PCS3P25811 and PCS3P25812 and PCS3P25814
Rev. 1 | Page 3 of 9 | www.onsemi.com
Input/Output Frequency Range Selection Table
FSEL (pin 6)
Part Number
Modulation Rate
PCS3P25811
(1x)
PCS3P25812
(2x)
PCS3P25814
(4x)
Input
(MHz)
Output
(MHz)
Input
(MHz)
Output
(MHz)
Input
(MHz)
Output
(MHz)
0
4-8
4-8
4-8
8-16
4-8
16-32
Input Frequency / 128
1
8-16
8-16
8-16
16-32
8-16
32-64
Input Frequency / 256
M
16-32
16-32
16-32
32-64
16-32
64-128
Input Frequency / 512
Output Frequency Deviation Selection Table
CLKIN
(MHz)
FSEL
S1=0
S0=0
S1=0
S0=M
S1=0
S0=1
S1=M
S0=0
S1=1
S0=1
S1=1
S0=0
S1=M
S0=1
S1=1
S0=M
S1=M
S0=M
Center
Center
Center
Center
Down
Down
Down
Down
No
Spread
4-5
0
±1.4
±1.2
±0.6
±0.5
-3
-2.2
-1.9
-0.7
0
5-6
0
±1.3
±1.1
±0.5
±0.4
-2.7
-1.9
-1.7
-0.6
0
6-7
0
±1.2
±0.9
±0.5
±0.4
-2.5
-1.8
-1.5
-0.6
0
7-8
0
±1.1
±0.9
±0.4
±0.3
-2.3
-1.7
-1.4
-0.5
0
8-10
1
±1.4
±1.2
±0.6
±0.5
-3
-2.2
-1.9
-0.7
0
10-12
1
±1.3
±1.1
±0.5
±0.4
-2.7
-1.9
-1.7
-0.6
0
12-14
1
±1.2
±0.9
±0.5
±0.4
-2.5
-1.8
-1.5
-0.6
0
14-16
1
±1.1
±0.9
±0.4
±0.3
-2.3
-1.7
-1.4
-0.5
0
16-20
M
±1.4
±1.2
±0.6
±0.5
-3
-2.2
-1.9
-0.7
0
20-24
M
±1.3
±1.1
±0.5
±0.4
-2.7
-1.9
-1.7
-0.6
0
24-28
M
±1.2
±0.9
±0.5
±0.4
-2.5
-1.8
-1.5
-0.6
0
28-32
M
±1.1
±0.9
±0.4
±0.3
-2.3
-1.7
-1.4
-0.5
0
Note: Frequency Deviation given in the table is for the Input Frequency Range covering PCS3P25811/12 /14.
3 Level Digital Logic
S0, S1, and FSEL digital inputs are designed to sense 3
different logic levels designated as High “1”, Low “0” and
Middle “M”. With this 3-Level digital input logic 9 different
logic states can be detected.
S0, S1 and FSEL pins include an on chip 100K (50K/50K)
resistor divider. No external application resistors are
needed to implement the 3-Level logic levels as shown
below:
Logic
Control Pins
1
FSEL, S0, S1 to VDD
M
FSEL, S0, S1
UNCONNECTED
0
FSEL, S0, S1 to VSS
VSS
VDD


Similar Part No. - P3P25814AG-08SR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
P3P25814AG-08SR ONSEMI-P3P25814AG-08SR Datasheet
384Kb / 9P
   Spread Spectrum Clock Generator
NOVEMBER 2010 ??Rev. 1.1
P3P25814AG-08SR ONSEMI-P3P25814AG-08SR Datasheet
92Kb / 9P
   Spread Spectrum Clock Generator
February, 2015 ??Rev. 0
More results

Similar Description - P3P25814AG-08SR

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
SM561 CYPRESS-SM561 Datasheet
126Kb / 8P
   Spread Spectrum Clock Generator
CY25566 CYPRESS-CY25566 Datasheet
116Kb / 9P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com