Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCS3I6200AG-06JR Datasheet(PDF) 2 Page - ON Semiconductor

Part # PCS3I6200AG-06JR
Description  Spread Spectrum EMI Reduction IC for HD Display
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCS3I6200AG-06JR Datasheet(HTML) 2 Page - ON Semiconductor

  PCS3I6200AG-06JR Datasheet HTML 1Page - ON Semiconductor PCS3I6200AG-06JR Datasheet HTML 2Page - ON Semiconductor PCS3I6200AG-06JR Datasheet HTML 3Page - ON Semiconductor PCS3I6200AG-06JR Datasheet HTML 4Page - ON Semiconductor PCS3I6200AG-06JR Datasheet HTML 5Page - ON Semiconductor PCS3I6200AG-06JR Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PCS3P6200A
Rev. 1 | Page 2 of 6 | www.onsemi.com
Pin Configuration (6L- TSOT23 Package)
Pin Description
Pin#
Pin Name
Type
Description
1
CLKIN
I
External Reference Clock Input.
2
VSS
P
Ground to entire chip.
3
ModOUT
O
Modulated Frequency Output.
4
SS1%
I
Frequency Deviation Selection. Refer to Frequency Deviation Selection Table
for details. Has an Internal pull-up resistor.
5
SS2%
I
Frequency Deviation Selection. Refer to Frequency Deviation Selection Table
for details. Has an Internal pull-up resistor.
6
VDD
P
Power to entire chip.
Frequency Deviation Selection Table
SS2%
SS1%
Frequency Deviation
L
L
± 1.50%
L
H
± 1.25%
H
L
± 0.75%
H
H
± 1.00%
VSS
CLKIN
VDD
6
5
4
1
2
3
PCS3P6200A
ModOUT
SS1%
SS2%


Similar Part No. - PCS3I6200AG-06JR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS3I6200AG-06JR PULSECORE-PCS3I6200AG-06JR Datasheet
282Kb / 7P
   Spread Spectrum EMI reduction IC for HD Display
More results

Similar Description - PCS3I6200AG-06JR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N6200C ONSEMI-NB3N6200C Datasheet
69Kb / 5P
   Spread Spectrum EMI Reduction IC for HD Display
January, 2015 ??Rev. 1
logo
PulseCore Semiconductor
PCS3P6200A PULSECORE-PCS3P6200A Datasheet
282Kb / 7P
   Spread Spectrum EMI reduction IC for HD Display
logo
ON Semiconductor
PCS3P6100A ONSEMI-PCS3P6100A Datasheet
278Kb / 8P
   Spread Spectrum EMI reduction IC for HD Display
MARCH 2010 ??Rev. 1
P3P816711A ONSEMI-P3P816711A Datasheet
99Kb / 4P
   Spread Spectrum Peak EMI Reduction Device
August, 2011 ??Rev. 0
logo
Cypress Semiconductor
CY25200 CYPRESS-CY25200_12 Datasheet
583Kb / 15P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200 Datasheet
280Kb / 11P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25000 CYPRESS-CY25000 Datasheet
271Kb / 10P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200_07 Datasheet
364Kb / 12P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200_09 Datasheet
380Kb / 11P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
logo
Asahi Kasei Microsystem...
AK8126A AKM-AK8126A Datasheet
214Kb / 8P
   EMI countermeasure for spread spectrum IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com