Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8601.2005.08 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 8601.2005.08
Description  Inline Fuseholder, 5x20 / 6.3x32 mm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

8601.2005.08 Datasheet(HTML) 1 Page - Schurter Inc.

  8601.2005.08 Datasheet HTML 1Page - Schurter Inc. 8601.2005.08 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image

Fuseholders
FDI
www.schurter.com/pg02
Fuses
Inline Fuseholder, 5x20 / 6.3x32 mm
5x20 mm with wire leads, 8601.2001.08
5x20 mm, 8601.2000
6.3x32 mm, 8601.2005
32 VAC · 2.5W/6.3A · 32VDC
Description
-InlineFuseholder
Applications
-Automotiveapplications/aftermarket
-Audioaftermarket
-Lightingaftermarket
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,e-Store,Distributor-Stock-Check,
Accessories,ProductChangeNotification(PCN)
Technical Data
ShocksafeCategory
PC2
Fuse-Link
5x20or6.3x32mm
Mounting
In-line
Terminal
Wires
RatedVoltage
32VAC,32VDC
RatedCurrent
6.3A
RatedPowerAcceptanceIEC 2.5W/6.3A@Ta23°C
DegreeofProtection
IP40
AdmissibleAmbientAirTemp. -40°Cto+85°C
Material:Socket
Thermoplastic,UL94V-0
Material:Terminals
Tin-PlatedBrass
StorageConditions
0°Cto60°C,max.70%r.h.
Abmessungen
48mm
48 max.
5x20 mm
60 max.
6.3x32 mm
Mounting Instruction


Similar Part No. - 8601.2005.08

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
8601.2005.08 SCHURTER-8601.2005.08 Datasheet
230Kb / 2P
   Inline Fuseholder, 5x20 / 6.3x32 mm
More results

Similar Description - 8601.2005.08

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FDI SCHURTER-FDI_18 Datasheet
230Kb / 2P
   Inline Fuseholder, 5x20 / 6.3x32 mm
4305.0006 SCHURTER-4305.0006 Datasheet
162Kb / 1P
   Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm
FUSEDRAWER1 SCHURTER-FUSEDRAWER1_V02 Datasheet
206Kb / 2P
   Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm
04.01.2022
FUSEDRAWER3 SCHURTER-FUSEDRAWER3_V01 Datasheet
398Kb / 7P
   Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm
FUSEDRAWER3 SCHURTER-FUSEDRAWER3 Datasheet
384Kb / 7P
   Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm
logo
Littelfuse
801 LITTELFUSE-801 Datasheet
178Kb / 1P
   Panel Mount for 5x20 mm und 6.3x32 mm Fuses
logo
Schurter Inc.
4303.2114.01 SCHURTER-4303.2114.01 Datasheet
355Kb / 6P
   Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm
FUSEDRAWER1 SCHURTER-FUSEDRAWER1 Datasheet
192Kb / 2P
   Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm
FUSEDRAWER1 SCHURTER-FUSEDRAWER1_V01 Datasheet
206Kb / 2P
   Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm
FQE SCHURTER-FQE_V01 Datasheet
220Kb / 2P
   Shock-safe Fuseholder, Solder Terminals, 5x20 mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com