Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0031.3911 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 0031.3911
Description  Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, PC3, medical
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0031.3911 Datasheet(HTML) 2 Page - Schurter Inc.

  0031.3911 Datasheet HTML 1Page - Schurter Inc. 0031.3911 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Fuseholders
FBS
www.schurter.com/pg02
Fuses
12.7
0
-0.1
13
0
-0.3
Mounting holes
Derating Curves for Fuseholders
1.5
1.0
0.5
0.0
2.5
2.0
0
20
40
60
80
100
I = << In
I = 0.7 In
I = 1.0 In
Ambient air temperature Ta °C
Variants
Holder
Cap
Terminal
Degree of Pro-
tection
Order Number
l
Slot Knob
Solder
IP 40
0031.3901
l
Slot Knob
Quick-Connect 4.8 x 0.5 mm
IP 40
0031.3903
l
Fingergrip
Solder
IP 40
0031.3911
l
Fingergrip
Quick-Connect 4.8 x 0.5 mm
IP 40
0031.3913
Packaging Unit
Bulk(100pcs.)
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.


Similar Part No. - 0031.3911

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0031.3911 SCHURTER-0031.3911 Datasheet
2Mb / 58P
   FUSEHOLDERS / SICHERUNGSHALTER
0031.3911 SCHURTER-0031.3911 Datasheet
305Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, PC3, medical
More results

Similar Description - 0031.3911

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FBS2 SCHURTER-FBS2 Datasheet
447Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, horizontal, PC3, medical
FBS1 SCHURTER-FBS1_18 Datasheet
305Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, PC3, medical
FBS2 SCHURTER-FBS2_18 Datasheet
273Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, horizontal, PC3, medical
FEP SCHURTER-FEP_18 Datasheet
275Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip
FEP SCHURTER-FEP Datasheet
225Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip
FEP SCHURTER-FEP_V01 Datasheet
289Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip
231529P SCHURTER-231529P Datasheet
230Kb / 1P
   Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, NF
231411 SCHURTER-231411 Datasheet
198Kb / 1P
   Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, Solder
FAS SCHURTER-FAS Datasheet
367Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, horizontal, PC1
FAS SCHURTER-FAS_V02 Datasheet
261Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, horizontal, PC1
04.01.2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com