Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B3893 Datasheet(PDF) 4 Page - EPCOS

Part # B3893
Description  SAW IF filter GSM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3893 Datasheet(HTML) 4 Page - EPCOS

  B3893 Datasheet HTML 1Page - EPCOS B3893 Datasheet HTML 2Page - EPCOS B3893 Datasheet HTML 3Page - EPCOS B3893 Datasheet HTML 4Page - EPCOS B3893 Datasheet HTML 5Page - EPCOS B3893 Datasheet HTML 6Page - EPCOS B3893 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
February 28, 2008
B3893
248.6 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW IF filter
Data sheet
Characteristics
Temperature range for specification:
T
= –20 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Termnating load impedance:
ZL = 200 Ω
min.
typ.
max.
Nominal frequency
fN
248.6
MHz
Minimum insertion attenuation
α
min
1.3
3.5
dB
Passband width
α
rel ≤ 3.0 dB
B3.0dB
5.0
7.2
MHz
Amplitude ripple (p-p)
∆α
fN ± 352.0 kHz
0.2
0.5
dB
Group delay ripple (p-p)
∆τ
fN ± 352.0 kHz
30
100
ns
Relative attenuation (relative to
α
min)
α
rel
10.0 MHz
...
fN – 29.2 MHz
45
70
dB
@ fN + 22.80 MHz
45
60
dB
@ fN + 52.00 MHz
45
70
dB
@ fN + 74.80 MHz
45
70
dB
@ fN + 104.0 MHz
45
55
dB
@ fN + 126.8 MHz
45
70
dB
Temperature coefficient of frequency
TCf
–36
ppm/K
Maximum ratings
Operable temperature range T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
0
V
Input Power
PIN
10
dBm
Input Power
PIN
20
dBm
t <= 100 hours


Similar Part No. - B3893

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3893 EPCOS-B3893 Datasheet
61Kb / 5P
   SAW Components Low-Loss Filter 248,6 MHz
More results

Similar Description - B3893

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5216 EPCOS-B5216 Datasheet
64Kb / 7P
   SAW IF filter GSM/EDGE, high symbol rate
logo
Transko Electronics, In...
TA947BM TRANSKO-TA947BM Datasheet
402Kb / 4P
   GSM, RF SAW Filter
Revision 0: January 2002
logo
Oscilent Corporation
802-RF947.5M-B OSCILENT-802-RF947.5M-B Datasheet
456Kb / 3P
   GSM, RF SAW Filter
logo
Transko Electronics, In...
TA902BM TRANSKO-TA902BM Datasheet
336Kb / 4P
   GSM, RF SAW Filter
Revision 0 :
TA947AM TRANSKO-TA947AM Datasheet
392Kb / 4P
   GSM, RF SAW Filter
Revision 0: January 2002
logo
Oscilent Corporation
813-SL60.0M-11 OSCILENT-813-SL60.0M-11 Datasheet
291Kb / 3P
   IF SAW Filter
813-SL70.0M-16 OSCILENT-813-SL70.0M-16 Datasheet
232Kb / 3P
   IF SAW Filter
logo
TDK Electronics
B39191B5219H810 TDK-B39191B5219H810 Datasheet
118Kb / 8P
   SAW IF filter
logo
EPCOS
B1708 EPCOS-B1708 Datasheet
104Kb / 10P
   SAW IF filter
logo
Oscilent Corporation
813-SL70.0M-20 OSCILENT-813-SL70.0M-20 Datasheet
302Kb / 2P
   IF SAW Filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com