Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B3882 Datasheet(PDF) 3 Page - EPCOS

Part # B3882
Description  Low-Loss Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3882 Datasheet(HTML) 3 Page - EPCOS

  B3882 Datasheet HTML 1Page - EPCOS B3882 Datasheet HTML 2Page - EPCOS B3882 Datasheet HTML 3Page - EPCOS B3882 Datasheet HTML 4Page - EPCOS B3882 Datasheet HTML 5Page - EPCOS B3882 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Jun 25, 2004
SAW Components
B3882
168,96 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature:
T = 0 .. +85 ˚C
Terminating source impedance:
ZS=50 Ω single ended and matching network
Terminating load impedance:
ZS=50 Ω single ended and matching network
1)Amplitude ripple/Phase Linearity/Average Error Vector Magnitude: where k = (-1,0,1)
2) Temperature dependance of fc: fc(TA) = fc(T0)(1 + TCf(TA – T0)2)
min.
typ.
max.
Nominal frequency
fN
168,96
MHz
Minimum insertion attenuation
α
min
13,0
14,5
dB
(including matching network)
Passband width
α
rel ≤ 1 dB
B1dB
4,4
MHz
α
rel ≤ 5 dB
B5dB
4,9
MHz
α
rel ≤ 30 dB
B30dB
6,1
MHz
Amplitude ripple1) (p-p)
∆α
fN ± 1,92 MHz
0,5
0,9
dB
fN ± k*1,25 MHz ± 0,6144 MHz
0,4
0,7
dB
Group delay ripple (p-p)
∆τ
fN ± 1,92 MHz
70
120
ns
Phase Linearity1) (rms)
∆ϕ
fN ± 1,92 MHz
1,0
1,4
˚
fN ± k*1,25 MHz ± 0,6144 MHz
1,0
1,4
˚
Average Error Vector Magnitude1)
EVM
fN ± 1,92 MHz
1,9
3,0
%
fN ± k*1,25 MHz ± 0,6144 MHz
1,9
3,0
%
Relative attenuation (relative to
α
min)
α
rel
fN ± 2,5 MHz ...
fN ± 3,0 MHz
4
5
dB
fN ± 3,0 MHz ...
fN ± 17,5 MHz
10
20
dB
fN ± 17,5 MHz ...
fN ± 66,0 MHz
45
50
dB
Temperature coefficient of frequency2)
TCf
– 0,036
ppm/K2
Turnover temperature
T0
—35—
˚C


Similar Part No. - B3882

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3881 EPCOS-B3881 Datasheet
73Kb / 7P
   SAW Components Low-Loss Filter 168,96 MHz
B3883 EPCOS-B3883 Datasheet
70Kb / 6P
   Low-Loss Filter
B3884 EPCOS-B3884 Datasheet
67Kb / 6P
   SAW Components Low-Loss Filter 439,25 MHz
B3886 EPCOS-B3886 Datasheet
69Kb / 6P
   SAW Components Low-Loss Filter 121,00 MHz
More results

Similar Description - B3882

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3521 EPCOS-B3521 Datasheet
72Kb / 6P
   Low Loss Filter
logo
List of Unclassifed Man...
B3562 ETC1-B3562 Datasheet
73Kb / 6P
   LOW-LOSS FILTER
logo
EPCOS
B3677 EPCOS-B3677 Datasheet
103Kb / 7P
   Low-Loss Filter
B3574 EPCOS-B3574_1 Datasheet
78Kb / 6P
   Low Loss Filter
B3883 EPCOS-B3883 Datasheet
70Kb / 6P
   Low-Loss Filter
B9016 EPCOS-B9016 Datasheet
64Kb / 5P
   Low-Loss Filter
logo
List of Unclassifed Man...
B3844 ETC1-B3844 Datasheet
61Kb / 5P
   LOW-LOSS FILTER
B7745 ETC1-B7745 Datasheet
54Kb / 7P
   Low-Loss Filter
logo
EPCOS
B39710B3625U210 EPCOS-B39710B3625U210 Datasheet
68Kb / 6P
   Low-Loss Filter
Apr 04, 2001
B3655 EPCOS-B3655 Datasheet
72Kb / 6P
   Low-Loss Filter
B3691 EPCOS-B3691 Datasheet
63Kb / 7P
   Low-Loss Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com