Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLO Datasheet(PDF) 2 Page - Schurter Inc.

Part # DLO
Description  Linear Choke, open version, without socket
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DLO Datasheet(HTML) 2 Page - Schurter Inc.

  DLO Datasheet HTML 1Page - Schurter Inc. DLO Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Suppression Chokes
DLO
www.schurter.com/pg8_82
EMC Products
Diagrams
Application in DC-DC Converter
1)
2)
DLH/DLN/DLO
DS/DSO
DLH/DLN/DLO
1) DC-Input unregulated
2) DC-Output regulated
Derating Curves
Inductance variation as function of the magnetizing current
Variants
In [A]
Ln [mH]
Rcu
[m
Ω]
fRES
[MHz]
Inductance
drop max [%]
A [mm]
B [mm]
C [mm] D [mm] Weight [g]
Packing unit [pcs.]
Order Number
0.45
5
3000
0.3
20
20
15
10
0.27
10
200
DLO1-24-0008
0.6
3
1550
0.4
20
20
36
10
0.32
11
200
DLO1-24-0007
1.0
1
600
0.8
20
20
15
10
0.38
10
200
DLO1-24-0006
1.5
0.5
280
1.3
20
20
15
10
0.48
10
200
DLO1-24-0005
1.8
0.3
178
2
20
20
15
10
0.55
10
200
DLO1-24-0004
3
0.1
70
8.2
20
20
36
10
0.65
10
200
DLO1-24-0003
4.5
0.05
26
8.4
20
20
15
10
0.9
11
200
DLO1-24-0002
7
0.02
12
20.2
20
20
36
10
1.2
12
200
DLO1-24-0001
RcuatTu20°C
InductancedropatIn
DeratingatTu>70°C:I=Inx((125-Tu)/55)0.5
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.


Similar Part No. - DLO

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DLO SCHURTER-DLO Datasheet
288Kb / 3P
   Linear Choke, open version, without socket
DLO SCHURTER-DLO Datasheet
298Kb / 3P
   Linear Choke, open version, without socket
DLO SCHURTER-DLO Datasheet
298Kb / 3P
   Linear Choke, open version, without socket
04.01.2022
logo
Data Delay Devices, Inc...
DLO-34F DATADELAY-DLO-34F Datasheet
120Kb / 1P
   GATED-DELAY LINE OSCILLATOR
DLO-34F-10 DATADELAY-DLO-34F-10 Datasheet
120Kb / 1P
   GATED-DELAY LINE OSCILLATOR
More results

Similar Description - DLO

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DLO SCHURTER-DLO_18 Datasheet
298Kb / 3P
   Linear Choke, open version, without socket
DLO SCHURTER-DLO_V01 Datasheet
298Kb / 3P
   Linear Choke, open version, without socket
04.01.2022
DLO SCHURTER-DLO_17 Datasheet
288Kb / 3P
   Linear Choke, open version, without socket
DSO SCHURTER-DSO_V01 Datasheet
297Kb / 3P
   Storage Choke, open version, without socket
DSO SCHURTER-DSO_17 Datasheet
285Kb / 3P
   Storage Choke, open version, without socket
DSO SCHURTER-DSO Datasheet
447Kb / 2P
   Storage Choke, open version, without socket
DLFL SCHURTER-DLFL_17 Datasheet
252Kb / 3P
   Linear/Saturating Choke
DLNP SCHURTER-DLNP_17 Datasheet
208Kb / 2P
   Linear Choke, compact
DLNP SCHURTER-DLNP_V01 Datasheet
246Kb / 3P
   Linear Choke, compact
DLFL SCHURTER-DLFL Datasheet
420Kb / 2P
   Linear/Saturating Choke
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com