Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P3P623S09A Datasheet(PDF) 1 Page - ON Semiconductor

Part # P3P623S09A
Description  Timing-Safe??Peak EMI Reduction IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

P3P623S09A Datasheet(HTML) 1 Page - ON Semiconductor

  P3P623S09A Datasheet HTML 1Page - ON Semiconductor P3P623S09A Datasheet HTML 2Page - ON Semiconductor P3P623S09A Datasheet HTML 3Page - ON Semiconductor P3P623S09A Datasheet HTML 4Page - ON Semiconductor P3P623S09A Datasheet HTML 5Page - ON Semiconductor P3P623S09A Datasheet HTML 6Page - ON Semiconductor P3P623S09A Datasheet HTML 7Page - ON Semiconductor P3P623S09A Datasheet HTML 8Page - ON Semiconductor P3P623S09A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
P3P623S05A/B and P3P623S09A/B
Timing-Safe™ Peak EMI
Reduction IC
©2010 SCILLC. All rights reserved.
Publication Order Number:
July 2010 – Rev. 1
P3P623S05/D
General Features
• Clock distribution with Timing-Safe™ Peak EMI
Reduction
• Input frequency range: 20MHz - 50MHz
• Multiple low skew Timing-safe™ Outputs:
P3P623S05: 5 Outputs
P3P623S09: 9 Outputs
• Supply Voltage: 3.3V±0.3V
• Packaging Information:
P3P623S05: 8 pin TSSOP
P3P623S09:16 pin TSSOP
• True Drop-in Solution for Zero Delay Buffer
Functional Description
P3P623S05/09 is a versatile, 3.3V Zero-delay buffer
designed to distribute Timing-Safe™ clocks with Peak
EMI reduction. P3P623S05 is an eight-pin version,
accepts one reference input and drives out five low-skew
Timing-Safe™ clocks. P3P623S09 accepts one reference
input and drives out nine low-skew Timing-Safe™ clocks.
All parts have on-chip PLLs that lock to an input clock on
the CLKIN pin. The PLL feedback is on-chip and is
obtained from the CLKOUT pad, internal to the device.
Multiple P3P623S05 / P3P623S09 devices can accept
the same input clock and distribute it. In this case, the
skew between the outputs of the two devices is
guaranteed to be less than 700pS.
All outputs have less than 200pS of cycle-to-cycle jitter.
The input and output propagation delay is guaranteed to
be less than ±350pS, and the output-to-output skew is
guaranteed to be less than 250pS.
Refer
Spread Spectrum Control and Input-Output Skew
Table”
for
deviations
and
Input-Output
Skew
for
P3P623S05A/B and P3P623S09A/B devices.
P3P623S05/09 operates from a 3.3V supply and is
available in TSSOP package, as shown in the ordering
information table.
Application
P3P623S05/09 is targeted for use in Displays and
memory interface systems.
General Block Diagram
PLL
CLKOUT
CLK1
CLK2
CLK3
CLK4
P3P623S05A/B
CLKIN
CLKIN
CLKOUT
PLL
MUX
CLKA1
CLKA2
CLKA3
CLKA4
CLKB1
CLKB2
CLKB3
CLKB4
Select Input
Decoding
S2
S1
P3P623S09A/B


Similar Part No. - P3P623S09A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
P3P623S00B ONSEMI-P3P623S00B Datasheet
112Kb / 9P
   Peak EMI Reduction Device
February, 2015 ??Rev. P3
P3P623S00E ONSEMI-P3P623S00E Datasheet
112Kb / 9P
   Peak EMI Reduction Device
February, 2015 ??Rev. P3
P3P623S05A ONSEMI-P3P623S05A Datasheet
147Kb / 8P
   Timing-Safe Peak EMI Reduction IC
October, 2014 ??Rev. 0
P3P623S05A ONSEMI-P3P623S05A_14 Datasheet
147Kb / 8P
   Timing-Safe Peak EMI Reduction IC
October, 2014 ??Rev. 0
P3P623S05BG-08TR ONSEMI-P3P623S05BG-08TR Datasheet
197Kb / 11P
   Peak EMI Reduction IC
July 2010 ??Rev. 1
More results

Similar Description - P3P623S09A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
P3PS850BHG-08CR ONSEMI-P3PS850BHG-08CR Datasheet
184Kb / 12P
   Timing-Safe Peak EMI Reduction IC
January, 2012 ??Rev. 1
logo
PulseCore Semiconductor
PCS5P23Z05B PULSECORE-PCS5P23Z05B Datasheet
679Kb / 14P
   Timing-Safe??Peak EMI reduction IC
ASM3P623S00B PULSECORE-ASM3P623S00B Datasheet
550Kb / 15P
   Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
P3P623S05A ONSEMI-P3P623S05A_14 Datasheet
147Kb / 8P
   Timing-Safe Peak EMI Reduction IC
October, 2014 ??Rev. 0
logo
PulseCore Semiconductor
ASM3P623S01B PULSECORE-ASM3P623S01B Datasheet
478Kb / 12P
   Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
P3PS850BHG-08CR ONSEMI-P3PS850BHG-08CR Datasheet
184Kb / 12P
   Timing-Safe Peak EMI Reduction IC
January, 2012 ??Rev. 1
logo
PulseCore Semiconductor
ASM3P623S00B PULSECORE-ASM3P623S00B_1 Datasheet
640Kb / 18P
   Timing-Safe??Peak EMI reduction IC
ASM3P623S05 PULSECORE-ASM3P623S05 Datasheet
703Kb / 15P
   Timing-Safe??Peak EMI reduction IC
PCS3P623Z05A PULSECORE-PCS3P623Z05A Datasheet
551Kb / 15P
   Timing-Safe??Peak EMI reduction IC
PCS3P622S04J PULSECORE-PCS3P622S04J Datasheet
559Kb / 10P
   Low Frequency Timing-Safe??Peak EMI reduction IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com