Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7015.1140 Datasheet(PDF) 3 Page - Schurter Inc.

Part # 7015.1140
Description  Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, NNO, 220 VAC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

7015.1140 Datasheet(HTML) 3 Page - Schurter Inc.

  7015.1140 Datasheet HTML 1Page - Schurter Inc. 7015.1140 Datasheet HTML 2Page - Schurter Inc. 7015.1140 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image

Non resettable fuses
D8
www.schurter.com/pg0_2
Fuses
Time-Current-Curves
0.001
0.01
0.1
1
10
100
1000
10000
100000
1
10
Multiple of Rated Current In
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.


Similar Part No. - 7015.1140

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7015 BOURNS-7015 Datasheet
55Kb / 1P
   Common Mode EMI Chokes
logo
Christian Bürkert GmbH ...
7015 BURKERT-7015 Datasheet
2Mb / 17P
   2/2-way solenoid valve, direct-acting
06.03.2024
logo
Amphenol Corporation
7015-0615 AMPHENOL-7015-0615 Datasheet
61Kb / 1P
   SVK STR MALE TO SVK STR MALE TFLEX 405 CABLE ASSEMBLY
7015-0615-0617 AMPHENOL-7015-0615-0617 Datasheet
61Kb / 1P
   SVK STR MALE TO SVK STR MALE TFLEX 405 CABLE ASSEMBLY
7015-0616 AMPHENOL-7015-0616 Datasheet
61Kb / 1P
   SVK STR MALE TO SVK STR MALE TFLEX 405 CABLE ASSEMBLY
More results

Similar Description - 7015.1140

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
A12BK SCHURTER-A12BK Datasheet
321Kb / 2P
   Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, UL, NNO, 250 VAC
00341736 SCHURTER-00341736 Datasheet
265Kb / 2P
   Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, 250 VAC
00345107 SCHURTER-00345107 Datasheet
274Kb / 2P
   Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, UL, 250 VAC
SP6.3X32 SCHURTER-SP6.3X32_18 Datasheet
233Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, Sand, 250 VAC
FSF6.3X32UL SCHURTER-FSF6.3X32UL Datasheet
244Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, UL, 250 VAC
FSF6.3X32 SCHURTER-FSF6.3X32_V01 Datasheet
180Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, UL, 250 VAC
04.01.2022
00011021 SCHURTER-00011021 Datasheet
265Kb / 2P
   Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, Sand, 250 VAC
FSF6.3X32UL SCHURTER-FSF6.3X32UL_V01 Datasheet
257Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, UL, 250 VAC
29.09.2021
D8M125V SCHURTER-D8M125V Datasheet
282Kb / 2P
   Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, 125 VAC, 125 VDC
D8M125V SCHURTER-D8M125V_V01 Datasheet
146Kb / 2P
   Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, 125 VAC, 125 VDC
21.11.2014
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com