Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7010.3110 Datasheet(PDF) 3 Page - Schurter Inc.

Part # 7010.3110
Description  Miniature Fuse, 5 x 20 mm, Quick-Acting F, NF, 220 VAC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

7010.3110 Datasheet(HTML) 3 Page - Schurter Inc.

  7010.3110 Datasheet HTML 1Page - Schurter Inc. 7010.3110 Datasheet HTML 2Page - Schurter Inc. 7010.3110 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Non resettable fuses
D
www.schurter.com/pg0_2
Fuses
Time-Current-Curves
0.001
0.01
0.1
1
10
100
1000
10000
100000
1
10
Multiple of Rated Current In
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.


Similar Part No. - 7010.3110

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
7010.3110 SCHURTER-7010.3110 Datasheet
303Kb / 3P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, NF, 220 VAC
7010.3110 SCHURTER-7010.3110 Datasheet
269Kb / 4P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, 220 VAC
04.01.2022
7010.3110 SCHURTER-7010.3110_16 Datasheet
303Kb / 3P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, NF, 220 VAC
7010.3110 SCHURTER-7010.3110_V02 Datasheet
269Kb / 4P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, 220 VAC
04.01.2022
More results

Similar Description - 7010.3110

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
7010.3110 SCHURTER-7010.3110_16 Datasheet
303Kb / 3P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, NF, 220 VAC
7010.3110 SCHURTER-7010.3110_V02 Datasheet
269Kb / 4P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, 220 VAC
04.01.2022
FSK5X20 SCHURTER-FSK5X20 Datasheet
184Kb / 3P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, cULus, 250 VAC
SP5X20 SCHURTER-SP5X20 Datasheet
306Kb / 3P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, H, 250 VAC
FSF5X20 SCHURTER-FSF5X20_V01 Datasheet
318Kb / 4P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, L, 250 VAC
29.09.2021
00343851 SCHURTER-00343851 Datasheet
294Kb / 3P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, cULus, 250 VAC
FSF5X20 SCHURTER-FSF5X20 Datasheet
303Kb / 4P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, L, 250 VAC
00341527 SCHURTER-00341527 Datasheet
362Kb / 3P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, L, 250 VAC
FSK5X20 SCHURTER-FSK5X20_V01 Datasheet
223Kb / 4P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, cULus, 250 VAC
29.09.2021
FSK5X20 SCHURTER-FSK5X20_V02 Datasheet
223Kb / 4P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, cULus, 250 VAC
04.01.2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com