Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B3822 Datasheet(PDF) 4 Page - EPCOS

Part # B3822
Description  SAW filter Trunked Radio
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3822 Datasheet(HTML) 4 Page - EPCOS

  B3822 Datasheet HTML 1Page - EPCOS B3822 Datasheet HTML 2Page - EPCOS B3822 Datasheet HTML 3Page - EPCOS B3822 Datasheet HTML 4Page - EPCOS B3822 Datasheet HTML 5Page - EPCOS B3822 Datasheet HTML 6Page - EPCOS B3822 Datasheet HTML 7Page - EPCOS B3822 Datasheet HTML 8Page - EPCOS B3822 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
April 06, 2009
B3822
392.50 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW filter
Data sheet
Characteristics
Temperature range for specification:
T
= –30 ˚C to +70 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
392.5
MHz
Maximum insertion attenuation
α
max
390.0
...
395.0
MHz
3.0
3.5
dB
Amplitude ripple (p-p)
∆α
390.0
...
395.0
MHz
0.8
2.0
dB
VSWR
390.0
...
395.0
MHz
1.65:1
2.0:1
Attenuation
α
0.1
...
350.0
MHz
40
60
dB
350.0
...
385.0
MHz
25
35
dB
430.0
...
885.0
MHz
40
45
dB
885.0
... 2000.0
MHz
20
25
dB


Similar Part No. - B3822

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3822 EPCOS-B3822 Datasheet
59Kb / 6P
   SAW Components Low-loss Filter 392,5 MHz
More results

Similar Description - B3822

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5046 EPCOS-B5046 Datasheet
105Kb / 9P
   SAW Rx Filter Trunked Radio
logo
CML Microcircuits
FX529 CMLMICRO-FX529 Datasheet
97Kb / 3P
   FFSK MODEM FOR TRUNKED RADIO SYSTEMS
logo
EPCOS
B1647 EPCOS-B1647 Datasheet
53Kb / 7P
   SAW filter Satellite radio
B8755 EPCOS-B8755 Datasheet
56Kb / 7P
   SAW filter Digital radio
logo
CML Microcircuits
FX429 CMLMICRO-FX429 Datasheet
483Kb / 14P
   BAND FFSK MODEM FOR TRUNKED RADIO SYSTEMS
logo
EPCOS
B1730 EPCOS-B1730 Datasheet
90Kb / 10P
   SAW IF filter Satellite radio
B1726 EPCOS-B1726 Datasheet
61Kb / 7P
   SAW IF filter Satellite radio
logo
NIHON DEMPA KOGYO
WF872G0140CB NDK-WF872G0140CB Datasheet
87Kb / 1P
   SAW Filter for Radio Communication
logo
EPCOS
B1727 EPCOS-B1727 Datasheet
96Kb / 10P
   SAW IF filter Satellite radio
B1729 EPCOS-B1729 Datasheet
82Kb / 10P
   SAW IF filter Satellite radio
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com