Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1070.0474 Datasheet(PDF) 3 Page - Schurter Inc.

Part # 1070.0474
Description  TOUCH SCREEN
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

1070.0474 Datasheet(HTML) 3 Page - Schurter Inc.

  1070.0474 Datasheet HTML 1Page - Schurter Inc. 1070.0474 Datasheet HTML 2Page - Schurter Inc. 1070.0474 Datasheet HTML 3Page - Schurter Inc. 1070.0474 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Changes that contribute to technical improvement are subject to alternations
2006
Datum
Name
Bearb.
18.08.
Maurer
TOUCH SCREEN
Gepr.
18.08
Maurer
12,26", 5-Wire
Vert.
AMT-02514-01
EDV-Datasheet
SPECIFICATIONS OF ANALOG RESISTIVE
PET-ON-GLASS TOUCH SCREEN
don’t change manually
Manufactured by Apex Material Technology Corp.
H
1070.0474
Zu Änd.
Datum
Name
D 79346 Endingen
page 3 of 4
Index: -
3.6.2 Calculate Linearity
100
*
2
2
%
Diagonal
Area
Active
Y
X
Linearity
+
=
£G
Y
£G
X
3.6.3 Linearity:
Inner Active Area :
<1.0%
Perimeter of Active Area :
<1,5%
3.7 Electrostatic Discharge Protection : (per EN 61000-4-2 ) The touch screen withstands of 15KV air discharge
and 8KV contact discharge.
4. Environment Specification
4.1
Operating Temperature
- 10
° C ~ + 60° C Humidity less than 90% RH, no dew condensation
4.2
Storage Temperature
- 40
° C ~ + 80° C, at Ambient Humidity
5. Reliability Test
5.1
Exposure to high temperature
Touch panel is put into a test machine at the condition of 80°C for 504 hours.
Then it is left at the room temperature for 24 hours or more. The measurement must satisfy the following:
- Circuit close resistance: as Sec. 3.3
- Circuit open resistance: as Sec. 3.4
- Contact bounce: as Sec. 3.5
- Linearity test: as Sec. 3.6
5.2
Exposure to low temperature
Touch panel is put into a test machine at the condition of –40°C for 504 hours.
Then it is left at the room temperature for 24 hours or more. The measurement must satisfy the following:
- Circuit close resistance: as Sec. 3.3
- Circuit open resistance: as Sec. 3.4
- Contact bounce: as Sec. 3.5
- Linearity test: as Sec. 3.6


Similar Part No. - 1070.0474

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
1070.0470 SCHURTER-1070.0470 Datasheet
222Kb / 5P
   TOUCHSCREEN
1070.0471 SCHURTER-1070.0471 Datasheet
222Kb / 5P
   TOUCHSCREEN
1070.0472 SCHURTER-1070.0472 Datasheet
222Kb / 5P
   TOUCHSCREEN
1070.0475 SCHURTER-1070.0475 Datasheet
188Kb / 4P
   TOUCH SCREEN
1070.0476 SCHURTER-1070.0476 Datasheet
188Kb / 4P
   TOUCHSCREEN
More results

Similar Description - 1070.0474

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
10700464 SCHURTER-10700464 Datasheet
199Kb / 5P
   TOUCH SCREEN
10700475 SCHURTER-10700475 Datasheet
188Kb / 4P
   TOUCH SCREEN
10700461 SCHURTER-10700461 Datasheet
197Kb / 5P
   TOUCH SCREEN
logo
Power Systems GmbH+Co.K...
F1-05811APA-G0 POWER-SYSTEMS-F1-05811APA-G0 Datasheet
246Kb / 2P
   TOUCH SCREEN
logo
Schurter Inc.
10700469 SCHURTER-10700469 Datasheet
236Kb / 4P
   TOUCH SCREEN
10700451 SCHURTER-10700451 Datasheet
145Kb / 4P
   TOUCH SCREEN
10700456 SCHURTER-10700456 Datasheet
118Kb / 4P
   TOUCH SCREEN
10700467 SCHURTER-10700467 Datasheet
199Kb / 5P
   TOUCH SCREEN
10700453 SCHURTER-10700453 Datasheet
221Kb / 4P
   TOUCH SCREEN
logo
Burr-Brown (TI)
ADS7845 BURR-BROWN-ADS7845 Datasheet
173Kb / 12P
   TOUCH SCREEN CONTROLLER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com