Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NUP4114HMR6T1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NUP4114HMR6T1G
Description  Transient Voltage Suppressors Low Capacitance ESD Protection for High Speed Data Lines
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUP4114HMR6T1G Datasheet(HTML) 1 Page - ON Semiconductor

  NUP4114HMR6T1G Datasheet HTML 1Page - ON Semiconductor NUP4114HMR6T1G Datasheet HTML 2Page - ON Semiconductor NUP4114HMR6T1G Datasheet HTML 3Page - ON Semiconductor NUP4114HMR6T1G Datasheet HTML 4Page - ON Semiconductor NUP4114HMR6T1G Datasheet HTML 5Page - ON Semiconductor NUP4114HMR6T1G Datasheet HTML 6Page - ON Semiconductor NUP4114HMR6T1G Datasheet HTML 7Page - ON Semiconductor NUP4114HMR6T1G Datasheet HTML 8Page - ON Semiconductor NUP4114HMR6T1G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2010
January, 2010 − Rev. 3
1
Publication Order Number:
NUP4114HMR6/D
NUP4114HMR6
Transient Voltage
Suppressors
Low Capacitance ESD Protection for
High Speed Data Lines
The NUP4114HMR6 transient voltage suppressor is designed to
protect high speed data lines from ESD. Ultra−low capacitance and
high level of ESD protection makes this device well suited for use in
HDMI and DVI applications.
Features
Low Capacitance (0.8 pF Typical Between I/O Lines)
Low Clamping Voltage
Low Leakage
Stand Off Voltage: 5 V
Protection for the Following IEC Standards:
IEC 61000−4−2 Level 4 ESD Protection
UL Flammability Rating of 94 V−0
This is a Pb−Free Device
Typical Applications
High Speed Communication Line Protection
Digital Video Interface (DVI) and HDMI
Monitors and Flat Panel Displays
Gigabit Ethernet
Notebook Computers
USB 2.0 High Speed Data Line and Power Line Protection
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Operating Junction Temperature Range
TJ
−40 to +125
°C
Storage Temperature Range
Tstg
−55 to +150
°C
Lead Solder Temperature −
Maximum (10 Seconds)
TL
260
°C
Human Body Model (HBM)
Machine Model (MM)
IEC 61000−4−2 Contact (ESD)
ESD
16000
400
13000
V
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
See Application Note AND8308/D for further description of
survivability specs.
Device
Package
Shipping
ORDERING INFORMATION
PIN CONFIGURATION
AND SCHEMATIC
6 I/O
5 VP
4 I/O
I/O 1
VN 2
I/O 3
http://onsemi.com
NUP4114HMR6T1G TSOP−6
(Pb−Free)
3000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
MARKING
DIAGRAM
P4H MG
G
1
6
P4H = Specific Device Code
M
= Date Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
TSOP−6
CASE 318G
STYLE 12
1


Similar Part No. - NUP4114HMR6T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUP4114HMR6T1G ONSEMI-NUP4114HMR6T1G Datasheet
169Kb / 9P
   Transient Voltage Suppressors
May, 2011 ??Rev. 4
NUP4114HMR6T1G ONSEMI-NUP4114HMR6T1G Datasheet
174Kb / 9P
   Transient Voltage Suppressors ESD Protection Diodes with Low
May, 2012 ??Rev. 2
NUP4114HMR6T1G ONSEMI-NUP4114HMR6T1G Datasheet
138Kb / 9P
   Transient Voltage Suppressors
September, 2014 ??Rev. 3
More results

Similar Description - NUP4114HMR6T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESDR0524PMUTAG ONSEMI-ESDR0524PMUTAG Datasheet
105Kb / 3P
   Transient Voltage Suppressors Low Capacitance ESD Protection for High Speed Data
July, 2010 ??Rev. 1
NUP2114UCMR6 ONSEMI-NUP2114UCMR6 Datasheet
177Kb / 5P
   Transient Voltage Suppressors Low Capacitance ESD Protection for High Speed Data
January, 2010 ??Rev. 4
ESD1014 ONSEMI-ESD1014 Datasheet
97Kb / 3P
   Low Capacitance ESD Protection Array for High Speed Data Lines Protection
March, 2011 ??Rev. 0
NUP4105MU ONSEMI-NUP4105MU Datasheet
125Kb / 3P
   Low Capacitance ESD Protection Array for High Speed Data Lines Protection
April, 2009 ??Rev. 1
logo
Rectron Semiconductor
TEP05D6M RECTRON-TEP05D6M Datasheet
249Kb / 5P
   Low Capacitance Transient Voltage Suppressors for ESD protection
2022-01/01 REV:O
logo
Will Semiconductor Ltd.
ESDA6V8AV6 WILLSEMI-ESDA6V8AV6 Datasheet
137Kb / 4P
   Low Junction Capacitance Transient Voltage Suppressors for ESD Protection
logo
DONGGUAN YOU FENG WEI E...
ESDA6V8AV6 YFWDIODE-ESDA6V8AV6 Datasheet
465Kb / 4P
   Low Junction Capacitance Transient Voltage Suppressors for ESD Protection
logo
ON Semiconductor
ESD7104MUTAG ONSEMI-ESD7104MUTAG Datasheet
342Kb / 9P
   Low Capacitance ESD Protection for High Speed Data
April, 2012 ??Rev. 2
logo
Infineon Technologies A...
ESD114-U1-02 INFINEON-ESD114-U1-02 Datasheet
975Kb / 14P
   ESD / Transient protection of high speed data lines exceeding
logo
First Silicon Co., Ltd
FTV3.3LUT FS-FTV3.3LUT Datasheet
605Kb / 4P
   Transient Voltage Suppressors for ESD Protection ESD Protection Diodes with Ultra Capacitance
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com