Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NUP4114HMR6 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NUP4114HMR6
Description  Transient Voltage Suppressors Low Capacitance ESD Protection for High Speed Data Lines
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUP4114HMR6 Datasheet(HTML) 3 Page - ON Semiconductor

  NUP4114HMR6 Datasheet HTML 1Page - ON Semiconductor NUP4114HMR6 Datasheet HTML 2Page - ON Semiconductor NUP4114HMR6 Datasheet HTML 3Page - ON Semiconductor NUP4114HMR6 Datasheet HTML 4Page - ON Semiconductor NUP4114HMR6 Datasheet HTML 5Page - ON Semiconductor NUP4114HMR6 Datasheet HTML 6Page - ON Semiconductor NUP4114HMR6 Datasheet HTML 7Page - ON Semiconductor NUP4114HMR6 Datasheet HTML 8Page - ON Semiconductor NUP4114HMR6 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
NUP4114HMR6
http://onsemi.com
3
IEC 61000−4−2 Spec.
Level
Test
Voltage
(kV)
First Peak
Current
(A)
Current at
30 ns (A)
Current at
60 ns (A)
1
2
7.5
4
2
2
4
15
8
4
3
6
22.5
12
6
4
8
30
16
8
Ipeak
90%
10%
IEC61000−4−2 Waveform
100%
I @ 30 ns
I @ 60 ns
tP = 0.7 ns to 1 ns
Figure 3. IEC61000−4−2 Spec
Figure 4. Diagram of ESD Test Setup
50 W
50 W
Cable
TVS
Oscilloscope
ESD Gun
The following is taken from Application Note
AND8308/D − Interpretation of Datasheet Parameters
for ESD Devices.
ESD Voltage Clamping
For sensitive circuit elements it is important to limit the
voltage that an IC will be exposed to during an ESD event
to as low a voltage as possible. The ESD clamping voltage
is the voltage drop across the ESD protection diode during
an ESD event per the IEC61000−4−2 waveform. Since the
IEC61000−4−2 was written as a pass/fail spec for larger
systems such as cell phones or laptop computers it is not
clearly defined in the spec how to specify a clamping voltage
at the device level. ON Semiconductor has developed a way
to examine the entire voltage waveform across the ESD
protection diode over the time domain of an ESD pulse in the
form of an oscilloscope screenshot, which can be found on
the datasheets for all ESD protection diodes. For more
information on how ON Semiconductor creates these
screenshots and how to interpret them please refer to
AND8307/D.
Figure 5. 8 X 20 ms Pulse Waveform
100
90
80
70
60
50
40
30
20
10
0
020
40
60
80
t, TIME (ms)
tP
tr
PULSE WIDTH (tP) IS DEFINED
AS THAT POINT WHERE THE
PEAK CURRENT DECAY = 8
ms
PEAK VALUE IRSM @ 8 ms
HALF VALUE IRSM/2 @ 20 ms


Similar Part No. - NUP4114HMR6

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUP4114HMR6 ONSEMI-NUP4114HMR6 Datasheet
169Kb / 9P
   Transient Voltage Suppressors
May, 2011 ??Rev. 4
NUP4114HMR6T1G ONSEMI-NUP4114HMR6T1G Datasheet
169Kb / 9P
   Transient Voltage Suppressors
May, 2011 ??Rev. 4
NUP4114HMR6T1G ONSEMI-NUP4114HMR6T1G Datasheet
174Kb / 9P
   Transient Voltage Suppressors ESD Protection Diodes with Low
May, 2012 ??Rev. 2
NUP4114HMR6T1G ONSEMI-NUP4114HMR6T1G Datasheet
138Kb / 9P
   Transient Voltage Suppressors
September, 2014 ??Rev. 3
NUP4114HMR6 ONSEMI-NUP4114HMR6_11 Datasheet
169Kb / 9P
   Transient Voltage Suppressors
May, 2011 ??Rev. 4
More results

Similar Description - NUP4114HMR6

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESDR0524PMUTAG ONSEMI-ESDR0524PMUTAG Datasheet
105Kb / 3P
   Transient Voltage Suppressors Low Capacitance ESD Protection for High Speed Data
July, 2010 ??Rev. 1
NUP2114UCMR6 ONSEMI-NUP2114UCMR6 Datasheet
177Kb / 5P
   Transient Voltage Suppressors Low Capacitance ESD Protection for High Speed Data
January, 2010 ??Rev. 4
ESD1014 ONSEMI-ESD1014 Datasheet
97Kb / 3P
   Low Capacitance ESD Protection Array for High Speed Data Lines Protection
March, 2011 ??Rev. 0
NUP4105MU ONSEMI-NUP4105MU Datasheet
125Kb / 3P
   Low Capacitance ESD Protection Array for High Speed Data Lines Protection
April, 2009 ??Rev. 1
logo
Rectron Semiconductor
TEP05D6M RECTRON-TEP05D6M Datasheet
249Kb / 5P
   Low Capacitance Transient Voltage Suppressors for ESD protection
2022-01/01 REV:O
logo
Will Semiconductor Ltd.
ESDA6V8AV6 WILLSEMI-ESDA6V8AV6 Datasheet
137Kb / 4P
   Low Junction Capacitance Transient Voltage Suppressors for ESD Protection
logo
DONGGUAN YOU FENG WEI E...
ESDA6V8AV6 YFWDIODE-ESDA6V8AV6 Datasheet
465Kb / 4P
   Low Junction Capacitance Transient Voltage Suppressors for ESD Protection
logo
ON Semiconductor
ESD7104MUTAG ONSEMI-ESD7104MUTAG Datasheet
342Kb / 9P
   Low Capacitance ESD Protection for High Speed Data
April, 2012 ??Rev. 2
logo
Infineon Technologies A...
ESD114-U1-02 INFINEON-ESD114-U1-02 Datasheet
975Kb / 14P
   ESD / Transient protection of high speed data lines exceeding
logo
First Silicon Co., Ltd
FTV3.3LUT FS-FTV3.3LUT Datasheet
605Kb / 4P
   Transient Voltage Suppressors for ESD Protection ESD Protection Diodes with Ultra Capacitance
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com