Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTTFS5811NLTAG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTTFS5811NLTAG
Description  Power MOSFET 40 V, 53 A, 6.4 m廓
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTTFS5811NLTAG Datasheet(HTML) 2 Page - ON Semiconductor

  NTTFS5811NLTAG Datasheet HTML 1Page - ON Semiconductor NTTFS5811NLTAG Datasheet HTML 2Page - ON Semiconductor NTTFS5811NLTAG Datasheet HTML 3Page - ON Semiconductor NTTFS5811NLTAG Datasheet HTML 4Page - ON Semiconductor NTTFS5811NLTAG Datasheet HTML 5Page - ON Semiconductor NTTFS5811NLTAG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NTTFS5811NL
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ =25°C unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain--to--Source Breakdown Voltage
V(BR)DSS
VGS =0 V, ID = 250 mA
40
V
Drain--to--Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/TJ
35
mV/°C
Zero Gate Voltage Drain Current
IDSS
VGS =0 V,
VDS =40 V
TJ =25°C
1.0
mA
TJ = 125°C
10
Gate--to--Source Leakage Current
IGSS
VDS =0 V, VGS = ±20 V
±100
nA
ON CHARACTERISTICS (Note 2)
Gate Threshold Voltage
VGS(TH)
VGS =VDS,ID = 250 mA
1.5
1.7
2.2
V
Negative Threshold Temperature
Coefficient
VGS(TH)/TJ
--6
mV/°C
Drain--to--Source On Resistance
RDS(on)
VGS =10 V
ID =20 A
5.5
6.4
VGS =4.5 V
ID =20 A
8.3
10
Forward Transconductance
gFS
VDS =5 V, ID =10 A
24.6
S
CHARGES, CAPACITANCES AND GATE RESISTANCE
Input Capacitance
Ciss
VGS = 0 V,f= 1.0MHz,VDS =25 V
1570
pF
Output Capacitance
Coss
215
Reverse Transfer Capacitance
Crss
157
Total Gate Charge
QG(TOT)
VGS =10 V, VDS =32 V, ID =10 A
31
nC
VGS =4.5 V, VDS =32 V, ID =10 A
18
Threshold Gate Charge
QG(TH)
VGS =4.5 V, VDS =32 V, ID =10 A
1
nC
Gate--to--Source Charge
QGS
5
Gate--to--Drain Charge
QGD
10
Plateau Voltage
VGP
3
V
Gate Resistance
RG
0.61
Ω
SWITCHING CHARACTERISTICS (Note 3)
Turn--On Delay Time
td(on)
VGS =4.5 V, VDS =32 V,
ID =10 A, RG =2.5 Ω
11
ns
Rise Time
tr
30
Turn--Off Delay Time
td(off)
21
Fall Time
tf
12
DRAIN--SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS =0 V,
IS =10 A
TJ =25°C
0.74
1.2
V
TJ = 125°C
0.58
Reverse Recovery Time
tRR
VGS =0 V, dIS/dt = 100 A/ms,
IS =10 A
21
ns
Charge Time
ta
11
Discharge Time
tb
10
Reverse Recovery Charge
QRR
12
nC
2. Pulse Test: pulse width ≤ 300 ms, duty cycle ≤ 2%.
3. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - NTTFS5811NLTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTTFS5820NL ONSEMI-NTTFS5820NL Datasheet
116Kb / 6P
   Power MOSFET 60 V, 37 A, 11.5 m
April, 2010 ??Rev. 0
NTTFS5820NL ONSEMI-NTTFS5820NL Datasheet
112Kb / 6P
   Power MOSFET
November, 2011 ??Rev. 1
NTTFS5820NLTAG ONSEMI-NTTFS5820NLTAG Datasheet
116Kb / 6P
   Power MOSFET 60 V, 37 A, 11.5 m
April, 2010 ??Rev. 0
NTTFS5820NLTAG ONSEMI-NTTFS5820NLTAG Datasheet
112Kb / 6P
   Power MOSFET
November, 2011 ??Rev. 1
NTTFS5820NLTWG ONSEMI-NTTFS5820NLTWG Datasheet
116Kb / 6P
   Power MOSFET 60 V, 37 A, 11.5 m
April, 2010 ??Rev. 0
More results

Similar Description - NTTFS5811NLTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVTYS014P04M8L ONSEMI-NVTYS014P04M8L Datasheet
337Kb / 7P
   MOSFET – Power, Single P-Channel −40 V, 13.5 m, −53 A
May, 2021 - Rev. P2
logo
STMicroelectronics
STD55N4F5 STMICROELECTRONICS-STD55N4F5 Datasheet
781Kb / 13P
   N-channel 40 V, 7.3 m廓, 40 A, DPAK STripFET??V Power MOSFET
logo
ON Semiconductor
NTD5865NL ONSEMI-NTD5865NL Datasheet
275Kb / 7P
   N-Channel Power MOSFET 60 V, 40 A, 16 m廓
June, 2010 -- Rev. 1
logo
Fairchild Semiconductor
FDMC7208S FAIRCHILD-FDMC7208S_12 Datasheet
464Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET Q1: 30 V, 12 A, 9.0 m廓 Q2: 30 V, 16 A, 6.4 m廓
FDMC7208S FAIRCHILD-FDMC7208S Datasheet
447Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET Q1: 30 V, 12 A, 9.0 m廓 Q2: 30 V, 16 A, 6.4 m廓
FDMC8015L FAIRCHILD-FDMC8015L Datasheet
304Kb / 7P
   N-Channel Power Trench짰 MOSFET 40 V, 18 A, 26 m廓
logo
Renesas Technology Corp
N0439N RENESAS-N0439N Datasheet
221Kb / 7P
   N-channel MOSFET 40 V, 90 A, 3.3 m廓
logo
NXP Semiconductors
PSMN7R0-60YS NXP-PSMN7R0-60YS Datasheet
247Kb / 15P
   N-channel LFPAK 60 V 6.4 m廓 standard level MOSFET
Rev. 02-30 March 2010
logo
Fairchild Semiconductor
FDMC8030 FAIRCHILD-FDMC8030 Datasheet
341Kb / 7P
   Dual N-Channel Power Trench짰 MOSFET 40 V, 12 A, 10 m廓
logo
Nexperia B.V. All right...
BUK9M53-60E NEXPERIA-BUK9M53-60E Datasheet
727Kb / 13P
   N-channel 60 V, 53 m廓 logic level MOSFET in LFPAK33
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com