Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTP2955 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTP2955
Description  Power MOSFET ??0 V, ??2 A, Single P?묬hannel, TO??20
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTP2955 Datasheet(HTML) 1 Page - ON Semiconductor

  NTP2955 Datasheet HTML 1Page - ON Semiconductor NTP2955 Datasheet HTML 2Page - ON Semiconductor NTP2955 Datasheet HTML 3Page - ON Semiconductor NTP2955 Datasheet HTML 4Page - ON Semiconductor NTP2955 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2006
March, 2006 − Rev. 2
1
Publication Order Number:
NTP2955/D
NTP2955
Power MOSFET
−60 V, −12 A, Single P−Channel, TO−220
Features
Low RDS(on)
Rugged Performance
Fast Switching
Pb−Free Package is Available*
Applications
Industrial
Automotive
Power Supplies
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
−60
V
Gate−to−Source Voltage
VGS
±20
V
Continuous Drain
Current (Note 1)
Steady
State
TC = 25°C
ID
−12
A
TC = 85°C
−9.0
Power Dissipation
(Note 1)
TC = 25°C
PD
62.5
W
Continuous Drain
Current (Note 1)
Steady
State
TA = 25°C
ID
−2.4
A
TA = 85°C
−1.8
Power Dissipation
(Note 1)
TA = 25°C
PD
2.4
W
Pulsed Drain Current
tp =10 ms
IDM
−42
A
Operating Junction and Storage Temperature
TJ,
TSTG
−55 to
175
°C
Source Current (Body Diode)
IS
−12
A
Single Pulse Drain−to−Source Avalanche
Energy (VDD = −30 V, VG = −10 V,
IPK = −12 A, L = 3.0 mH, RG = 3.0 W)
EAS
216
mJ
Lead Temperature for Soldering Purposes
(1/8” from case for 10 s)
TL
260
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Max
Unit
Junction−to−Case
RqJC
2.4
°C/W
Junction−to−Ambient − Steady State (Note 1)
RqJA
62.5
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. When surface mounted to an FR4 board using 1 in pad size
(Cu. area = 1.127 in sq [1 oz] including traces).
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
D
S
G
P−Channel
−60 V
156 mW @ −10 V
RDS(on) Typ
−12 A
ID MAX
V(BR)DSS
Device
Package
Shipping
ORDERING INFORMATION
NTP2955
TO−220
50 Units / Rail
TO−220
CASE 221A
STYLE 5
1
2
3
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
NTP2955G
TO−220
(Pb−Free)
50 Units / Rail
http://onsemi.com
NT2955G
AYWW
DS
D
G
1
MARKING DIAGRAM &
PIN ASSIGNMENT


Similar Part No. - NTP2955

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP2955 ONSEMI-NTP2955 Datasheet
78Kb / 5P
   Power MOSFET
January, 2015 ??Rev. 3
NTP2955G ONSEMI-NTP2955G Datasheet
78Kb / 5P
   Power MOSFET
January, 2015 ??Rev. 3
logo
VBsemi Electronics Co.,...
NTP2955G VBSEMI-NTP2955G Datasheet
951Kb / 7P
   P-Channel 60-V (D-S) MOSFET
logo
ON Semiconductor
NTP2955 ONSEMI-NTP2955_15 Datasheet
78Kb / 5P
   Power MOSFET
January, 2015 ??Rev. 3
More results

Similar Description - NTP2955

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLUS3A18PZTCG ONSEMI-NTLUS3A18PZTCG Datasheet
153Kb / 6P
   Power MOSFET ??0 V, ??.2 A, Single P?묬hannel,
July, 2012 ??Rev. 3
NTD2955 ONSEMI-NTD2955_V01 Datasheet
112Kb / 8P
   Power MOSFET ??0 V, ??2 A, P?묬hannel DPAK
October, 2012 ??Rev. 12
NTS4173P ONSEMI-NTS4173P Datasheet
114Kb / 6P
   Power MOSFET ??0 V, ??.3 A, Single P?묬hannel, SC??0
September, 2008 ??Rev. 0
NTS2101P ONSEMI-NTS2101P Datasheet
66Kb / 5P
   Power MOSFET ??.0 V, ??.4 A, Single P?묬hannel, SC??0
March, 2006 ??Rev. 1
NTJS4151P ONSEMI-NTJS4151P Datasheet
143Kb / 5P
   Trench Power MOSFET ??0 V, ??.2 A, Single P?묬hannel, SC??8
February, 2006 ??Rev. 1
NTDV20P06LT4G ONSEMI-NTDV20P06LT4G Datasheet
156Kb / 7P
   Power MOSFET ??0 V, ??5.5 A, Single P?묬hannel, DPAK
August, 2011 ??Rev. 6
NTD20P06L ONSEMI-NTD20P06L Datasheet
119Kb / 7P
   Power MOSFET ??0 V, ??5.5 A, Single P?묬hannel, DPAK
August, 2011 ??Rev. 6
NTGS5120P ONSEMI-NTGS5120P Datasheet
112Kb / 5P
   Power MOSFET ??0 V, ??.9 A, Single P?묬hannel, TSOP??
June, 2008 ??Rev. P0
NVTFS5124PL ONSEMI-NVTFS5124PL Datasheet
127Kb / 6P
   Power MOSFET ??0 V, ?? A, 260 m, Single P?묬hannel
May, 2013 ??Rev. 2
NVD2955T4G ONSEMI-NVD2955T4G Datasheet
124Kb / 8P
   ??0 V, ??2 A, P?묬hannel DPAK
October, 2012 ??Rev. 12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com