Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTP13N10G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTP13N10G
Description  Power MOSFET 13 A, 100 V, N?묬hannel Enhancement?묺ode TO??20
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTP13N10G Datasheet(HTML) 2 Page - ON Semiconductor

  NTP13N10G Datasheet HTML 1Page - ON Semiconductor NTP13N10G Datasheet HTML 2Page - ON Semiconductor NTP13N10G Datasheet HTML 3Page - ON Semiconductor NTP13N10G Datasheet HTML 4Page - ON Semiconductor NTP13N10G Datasheet HTML 5Page - ON Semiconductor NTP13N10G Datasheet HTML 6Page - ON Semiconductor NTP13N10G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NTP13N10
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
(VGS = 0 Vdc, ID = 250 mAdc)
Temperature Coefficient (Positive)
V(BR)DSS
100
147
Vdc
mV/°C
Zero Gate Voltage Collector Current
(VGS = 0 Vdc, VDS = 100 Vdc, TJ = 25°C)
(VGS = 0 Vdc, VDS = 100 Vdc, TJ = 125°C)
IDSS
5.0
50
mAdc
Gate−Body Leakage Current (VGS = ±20 Vdc, VDS = 0)
IGSS
± 100
nAdc
ON CHARACTERISTICS
Gate Threshold Voltage
VDS = VGS, ID = 250 mAdc)
Temperature Coefficient (Negative)
VGS(th)
2.0
3.2
−7.6
4.0
Vdc
mV/°C
Static Drain−to−Source On−State Resistance
(VGS = 10 Vdc, ID = 6.5 Adc)
(VGS = 10 Vdc, ID = 6.5 Adc, TJ = 125°C)
RDS(on)
0.130
0.250
0.165
0.400
Ω
Drain−to−Source On−Voltage
(VGS = 10 Vdc, ID = 13 Adc)
VDS(on)
1.82
2.34
Vdc
Forward Transconductance (VDS = 15 Vdc, ID = 6.5 Adc)
gFS
6.0
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 25 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Ciss
390
550
pF
Output Capacitance
Coss
115
160
Reverse Transfer Capacitance
Crss
35
70
SWITCHING CHARACTERISTICS (Notes 2 & 3)
Turn−On Delay Time
(VDD = 80 Vdc, ID = 13 Adc,
VGS = 10 Vdc, RG = 9.1 Ω)
td(on)
11
20
ns
Rise Time
tr
40
80
Turn−Off Delay Time
td(off)
20
40
Fall Time
tf
36
70
Gate Charge
(VDS = 80 Vdc, ID = 13 Adc,
VGS = 10 Vdc)
Qtot
14
20
nC
Qgs
3.0
Qgd
7.0
BODY−DRAIN DIODE RATINGS (Note 2)
Forward On−Voltage
(IS = 13 Adc, VGS = 0 Vdc)
(IS = 13 Adc, VGS = 0 Vdc, TJ = 125°C)
VSD
0.98
0.88
1.3
Vdc
Reverse Recovery Time
(IS = 13 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/ms)
trr
85
ns
ta
60
tb
28
Reverse Recovery Stored Charge
QRR
0.3
mC
2. Pulse Test: Pulse Width = 300 ms max, Duty Cycle = 2%.
3. Switching characteristics are independent of operating junction temperature.


Similar Part No. - NTP13N10G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP10N40 ONSEMI-NTP10N40 Datasheet
148Kb / 4P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 2
NTP110N65S3HF ONSEMI-NTP110N65S3HF Datasheet
377Kb / 10P
   MOSFET ?밣ower, N-Channel, SUPERFET III, FRFET 650 V, 30 A, 110 m
June,2019-Rev. 0
NTP125N02R ONSEMI-NTP125N02R Datasheet
68Kb / 6P
   Power MOSFET 125 A, 24 V N-Channel TO-220, D2PAK
October, 2003 ??Rev. 4
NTP125N02R ONSEMI-NTP125N02R Datasheet
90Kb / 7P
   Power MOSFET 125 A, 24 V N?묬hannel TO??20, D2PAK
April, 2006 ??Rev. 7
NTP125N02RG ONSEMI-NTP125N02RG Datasheet
90Kb / 7P
   Power MOSFET 125 A, 24 V N?묬hannel TO??20, D2PAK
April, 2006 ??Rev. 7
More results

Similar Description - NTP13N10G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB13N10 ONSEMI-NTB13N10 Datasheet
77Kb / 8P
   Power MOSFET 100 V, 13 A, N?묬hannel Enhancement?묺ode D2PAK
August, 2005 ??Rev. 6
NTB13N10T4G ONSEMI-NTB13N10T4G Datasheet
83Kb / 8P
   100 V, 13 A, N?묬hannel Enhancement?묺ode D2PAK
August, 2005 ??Rev. 6
NTP30N20G ONSEMI-NTP30N20G Datasheet
164Kb / 7P
   N?묬hannel Enhancement?묺ode TO??20
March, 2006 ??Rev. 5
NTY100N10 ONSEMI-NTY100N10_06 Datasheet
162Kb / 8P
   Power MOSFET 123 A, 100 V N?묬hannel Enhancement?묺ode TO264 Package
March, 2006 ??Rev. 2
NTMS4P01R2 ONSEMI-NTMS4P01R2 Datasheet
232Kb / 8P
   P?묬hannel Enhancement?묺ode Power MOSFET
August, 2006 ??Rev. 1
NTD12N10 ONSEMI-NTD12N10 Datasheet
77Kb / 8P
   Power MOSFET 12 Amps, 100 Volts N?묬hannel Enhancement?묺ode DPAK
August, 2004 ??Rev. 6
NTB35N15T4G ONSEMI-NTB35N15T4G Datasheet
86Kb / 8P
   N?묬hannel Enhancement?묺ode D2PAK
August, 2005 ??Rev. 5
MTP10N10EL ONSEMI-MTP10N10EL Datasheet
107Kb / 8P
   Power MOSFET 10 A, 100 V, Logic Level, N?묬hannel TO??20
March, 2005 ??Rev. 4
MTP10N40E ONSEMI-MTP10N40E Datasheet
234Kb / 8P
   N?묬hannel Enhancement?묺ode Silicon Gate
August, 2006 ??Rev. 1
MTP2N40E ONSEMI-MTP2N40E Datasheet
213Kb / 7P
   N?묬hannel Enhancement?묺ode Silicon Gate
August, 2006 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com