Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTMSD6N303R2SG Datasheet(PDF) 8 Page - ON Semiconductor

Part # NTMSD6N303R2SG
Description  Power MOSFET 6 Amps, 30 Volts N?묬hannel SO?? FETKY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMSD6N303R2SG Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NTMSD6N303R2SG Datasheet HTML 3Page - ON Semiconductor NTMSD6N303R2SG Datasheet HTML 4Page - ON Semiconductor NTMSD6N303R2SG Datasheet HTML 5Page - ON Semiconductor NTMSD6N303R2SG Datasheet HTML 6Page - ON Semiconductor NTMSD6N303R2SG Datasheet HTML 7Page - ON Semiconductor NTMSD6N303R2SG Datasheet HTML 8Page - ON Semiconductor NTMSD6N303R2SG Datasheet HTML 9Page - ON Semiconductor NTMSD6N303R2SG Datasheet HTML 10Page - ON Semiconductor NTMSD6N303R2SG Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
NTMSD6N303R2
http://onsemi.com
8
TYPICAL SCHOTTKY ELECTRICAL CHARACTERISTICS
Figure 22. Schottky Thermal Response
t, TIME (s)
1.0
0.1
D = 0.5
SINGLE PULSE
1.0E−05
1.0E−04
1.0E−03
1.0E−02
1.0E−01
1.0E+00
1.0E+01
0.2
0.1
0.02
1.0E+02
1.0E+03
0.001
0.01
NORMALIZED TO RqJA AT STEADY STATE (1″ PAD)
CHIP
JUNCTION
0.1010 W
39.422 mF
1.2674 W
493.26 mF
27.987 W
0.0131 F
30.936 W
0.2292 F
36.930 W
2.267 F
AMBIENT
0.05
0.01
TYPICAL APPLICATIONS
LOAD
Vout
CO
+
Vin
+
LOAD
Vout
CO
+
Vin
+
LO
LO
STEP DOWN SWITCHING REGULATORS
Buck Regulator
Synchronous Buck Regulator


Similar Part No. - NTMSD6N303R2SG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMSD6N303 ONSEMI-NTMSD6N303 Datasheet
295Kb / 2P
   Typical Uses for FETKY Devices
Rev.0, Jun-2006
More results

Similar Description - NTMSD6N303R2SG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMD4N03R2 ONSEMI-NTMD4N03R2 Datasheet
80Kb / 8P
   Power MOSFET 4 Amps, 30 Volts N?묬hannel SO?? Dual
May, 2004 ??Rev. 1
MMDF2P03HDR2 ONSEMI-MMDF2P03HDR2 Datasheet
236Kb / 10P
   Power MOSFET 2 Amps, 30 Volts P?묬hannel SO??, Dual
August, 2006 ??Rev. 8
MMDF7N02ZR2 ONSEMI-MMDF7N02ZR2 Datasheet
256Kb / 12P
   Power MOSFET 7 Amps, 20 Volts N?묬hannel SO??, Dual
September, 2004?뭃ev. XXX
MMDF3N06VL ONSEMI-MMDF3N06VL Datasheet
52Kb / 4P
   Power MOSFET 3 Amps, 60 Volts N?묬hannel SO??, Dual
April, 2004 ??Rev. 2
MMDF2N02E ONSEMI-MMDF2N02E Datasheet
100Kb / 7P
   Power MOSFET 2 Amps, 25 Volts N?묬hannel SO??, Dual
February, 2006 ??Rev. 7
MTD6N20E ONSEMI-MTD6N20E Datasheet
90Kb / 9P
   Power MOSFET 6 Amps, 200 Volts N?묬hannel DPAK
August, 2005 ??Rev. 3
MMSF3P02HD ONSEMI-MMSF3P02HD Datasheet
102Kb / 8P
   Power MOSFET 3 Amps, 20 Volts P?묬hannel SO??
February, 2006 ??Rev. 7
NTD5413N ONSEMI-NTD5413N Datasheet
109Kb / 6P
   Power MOSFET 30 Amps, 60 Volts Single N?묬hannel DPAK
October, 2008 ??Rev. 0
MMDF2P02E ONSEMI-MMDF2P02E Datasheet
99Kb / 7P
   Power MOSFET 2 Amps, 25 Volts P?묬hannel SO??, Dual
April, 2006 ??Rev. 8
MMDF2P02HD ONSEMI-MMDF2P02HD Datasheet
100Kb / 8P
   Power MOSFET 2 Amps, 20 Volts P?묬hannel SO??, Dual
February, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com