Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTMFS4847N Datasheet(PDF) 6 Page - ON Semiconductor

Part # NTMFS4847N
Description  Power MOSFET 30 V, 85 A, Single N?묬hannel, SO?? FL
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS4847N Datasheet(HTML) 6 Page - ON Semiconductor

  NTMFS4847N Datasheet HTML 1Page - ON Semiconductor NTMFS4847N Datasheet HTML 2Page - ON Semiconductor NTMFS4847N Datasheet HTML 3Page - ON Semiconductor NTMFS4847N Datasheet HTML 4Page - ON Semiconductor NTMFS4847N Datasheet HTML 5Page - ON Semiconductor NTMFS4847N Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
NTMFS4847N
http://onsemi.com
6
PACKAGE DIMENSIONS
DFN6 5x6, 1.27P (SO8 FL)
CASE 488AA−01
ISSUE C
STYLE 1:
PIN 1. SOURCE
2. SOURCE
3. SOURCE
4. GATE
5. DRAIN
6. DRAIN
M
3.00
3.40
q
0
−−−
_
3.80
12
_
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION D1 AND E1 DO NOT INCLUDE
MOLD FLASH PROTRUSIONS OR GATE
BURRS.
12
3
4
5
6
TOP VIEW
SIDE VIEW
BOTTOM VIEW
D1
E1
q
D
E
2
2
B
A
0.20 C
0.20 C
2 X
2 X
DIM
MIN
NOM
MILLIMETERS
A
0.90
1.00
A1
0.00
−−−
b
0.33
0.41
c
0.23
0.28
D
5.15 BSC
D1
4.50
4.90
D2
3.50
−−−
E
6.15 BSC
E1
5.50
5.80
E2
3.45
−−−
e
1.27 BSC
G
0.51
0.61
K
0.51
−−−
L
0.51
0.61
L1
0.05
0.17
A
0.10 C
0.10 C
DETAIL A
14
6
L1
e/2
8X
D2
G
E2
K
b
A
0.10
B
C
0.05
c
L
DETAIL A
A1
e
3 X
c
4 X
C
SEATING
PLANE
5
MAX
1.10
0.05
0.51
0.33
5.10
4.22
6.10
4.30
0.71
−−−
0.71
0.20
M
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
1.270
2X
0.750
1.000
0.905
0.475
4.530
1.530
4.560
0.495
3.200
1.330
0.965
2X
2X
3X
4X
4X
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
NTMFS4847N/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NTMFS4847N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4847N ONSEMI-NTMFS4847N Datasheet
116Kb / 6P
   Power MOSFET 30V 85A Single N-Channel, SO-8FL
May, 2012 ??Rev. 3
NTMFS4847NT1G ONSEMI-NTMFS4847NT1G Datasheet
116Kb / 6P
   Power MOSFET 30V 85A Single N-Channel, SO-8FL
May, 2012 ??Rev. 3
NTMFS4847NT3G ONSEMI-NTMFS4847NT3G Datasheet
116Kb / 6P
   Power MOSFET 30V 85A Single N-Channel, SO-8FL
May, 2012 ??Rev. 3
NTMFS4847N ONSEMI-NTMFS4847N_12 Datasheet
116Kb / 6P
   Power MOSFET 30V 85A Single N-Channel, SO-8FL
May, 2012 ??Rev. 3
More results

Similar Description - NTMFS4847N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4823N ONSEMI-NTMFS4823N Datasheet
141Kb / 6P
   Power MOSFET 30 V, 30 A, Single N?묬hannel, SO?? FL
January, 2010 ??Rev. 2
NTMFS4849N ONSEMI-NTMFS4849N_10 Datasheet
143Kb / 6P
   Power MOSFET 30 V, 71 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 2
NTMFS4852N ONSEMI-NTMFS4852N Datasheet
141Kb / 7P
   Power MOSFET 30 V, 155 A, Single N?묬hannel, SO?? FL
July, 2009 ??Rev. P1
NTMFS4925N ONSEMI-NTMFS4925N Datasheet
114Kb / 6P
   Power MOSFET 30 V, 48 A, Single N?묬hannel, SO?? FL
October, 2010 ??Rev. 0
NTMFS4841N ONSEMI-NTMFS4841N Datasheet
151Kb / 7P
   Power MOSFET 30 V, 57 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 7
NTMFS4845N ONSEMI-NTMFS4845N Datasheet
143Kb / 6P
   Power MOSFET 30 V, 115 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 2
NTMFS4937N ONSEMI-NTMFS4937N Datasheet
148Kb / 7P
   Power MOSFET 30 V, 70 A, Single N?묬hannel, SO?? FL
August, 2009 ??Rev. 1
NTMFS4C08NT1G ONSEMI-NTMFS4C08NT1G Datasheet
129Kb / 7P
   Power MOSFET 30 V, 52 A, Single N?묬hannel, SO?? FL
March, 2013 ??Rev. 1
NTMFS4C05NT1G ONSEMI-NTMFS4C05NT1G Datasheet
123Kb / 7P
   Power MOSFET 30 V, 78 A, Single N?묬hannel, SO?? FL
November, 2013 ??Rev. 3
NTMFS4955NT3G ONSEMI-NTMFS4955NT3G Datasheet
123Kb / 7P
   Power MOSFET 30 V, 48 A, Single N?묬hannel, SO?? FL
March, 2013 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com