Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC1823AJ Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UC1823AJ
Description  HIGH-SPEED PWM CONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC1823AJ Datasheet(HTML) 2 Page - Texas Instruments

  UC1823AJ Datasheet HTML 1Page - Texas Instruments UC1823AJ Datasheet HTML 2Page - Texas Instruments UC1823AJ Datasheet HTML 3Page - Texas Instruments UC1823AJ Datasheet HTML 4Page - Texas Instruments UC1823AJ Datasheet HTML 5Page - Texas Instruments UC1823AJ Datasheet HTML 6Page - Texas Instruments UC1823AJ Datasheet HTML 7Page - Texas Instruments UC1823AJ Datasheet HTML 8Page - Texas Instruments UC1823AJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
UC1823A,UC2823A, UC2823B,
UC3823A,UC3823B,UC1825A,
UC2825A,UC2825B,UC3825A,UC3825B
SLUS334D − AUGUST 1995 − REVISED NOVEMBER 2008
www.ti.com
2
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during
storage or handling to prevent electrostatic damage to the MOS gates.
DESCRIPTION (CONTINUED)
Functional improvements have also been implemented in this family. The UC3825 shutdown comparator is now a
high-speed overcurrent comparator with a threshold of 1.2 V. The overcurrent comparator sets a latch that ensures full
discharge of the soft-start capacitor before allowing a restart. While the fault latch is set, the outputs are in the low state.
In the event of continuous faults, the soft-start capacitor is fully charged before discharge to insure that the fault frequency
does not exceed the designed soft start period. The UC3825 CLOCK pin has become CLK/LEB. This pin combines the
functions of clock output and leading edge blanking adjustment and has been buffered for easier interfacing.
The UC3825A and UC3825B have dual alternating outputs and the same pin configuration of the UC3825. The UC3823A
and UC3823B outputs operate in phase with duty cycles from zero to less than 100%. The pin configuration of the UC3823A
and UC3823B is the same as the UC3823 except pin 11 is now an output pin instead of the reference pin to the current
limit comparator. “A” version parts have UVLO thresholds identical to the original UC3823 and UC3825. The “B” versions
have UVLO thresholds of 16 V and 10 V, intended for ease of use in off-line applications.
Consult the application note, The UC3823A,B and UC3825A,B Enhanced Generation of PWM Controllers, (SLUA125) for
detailed technical and applications information.
ORDERING INFORMATION
UVLO
TA
MAXIMUM
DUTY CYCLE
9.2 V / 8.4 V
16 V / 10 V
TA
MAXIMUM
DUTY CYCLE
SOIC−16(1)
(DW)
PDIP−16
(N)
PLCC−20(1)
(Q)
SOIC−16
(DW)
PDIP−16
(N)
PLCC−20(1)
(Q)
−40
°C to 85°C
< 100%
UC2823ADW
UC2823AN
UC2823AQ
UC2823BDW
UC2823BN
−40
°C to 85°C
< 50%
UC2825ADW
UC2825AN
UC2825AQ
UC2825BDW
UC2825BN
−0
°C to 70°C
< 100%
UC3823ADW
UC3823AN
UC3823AQ
UC3823BDW
UC3823BN
−0
°C to 70°C
< 50%
UC3825ADW
UC3825AN
UC3825AQ
UC3825BDW
UC3825BN
UC3825BQ
(1) The DW and Q packages are also available taped and reeled. Add TR suffix to the device type (i.e., UC2823ADWR). To order quantities of 1000
devices per reel for the Q package and 2000 devices per reel for the DW package.
UVLO
TA
MAXIMUM
DUTY CYCLE
9.2 V / 8.4 V
TA
MAXIMUM
DUTY CYCLE
CDIP−16
(J)
LCCC−20
(L)
−55
°C to 125°C
< 100%
UC1823AJ, UC1823AJ883B, UC1823AJQMLV
UC1823AL, UC1823AL883B
−55
°C to 125°C
< 50%
UC1825AJ, UC1825AJ883B, UC1825AJQMLV
UC1825AL, UC1825AL883B, UC1825ALQMLV
PIN ASSIGNMENTS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
INV
NI
EAOUT
CLK/LEB
RT
CT
RAMP
SS
VREF
VCC
OUTB
VC
PGND
OUTA
GND
ILIM
DW, J, OR N PACKAGES
(TOP VIEW)
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
OUTB
VC
NC
PGND
OUTA
EAOUT
CLK/LEB
NC
RT
CT
Q OR L PACKAGES
(TOP VIEW)
NC = no connection


Similar Part No. - UC1823AJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1823AJ TI-UC1823AJ Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC1823AJ TI1-UC1823AJ Datasheet
936Kb / 19P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
UC1823AJ883B TI-UC1823AJ883B Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC1823AJ883B TI1-UC1823AJ883B Datasheet
936Kb / 19P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
More results

Similar Description - UC1823AJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC3825B TI-UC3825B Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI-UC1825 Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI1-UC1825_13 Datasheet
968Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825AQDW TI-UC2825AQDW Datasheet
928Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825A-Q1 TI-UC2825A-Q1_15 Datasheet
932Kb / 17P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com