Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XIO2001_101 Datasheet(PDF) 10 Page - Texas Instruments

Part # XIO2001_101
Description  PCI Express??to PCI Bus Translation Bridge
Download  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001_101 Datasheet(HTML) 10 Page - Texas Instruments

Back Button XIO2001_101 Datasheet HTML 6Page - Texas Instruments XIO2001_101 Datasheet HTML 7Page - Texas Instruments XIO2001_101 Datasheet HTML 8Page - Texas Instruments XIO2001_101 Datasheet HTML 9Page - Texas Instruments XIO2001_101 Datasheet HTML 10Page - Texas Instruments XIO2001_101 Datasheet HTML 11Page - Texas Instruments XIO2001_101 Datasheet HTML 12Page - Texas Instruments XIO2001_101 Datasheet HTML 13Page - Texas Instruments XIO2001_101 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 131 page
background image
XIO2001
SCPS212D – MAY 2009 – REVISED JANUARY 2010
www.ti.com
2
Overview
The Texas Instruments XIO2001 is a PCI Express to PCI local bus translation bridge that provides full PCI
Express and PCI local bus functionality and performance.
2.1
Description
The XIO2001 is a single-function PCI Express to PCI translation bridge that is fully compliant to the PCI
Express to PCI/PCI-X Bridge Specification, Revision 1.0. For downstream traffic, the bridge
simultaneously supports up to eight posted and four non-posted transactions. For upstream traffic, up to
six posted and and four non-posted transactions are simultaneously supported.
The PCI Express interface is fully compliant to the PCI Express Base Specification, Revision 2.0.
The PCI Express interface supports a ×1 link operating at full 250 MB/s packet throughput in each
direction simultaneously. Also, the bridge supports the advanced error reporting including extended CRC
(ECRC) as defined in the PCI Express Base Specification. Supplemental firmware or software is required
to fully utilize both of these features.
Robust pipeline architecture is implemented to minimize system latency across the bridge. If parity errors
are detected, then packet poisoning is supported for both upstream and downstream operations.
The PCI local bus is fully compliant with the PCI Local Bus Specification (Revision 2.3) and associated
programming model. Also, the bridge supports the standard PCI-to-PCI bridge programming model. The
PCI bus interface is 32-bit and can operate at either 25 MHz, 33 MHz, 50 MHz, or 66 MHz. Also, the PCI
interface provides fair arbitration and buffered clock outputs for up to 6 subordinate devices.
Power management (PM) features include active state link PM, PME mechanisms, the beacon and wake
protocols, and all conventional PCI D-states. If the active state link PM is enabled, then the link
automatically saves power when idle using the L0s and L1 states. PM active state NAK, PM PME, and
PME-to-ACK messages are supported. Standard PCI bus power management features provide several
low power modes, which enable the host system to further reduce power consumption.
The bridge has additional capabilities including, but not limited to, serial IRQ with MSI messages, serial
EEPROM, power override, clock run, PCI Express clock request and PCI bus LOCK. Also, five
general-purpose inputs and outputs (GPIOs) are provided for further system control and customization.
2.2
Related Documents
PCI Express to PCI/PCI-X Bridge Specification, Revision 1.0
PCI Express Base Specification, Revision 2.0
PCI Express Card Electromechanical Specification, Revision 2.0
PCI Local Bus Specification, Revision 2.3
PCI-to-PCI Bridge Architecture Specification, Revision 1.2
PCI Bus Power Management Interface Specification, Revision 1.2
PCI Mobile Design Guide, Revision 1.1
Serialized IRQ Support for PCI Systems, Revision 6.0
10
Overview
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): XIO2001


Similar Part No. - XIO2001_101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XIO2001 TI-XIO2001_10 Datasheet
1Mb / 128P
[Old version datasheet]   PCI Express??to PCI Bus Translation Bridge
More results

Similar Description - XIO2001_101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XIO2000A TI-XIO2000A Datasheet
1Mb / 155P
[Old version datasheet]   PCI Express to PCI Bus Translation Bridge
XIO2000A TI1-XIO2000A_19 Datasheet
1Mb / 160P
[Old version datasheet]   PCI Express to PCI Bus Translation Bridge
XIO2001 TI-XIO2001_10 Datasheet
1Mb / 128P
[Old version datasheet]   PCI Express??to PCI Bus Translation Bridge
logo
TEXAS ADVANCED OPTOELEC...
XIO2000A TAOS-XIO2000A_08 Datasheet
1Mb / 159P
   PCI Express to PCI Bus Translation Bridge
logo
Texas Instruments
XIO2001 TI1-XIO2001_16 Datasheet
2Mb / 141P
[Old version datasheet]   PCI Express to PCI Bus Translation Bridge
XIO2001 TI-XIO2001_V01 Datasheet
2Mb / 144P
[Old version datasheet]   XIO2001 PCI Express to PCI Bus Translation Bridge
XIO2000 TI-XIO2000 Datasheet
1Mb / 150P
[Old version datasheet]   XIO2000 PCI Express to PCI Bus Translation Bridge
XIO2001 TI-XIO2001 Datasheet
1Mb / 131P
[Old version datasheet]   Express??to PCI Bus Translation Bridge
XIO2000A TI-XIO2000A_V01 Datasheet
2Mb / 165P
[Old version datasheet]   XIO2000A/XIO2000AI PCI Express to PCI Bus Translation Bridge
logo
PLX Technology
PEX8111 PLX-PEX8111 Datasheet
122Kb / 2P
   PCI Express to PCI Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com