Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTMFS4708NT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTMFS4708NT1G
Description  Power MOSFET 30 V, 19 A, Single N-Channel, SOIC-8 FL
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS4708NT1G Datasheet(HTML) 1 Page - ON Semiconductor

  NTMFS4708NT1G Datasheet HTML 1Page - ON Semiconductor NTMFS4708NT1G Datasheet HTML 2Page - ON Semiconductor NTMFS4708NT1G Datasheet HTML 3Page - ON Semiconductor NTMFS4708NT1G Datasheet HTML 4Page - ON Semiconductor NTMFS4708NT1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2007
July, 2007 - Rev. 2
1
Publication Order Number:
NTMFS4708N/D
NTMFS4708N
Power MOSFET
30 V, 19 A, Single N-Channel, SOIC-8 FL
Features
Fast Switching Times
Low Gate Charge
Low RDS(on)
Low Inductance SOIC-8 Package
These are Pb-Free Devices
Applications
Notebooks, Graphics Cards
DC-DC Converters
Synchronous Rectification
MAXIMUM RATINGS (TJ = 25°C unless otherwise stated)
Parameter
Symbol
Value
Unit
Drain-to-Source Voltage
VDSS
30
V
Gate-to-Source Voltage
VGS
±20
V
Continuous Drain Current
(Note 1)
Steady
State
TA = 25°C
ID
11.5
A
TA = 85°C
8.0
t
≤ 10 s TA = 25°C
19
Power Dissipation
(Note 1)
Steady
State
TA = 25°C
PD
2.2
W
t
≤ 10 s
6.25
Continuous Drain Current
(Note 2)
Steady
State
TA = 25°C
ID
7.8
A
TA = 85°C
5.6
Power Dissipation
(Note 2)
TA = 25°C
PD
1.0
W
Pulsed Drain Current
tp ≤ 10 ms
IDM
58
A
Operating Junction and Storage Temperature
TJ,
TSTG
-55 to
150
°C
Source Current (Body Diode)
IS
6.25
A
Single Pulse Drain-to-Source Avalanche
Energy. VDD = 25 V, VGS = 10 V, IPK = 7.0 A,
L = 10 mH, RG = 25 W
EAS
245
mJ
Lead Temperature for Soldering Purposes
(1/8” from case for 10 s)
TL
260
°C
THERMAL RESISTANCE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Junction-to-Ambient – Steady State (Note 1)
RqJA
56.5
°C/W
Junction-to-Ambient – t
≤ 10 s (Note 1)
RqJA
20
Junction-to-Ambient – Steady State (Note 2)
RqJA
124
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Surface-mounted on FR4 board using 1 in sq pad size
(Cu area = 1.127 in sq [1 oz] including traces).
2. Surface-mounted on FR4 board using the minimum recommended pad size
(Cu area = 0.412 in sq).
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
NTMFS4708NT1G SOIC-8 FL
(Pb-Free)
1500/T
ape & Reel
SOIC-8 FLAT LEAD
CASE 488AA
STYLE 1
MARKING DIAGRAM &
PIN ASSIGNMENT
1
4708N
= Specific Device Code
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb-Free Package
4708N
AYWW
G
G
S
N-Channel
D
S
G
30 V
10.1 m
W @ 4.5 V
7.3 m
W @ 10 V
RDS(on) Typ
19 A
ID Max
V(BR)DSS
S
S
G
D
D
D
D
NTMFS4708NT3G
5000/T
ape & Reel
SOIC-8 FL
(Pb-Free)
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
(Note: Microdot may be in either location)


Similar Part No. - NTMFS4708NT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4701N ONSEMI-NTMFS4701N Datasheet
90Kb / 5P
   Power MOSFET 30 V, 20 A, Single N-Channel, SOIC-8 Flat Lead Package
July, 2007 - Rev. 3
NTMFS4701NT1G ONSEMI-NTMFS4701NT1G Datasheet
90Kb / 5P
   Power MOSFET 30 V, 20 A, Single N-Channel, SOIC-8 Flat Lead Package
July, 2007 - Rev. 3
NTMFS4701NT3G ONSEMI-NTMFS4701NT3G Datasheet
90Kb / 5P
   Power MOSFET 30 V, 20 A, Single N-Channel, SOIC-8 Flat Lead Package
July, 2007 - Rev. 3
NTMFS4707N ONSEMI-NTMFS4707N Datasheet
223Kb / 2P
   12 V Telecom Power Conversion Solutions
Rev. 2, Sep-2006
NTMFS4707NT1G ONSEMI-NTMFS4707NT1G Datasheet
223Kb / 2P
   12 V Telecom Power Conversion Solutions
Rev. 2, Sep-2006
More results

Similar Description - NTMFS4708NT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4709N ONSEMI-NTMFS4709N Datasheet
90Kb / 6P
   Power MOSFET 30 V, 94 A, Single N-Channel, SOIC-8 FL
July, 2007 - Rev. 3
NTMFS4744N ONSEMI-NTMFS4744N Datasheet
93Kb / 7P
   Power MOSFET 30 V, 53 A, Single N-Channel, SO-8 FL
July, 2007 - Rev. 4
NTMFS4C13N ONSEMI-NTMFS4C13N Datasheet
181Kb / 8P
   MOSFET – Power, Single, N-Channel, SO-8 FL 30 V, 38 A
May, 2019 - Rev. 2
NTMFS4833N ONSEMI-NTMFS4833N Datasheet
75Kb / 7P
   Power MOSFET 30 V, 191 A, Single N-Channel, SO-8 FL
November, 2006 ??Rev. 2
NTMFS4922NE ONSEMI-NTMFS4922NE Datasheet
165Kb / 8P
   Power MOSFET 30 V, 147 A, Single N−Channel, SO−8 FL
May, 2012 - Rev. 1
NTMD6N03R2G ONSEMI-NTMD6N03R2G Datasheet
343Kb / 8P
   Power MOSFET 30 V, 6 A, Dual N--Channel SOIC--8
October, 2011 -- Rev. 3
NTMS4800N ONSEMI-NTMS4800N Datasheet
141Kb / 5P
   Power MOSFET 30 V, 8 A, N?묬hannel, SOIC??
August, 2009 ??Rev. 1
NVMD6N03R2G ONSEMI-NVMD6N03R2G Datasheet
343Kb / 8P
   Power MOSFET 30 V, 6 A, Dual N--Channel SOIC--8
October, 2011 -- Rev. 3
NTMFS4701N ONSEMI-NTMFS4701N Datasheet
90Kb / 5P
   Power MOSFET 30 V, 20 A, Single N-Channel, SOIC-8 Flat Lead Package
July, 2007 - Rev. 3
NTMS4176P ONSEMI-NTMS4176P Datasheet
91Kb / 5P
   Power MOSFET -30 V, -9.6 A, P-Channel, SOIC-8
March, 2008 - Rev. 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com