Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXS02612ZQSR Datasheet(PDF) 6 Page - Texas Instruments

Part # TXS02612ZQSR
Description  SDIO PORT EXANDER WITH VOLTAGE-LEVEL TRANSLATION
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TXS02612ZQSR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TXS02612ZQSR Datasheet HTML 2Page - Texas Instruments TXS02612ZQSR Datasheet HTML 3Page - Texas Instruments TXS02612ZQSR Datasheet HTML 4Page - Texas Instruments TXS02612ZQSR Datasheet HTML 5Page - Texas Instruments TXS02612ZQSR Datasheet HTML 6Page - Texas Instruments TXS02612ZQSR Datasheet HTML 7Page - Texas Instruments TXS02612ZQSR Datasheet HTML 8Page - Texas Instruments TXS02612ZQSR Datasheet HTML 9Page - Texas Instruments TXS02612ZQSR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
TXS02612
SCES682C – DECEMBER 2008 – REVISED FEBRUARY 2009
www.ti.com
RECOMMENDED OPERATING CONDITIONS
VCCA
VCCBx
(1)
MIN
MAX
UNIT
VCCA
VCCB0
Supply voltage
1.1
3.6
V
VCCB1
A-port I/Os
VCCI – 0.2
VCCI
VIH
High-level input voltage
B-port I/Os
1.1 V to 3.6 V
1.1 V to 3.6 V
VCCI – 0.2
VCCI
V
SEL, CLKA
VCCA × 0.65 V
3.6
A-port I/Os
0
0.15
VIL
Low-level input voltage
B-port I/Os
1.1 V to 3.6 V
1.1 V to 3.6 V
0
0.15
V
SEL, CLKA
0
VCCA × 0.35
Δt/Δv
Input transition rise or fall rate
CLK, SEL
10
ns/V
TA
Operating free-air temperature
–40
85
°C
(1)
VCCBx refers to VCCB0 and VCCB1.
ELECTRICAL CHARACTERISTICS
over recommended operating free-air temperature range (unless otherwise noted)
TA = 25°C
TA = –40°C to 85°C
PARAMETER
TEST CONDITIONS
VCCA
VCCBx
UNIT
TYP
MIN
MAX
1.1 V
1.1 V
0.74
1.4 V
1.4 V
VCCA × 0.67
VOHA
IOH = –20 mA,
(DATA &
1.65 V
1.65 V
VCCA × 0.67
V
VIBx ≥ VCCBx – 0.2 V
CMD)
2.3 V
2.3 V
VCCA × 0.67
3 V
3 V
VCCA × 0.67
IOL = 135 mA, VIBx ≤ 0.15 V
1.1 V
1.1 V
0.35
IOL = 180 mA, VIBx ≤ 0.15 V
1.4 V
1.4 V
0.35
VOLA
(DATA &
IOL = 220 mA, VIBx ≤ 0.15 V
1.65 V
1.65 V
0.45
V
CMD)
IOL = 300 mA, VIBx ≤ 0.15 V
2.3 V
2.3 V
0.55
IOL = 620 mA, VIBx ≤ 0.15 V
3 V
3 V
0.70
1.1 V
1.1 V
0.74
1.4 V
1.4 V
VCCBx × 0.67
VOHB
IOH = –20 mA,
(DATA &
1.65 V
1.65 V
VCCBx × 0.67
V
VIAx ≥ VCCAx – 0.2 V
CMD)
2.3 V
2.3 V
VCCBx × 0.67
3 V
3 V
VCCBx × 0.67
IOH = – 0.5 mA
1.1 V
1.1 V
0.74
IOH = – 1 mA
1.4 V
1.4 V
1.05
VOHCLKB
IOH = – 2 mA
1.65 V
1.65 V
1.2
V
IOH = – 4 mA
2.3 V
2.3 V
1.75
IOH = – 8 mA
3 V
3 V
2.3
IOL = 135 mA, VIAx ≤ 0.15 V
1.1 V
1.1 V
0.35
IOL = 180 mA, VIAx ≤ 0.15 V
1.4 V
1.4 V
0.35
VOLB
(DATA &
IOL = 220 mA, VIAx ≤ 0.15 V
1.65 V
1.65 V
0.45
V
CMD)
IOL = 300 mA, VIAx ≤ 0.15 V
2.3 V
2.3 V
0.55
IOL = 620 mA, VIAx ≤ 0.15 V
3 V
3 V
0.70
IOL = 0.5 mA
1.1 V
1.1 V
0.35
IOL = 1 mA
1.4 V
1.4 V
0.35
VOLCLKB
IOL = 2 mA
1.65 V
1.65 V
0.45
V
IOL = 4 mA
2.3 V
2.3 V
0.55
IOL = 8 mA
3 V
3 V
0.7
6
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated


Similar Part No. - TXS02612ZQSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS02612ZQSR TI-TXS02612ZQSR Datasheet
627Kb / 22P
[Old version datasheet]   SDIO PORT EXPANDER WITH VOLTAGE-LEVEL TRANSLATION
More results

Similar Description - TXS02612ZQSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS02612 TI-TXS02612 Datasheet
627Kb / 22P
[Old version datasheet]   SDIO PORT EXPANDER WITH VOLTAGE-LEVEL TRANSLATION
TWL1200 TI-TWL1200 Datasheet
700Kb / 31P
[Old version datasheet]   SDIO, UART, AND AUDIO VOLTAGE-TRANSLATION TRANSCEIVER
TWL1200-Q1 TI1-TWL1200-Q1 Datasheet
736Kb / 32P
[Old version datasheet]   SDIO, UART, AND AUDIO VOLTAGE-TRANSLATION TRANSCEIVER
TXS03121 TI-TXS03121_1 Datasheet
451Kb / 12P
[Old version datasheet]   COMPARATOR WITH OUTPUT VOLTAGE-LEVEL TRANSLATION
logo
Fairchild Semiconductor
FXL3SD206 FAIRCHILD-FXL3SD206 Datasheet
342Kb / 16P
   Level Shifting Voltage Translator Two-Port SDIO MUX/DEMUX with Three Configurable Power Supplies for SDIO Device Port Expansion
logo
Texas Instruments
TXS03121 TI-TXS03121 Datasheet
345Kb / 11P
[Old version datasheet]   COMPARATOR WITH OUTPUT VOLTAGE-LEVEL TRANSLATION
logo
Axiomtek Co., Ltd.
PICO820 AXIOMTEK-PICO820 Datasheet
277Kb / 1P
   1 SDIO port
logo
Linear Technology
LTC4301L LINER-LTC4301L Datasheet
184Kb / 12P
   Hot Swappable 2-Wire Bus Buffer with Low Voltage Level Translation
LTC4301 LINER-LTC4301 Datasheet
220Kb / 12P
   Hot Swappable 2-Wire Bus Buffer with Low Voltage Level Translation
LTC4301L LINER-LTC4301L_15 Datasheet
190Kb / 12P
   Hot Swappable 2-Wire Bus Buffer with Low Voltage Level Translation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com