Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXS0108ERGYR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TXS0108ERGYR
Description  8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TXS0108ERGYR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TXS0108ERGYR Datasheet HTML 7Page - Texas Instruments TXS0108ERGYR Datasheet HTML 8Page - Texas Instruments TXS0108ERGYR Datasheet HTML 9Page - Texas Instruments TXS0108ERGYR Datasheet HTML 10Page - Texas Instruments TXS0108ERGYR Datasheet HTML 11Page - Texas Instruments TXS0108ERGYR Datasheet HTML 12Page - Texas Instruments TXS0108ERGYR Datasheet HTML 13Page - Texas Instruments TXS0108ERGYR Datasheet HTML 14Page - Texas Instruments TXS0108ERGYR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
SWITCHING CHARACTERISTICS
OPERATING CHARACTERISTICS
TXS0108E
www.ti.com ..................................................................................................................................... SCES642B – DECEMBER 2007 – REVISED SEPTEMBER 2008
over recommended operating free-air temperature range, VCCA = 3.3 V ± 0.3 V (unless otherwise noted)
VCCB = 3.3 V
VCCB = 5 V
FROM
TO
TEST
± 0.3 V
± 0.5 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
CONDITIONS
MIN
MAX
MIN
MAX
Push-pull driving
3.8
3.1
tPHL
Open-drain driving
2
5.3
1.9
4.8
A
B
ns
Push-pull driving
3.9
3.5
tPLH
Open-drain driving
111
439
87
352
Push-pull driving
4.2
3.8
tPHL
Open-drain driving
2.1
5.5
1.7
4.5
B
A
ns
Push-pull driving
3.8
4.3
tPLH
Open-drain driving
112
449
86
339
ten
OE
A or B
200
200
ns
Push-pull driving
tdis
OE
A or B
11.9
9.8
ns
Push-pull driving
1.8
5.7
1.9
5
trA
A-port rise time
ns
Open-drain driving
75
446
57
337
Push-pull driving
1.5
5
1
3.6
trB
B-port rise time
ns
Open-drain driving
72
427
40
290
Push-pull driving
1.2
4.5
1.1
3.5
tfA
A-port fall time
Open-drain driving
1.1
4.4
1
3.7
ns
Push-pull driving
1.1
4.2
0.8
3.1
tfB
B-port fall time
Open-drain driving
1
4.2
0.8
3.1
tSK(O)
Channel-to-channel skew
Push-pull driving
1
1
ns
Push-pull driving
60
60
Max data rate
A or B
Mbps
Open-drain driving
2
2
TA=25°C
VCCA
1.2 V
1.2 V
1.5 V
1.8 V
2.5 V
2.5 V
3.3 V
PARAMETER
TEST CONDITIONS
VCCB
UNIT
5 V
1.8 V
1.8 V
1.8 V
2.5 V
5 V
3.3 V to 5 V
TYP
TYP
TYP
TYP
TYP
TYP
TYP
A-port input,
5.9
5.7
5.9
5.9
6.7
6.9
8
B-port output
CpdA
B-port input,
CL = 0, f = 10 MHz,
10.2
10.3
9.9
9.7
9.7
9.4
9.8
A-port output
tr= tf= 1ns,
pF
OE = VCCA
A-port input,
29.9
22.2
21.5
20.8
21
23.4
23
(outputs enabled)
B-port output
CpdB
B-port input,
22.9
16.7
16.7
16.8
17.8
20.8
20.9
A-port output
A-port input,
0.01
0.01
0.01
0.01
0.01
0.01
0.01
B-port output
CpdA
B-port input,
CL = 0, f = 10 MHz,
0.06
0.01
0.01
0.01
0.01
0.01
0.01
A-port output
tr= tf= 1ns,
pF
OE = GND
A-port input,
0.06
0.01
0.01
0.01
0.01
0.03
0.02
(outputs disabled)
B-port output
CpdB
B-port input,
0.06
0.01
0.01
0.01
0.01
0.03
0.02
A-port output
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TXS0108E


Similar Part No. - TXS0108ERGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0108ERGYR TI-TXS0108ERGYR Datasheet
844Kb / 24P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0108ERGYR TI-TXS0108ERGYR Datasheet
764Kb / 23P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0108ERGYR TI1-TXS0108ERGYR Datasheet
1Mb / 34P
[Old version datasheet]   8-Bit Bi-directional, Level-Shifting, Voltage Translator
TXS0108ERGYR TI1-TXS0108ERGYR Datasheet
2Mb / 36P
[Old version datasheet]   TXS0108E 8-Bit Bi-directional, Level-Shifting, Voltage Translator for Open-Drain and Push-Pull Applications
More results

Similar Description - TXS0108ERGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0108E TI-TXS0108E_10 Datasheet
764Kb / 23P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0108E TI-TXS0108E Datasheet
844Kb / 24P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
logo
Union Semiconductor, In...
UM2002 UNIONSEMI-UM2002 Datasheet
279Kb / 12P
   Bidirectional voltage level translator for open-drain and push-pull applications
logo
NXP Semiconductors
NVT2001 NXP-NVT2001_V01 Datasheet
542Kb / 32P
   Bidirectional voltage level translator for open-drain and push-pull applications
Rev. 4.4 - 22 May 2023
NVT2006BS PHILIPS-NVT2006BS Datasheet
493Kb / 33P
   Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 5-19 February 2014
logo
Union Semiconductor, In...
UM3211P UNIONSEMI-UM3211P Datasheet
275Kb / 10P
   Bidirectional voltage level translator for open-drain and push-pull applications
logo
NXP Semiconductors
NVT2008PW NXP-NVT2008PW Datasheet
439Kb / 33P
   Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 3-27 January 2014
NVT2001 PHILIPS-NVT2001 Datasheet
217Kb / 23P
   Bidirectional voltage level translator for open-drain and push-pull applications
Rev. 2-26 October 2011
logo
Union Semiconductor, In...
UM2002 UNIONSEMI-UM2002_15 Datasheet
280Kb / 12P
   Bidirectional Voltage Level Translator for Open-Drain and Push-Pull Applications
UM2001P UNIONSEMI-UM2001P Datasheet
245Kb / 10P
   Bidirectional Voltage Level Translator for Open-Drain and Push-Pull Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com