Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXS0108E Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TXS0108E
Description  8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TXS0108E Datasheet(HTML) 9 Page - Texas Instruments

Back Button TXS0108E Datasheet HTML 5Page - Texas Instruments TXS0108E Datasheet HTML 6Page - Texas Instruments TXS0108E Datasheet HTML 7Page - Texas Instruments TXS0108E Datasheet HTML 8Page - Texas Instruments TXS0108E Datasheet HTML 9Page - Texas Instruments TXS0108E Datasheet HTML 10Page - Texas Instruments TXS0108E Datasheet HTML 11Page - Texas Instruments TXS0108E Datasheet HTML 12Page - Texas Instruments TXS0108E Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
SWITCHING CHARACTERISTICS
TXS0108E
www.ti.com ..................................................................................................................................... SCES642B – DECEMBER 2007 – REVISED SEPTEMBER 2008
over recommended operating free-air temperature range, VCCA = 1.8 V ± 0.15 V(unless otherwise noted)
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 5 V
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
FROM
TO
TEST
PARAMETER
UNIT
(INPUT)
(OUTPUT)
CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MA
X
Push-pull driving
8.2
6.4
5.7
5.6
tPHL
Open-drain driving
3.6
11.4
3.2
9.9
3.1
9.3
3.1
8.9
A
B
ns
Push-pull driving
9
2.1
6.5
6.3
tPLH
Open-drain driving
194
729
155
584
126
466
90
346
Push-pull driving
9.8
8
7.4
7
tPHL
Open-drain driving
3.4
12.1
2.8
8.5
2.5
7.3
2.1
6.2
B
A
ns
Push-pull driving
10.2
7
5.8
5
tPLH
Open-drain driving
197
733
159
578
129
459
93
323
ten
OE
A or B
200
200
200
200
ns
Push-pull driving
tdis
OE
A or B
25.1
18.8
16.5
15.3
ns
Push-pull driving
3.1
11.9
2.6
8.6
2.7
7.8
2.8
7.2
trA
A-port rise time
ns
Open-drain driving
155
996
124
691
100
508
72
350
Push-pull driving
2.8
10.5
1.8
7.2
1.2
5.2
0.7
2.7
trB
B-port rise time
ns
Open-drain driving
132
1001
106
677
73
546
32
323
Push-pull driving
2.1
8.8
1.6
6.6
1.4
5.7
1.4
4.9
tfA
A-port fall time
Open-drain driving
2.2
9
1.7
6.7
1.4
5.8
1.2
5.2
ns
Push-pull driving
2
8.3
1.3
5.4
0.9
3.9
0.7
3
tfB
B-port fall time
Open-drain driving
0.8
10.5
0.7
10.7
1
9.6
0.6
7.8
tSK(O)
Channel-to-channel skew
Push-pull driving
1
1
1
1
ns
Push-pull driving
40
60
60
60
Max data rate
A or B
Mbps
Open-drain driving
2
2
2
2
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TXS0108E


Similar Part No. - TXS0108E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0108E TI-TXS0108E Datasheet
844Kb / 24P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0108E TI-TXS0108E Datasheet
764Kb / 23P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0108E TI1-TXS0108E Datasheet
1Mb / 28P
[Old version datasheet]   8-Bit Bi-directional, Level-Shifting, Voltage Translator
TXS0108E TI1-TXS0108E Datasheet
2Mb / 36P
[Old version datasheet]   TXS0108E 8-Bit Bi-directional, Level-Shifting, Voltage Translator for Open-Drain and Push-Pull Applications
TXS0108E-Q1 TI1-TXS0108E-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   8-Bit Bi-directional, Level-Shifting, Voltage Translator
More results

Similar Description - TXS0108E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0108E TI-TXS0108E_10 Datasheet
764Kb / 23P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0108E TI-TXS0108E Datasheet
844Kb / 24P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
logo
Union Semiconductor, In...
UM2002 UNIONSEMI-UM2002 Datasheet
279Kb / 12P
   Bidirectional voltage level translator for open-drain and push-pull applications
logo
NXP Semiconductors
NVT2001 NXP-NVT2001_V01 Datasheet
542Kb / 32P
   Bidirectional voltage level translator for open-drain and push-pull applications
Rev. 4.4 - 22 May 2023
NVT2006BS PHILIPS-NVT2006BS Datasheet
493Kb / 33P
   Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 5-19 February 2014
logo
Union Semiconductor, In...
UM3211P UNIONSEMI-UM3211P Datasheet
275Kb / 10P
   Bidirectional voltage level translator for open-drain and push-pull applications
logo
NXP Semiconductors
NVT2008PW NXP-NVT2008PW Datasheet
439Kb / 33P
   Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 3-27 January 2014
NVT2001 PHILIPS-NVT2001 Datasheet
217Kb / 23P
   Bidirectional voltage level translator for open-drain and push-pull applications
Rev. 2-26 October 2011
logo
Union Semiconductor, In...
UM2002 UNIONSEMI-UM2002_15 Datasheet
280Kb / 12P
   Bidirectional Voltage Level Translator for Open-Drain and Push-Pull Applications
UM2001P UNIONSEMI-UM2001P Datasheet
245Kb / 10P
   Bidirectional Voltage Level Translator for Open-Drain and Push-Pull Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com