Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTMD6601NR2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTMD6601NR2G
Description  Power MOSFET 80 V, 2.2 A, Dual N-Channel, SO-8
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMD6601NR2G Datasheet(HTML) 2 Page - ON Semiconductor

  NTMD6601NR2G Datasheet HTML 1Page - ON Semiconductor NTMD6601NR2G Datasheet HTML 2Page - ON Semiconductor NTMD6601NR2G Datasheet HTML 3Page - ON Semiconductor NTMD6601NR2G Datasheet HTML 4Page - ON Semiconductor NTMD6601NR2G Datasheet HTML 5Page - ON Semiconductor NTMD6601NR2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NTMD6601NR2G
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain-to-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
80
V
Drain-to-Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/TJ
99.8
mV/
°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = 80 V
TJ = 25°C
1.0
mA
TJ = 125°C
25
Gate-to-Source Leakage Current
IGSS
VDS = 0 V, VGS = ±15 V
±100
nA
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250 mA
1.0
1.9
3.0
V
Negative Threshold Temperature
Coefficient
VGS(TH)/TJ
4.6
mV/
°C
Drain-to-Source On Resistance
RDS(on)
VGS = 10 V
ID = 2.2 A
190
215
m
W
VGS = 5.0 V
ID = 1.0 A
215
245
CHARGES, CAPACITANCES AND GATE RESISTANCE
Input Capacitance
CISS
VGS = 0 V, f = 1.0 MHz, VDS = 25 V
220
400
pF
Output Capacitance
COSS
55
100
Reverse Transfer Capacitance
CRSS
16
30
Total Gate Charge
QG(TOT)
VGS = 5.0 V, VDS = 40 V, ID = 1.0 A
5.0
9.0
nC
Threshold Gate Charge
QG(TH)
0.4
Gate-to-Source Charge
QGS
1.0
Gate-to-Drain Charge
QGD
2.75
Total Gate Charge
QG(TOT)
VGS = 10 V, VDS = 40 V, ID = 1.0 A
9.0
15
nC
SWITCHING CHARACTERISTICS (Note 4)
Turn-On Delay Time
td(ON)
VGS = 4.5 V, VDD = 40 V,
ID = 1.0 A, RG = 27 W
21
35
ns
Rise Time
tr
62
105
Turn-Off Delay Time
td(OFF)
52
85
Fall Time
tf
50
85
Turn-On Delay Time
td(ON)
VGS = 10 V, VDD = 40 V,
ID = 2.5 A, RG = 47 W
15
ns
Rise Time
tr
95
Turn-Off Delay Time
td(OFF)
50
Fall Time
tf
105
BODY - DRAIN DIODE RATINGS (Note 3)
Forward Diode Voltage
VSD
VGS = 0 V
ID = 1.0 A
TJ = 25°C
0.8
1.0
V
TJ = 150°C
0.6
ns
Reverse Recovery Time
tRR
VGS = 0 V, dIS/dt = 100 A/ms,
IS = 1.0 A
44
Charge Time
Ta
21
Discharge Time
Tb
23
Reverse Recovery Time
QRR
43
86
nC
3. Pulse Test: pulse width
v 300 ms, duty cycle v 2%.
4. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - NTMD6601NR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMD6N02R2 ONSEMI-NTMD6N02R2 Datasheet
71Kb / 6P
   Power MOSFET 6.0 Amps, 20 Volts
April, 2004 ??Rev. 2
NTMD6N02R2 ONSEMI-NTMD6N02R2 Datasheet
80Kb / 6P
   Power MOSFET 6.0 Amps, 20 Volts
August, 2005 ??Rev. 3
NTMD6N02R2G ONSEMI-NTMD6N02R2G Datasheet
80Kb / 6P
   Power MOSFET 6.0 Amps, 20 Volts
August, 2005 ??Rev. 3
logo
VBsemi Electronics Co.,...
NTMD6N02R2G VBSEMI-NTMD6N02R2G Datasheet
983Kb / 7P
   Dual N-Channel 20-V (D-S) MOSFET
logo
ON Semiconductor
NTMD6N02R2 ONSEMI-NTMD6N02R2_05 Datasheet
80Kb / 6P
   Power MOSFET 6.0 Amps, 20 Volts
August, 2005 ??Rev. 3
More results

Similar Description - NTMD6601NR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMDF1N05E ONSEMI-MMDF1N05E_V01 Datasheet
211Kb / 7P
   Power MOSFET 2 A, 50 V, N-Channel SO-8, Dual
December, 2012 - Rev. 11
NTMS4816N ONSEMI-NTMS4816N Datasheet
94Kb / 5P
   Power MOSFET 30 V, 11 A, N-Channel, SO-8
December, 2007 - Rev. 0
NTMS4807N ONSEMI-NTMS4807N Datasheet
93Kb / 5P
   Power MOSFET 30 V, 14.8 A, N-Channel, SO-8
December, 2007 - Rev. 0
logo
STMicroelectronics
STS8DN3LLH5 STMICROELECTRONICS-STS8DN3LLH5 Datasheet
775Kb / 12P
   Dual N-channel 30 V, 0.0155 廓, 10 A, SO-8 STripFET??V Power MOSFET
logo
ON Semiconductor
NTMS4705N ONSEMI-NTMS4705N Datasheet
96Kb / 5P
   Power MOSFET 30 V, 12 A, Single N-Channel, SO-8
October, 2007 - Rev. 3
MMSF5N02HD ONSEMI-MMSF5N02HD Datasheet
269Kb / 10P
   N-Channel SO-8 Power MOSFET
August, 2006 ??Rev. 7
MMDFS6N303 ONSEMI-MMDFS6N303 Datasheet
252Kb / 11P
   N-Channel SO-8 Power MOSFET
August, 2006 ??Rev. 3
NTMFS4744N ONSEMI-NTMFS4744N Datasheet
93Kb / 7P
   Power MOSFET 30 V, 53 A, Single N-Channel, SO-8 FL
July, 2007 - Rev. 4
NTMFS4C13N ONSEMI-NTMFS4C13N Datasheet
181Kb / 8P
   MOSFET – Power, Single, N-Channel, SO-8 FL 30 V, 38 A
May, 2019 - Rev. 2
NTMFS4833N ONSEMI-NTMFS4833N Datasheet
75Kb / 7P
   Power MOSFET 30 V, 191 A, Single N-Channel, SO-8 FL
November, 2006 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com