Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTJD4158C Datasheet(PDF) 5 Page - ON Semiconductor

Part # NTJD4158C
Description  Small Signal MOSFET 30 V/??0 V, 0.25/??.88 A, Complementary, SC??8
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTJD4158C Datasheet(HTML) 5 Page - ON Semiconductor

  NTJD4158C Datasheet HTML 1Page - ON Semiconductor NTJD4158C Datasheet HTML 2Page - ON Semiconductor NTJD4158C Datasheet HTML 3Page - ON Semiconductor NTJD4158C Datasheet HTML 4Page - ON Semiconductor NTJD4158C Datasheet HTML 5Page - ON Semiconductor NTJD4158C Datasheet HTML 6Page - ON Semiconductor NTJD4158C Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
NTJD4158C
http://onsemi.com
5
TYPICAL P−CHANNEL PERFORMANCE CURVES (TJ = 25°C unless otherwise noted)
−2 V
125°C
0
1
0.75
1.2
0.8
−VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
0.25
0
0.4
Figure 1. On−Region Characteristics
0
1
1.5
12
0.8
0.7
0.1
0.5
0
3.5
Figure 2. Transfer Characteristics
−VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
15
100
10
Figure 3. On−Resistance vs. Drain Current and
Temperature
−VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
01
0.1
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
−ID, DRAIN CURRENT (AMPS)
−50
0
−25
25
1.0
0.8
0.6
0.4
0
50
125
100
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ = 25°C
10000
5
TJ = −55°C
VGS = 0 V
0.3
75
150
TJ = 25°C
ID = −0.88 A
VGS = −4.5 V
25°C
2.0
VGS = −4.5 V
−1 V
020
−1.25 V
−1.5 V
−1.75 V
0.25
0.2
1.6
2
1000
0.25
0.5
0.75
0.15
VGS = −4.5, −3.5 & −2.5 V
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
0.4
1
0.2
−ID, DRAIN CURRENT (AMPS)
0.5
0
VGS = −4.5 V
0.1
0.4
VGS = −2.5 V
0.7
0.9
0.3
0.5
0.9
10
TJ = 125°C
TJ = −55°C
0.5
0.8
0.6
0.2
TJ = 25°C
1.8
1.6
1.4
1.2
TJ = 125°C
TJ = 150°C
2.5
3
0.2
0.3
0.4
0.5
0.6
VDS ≥ −20 V


Similar Part No. - NTJD4158C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTJD4158C ONSEMI-NTJD4158C Datasheet
91Kb / 7P
   Small Signal MOSFET
Febuary, 2015 ??Rev. 5
NTJD4158CT1G ONSEMI-NTJD4158CT1G Datasheet
91Kb / 7P
   Small Signal MOSFET
Febuary, 2015 ??Rev. 5
NTJD4158CT2G ONSEMI-NTJD4158CT2G Datasheet
91Kb / 7P
   Small Signal MOSFET
Febuary, 2015 ??Rev. 5
NTJD4158C ONSEMI-NTJD4158C_15 Datasheet
91Kb / 7P
   Small Signal MOSFET
Febuary, 2015 ??Rev. 5
More results

Similar Description - NTJD4158C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTJD4105C ONSEMI-NTJD4105C Datasheet
77Kb / 8P
   Small Signal MOSFET 20 V / ??.0 V, Complementary, 0.63 A / ??.775 A, SC??8
January, 2004 ??Rev. 1
NTJD4401N ONSEMI-NTJD4401N_08 Datasheet
86Kb / 5P
   Small Signal MOSFET 20 V, Dual N-Channel, SC-88 ESD Protection
January, 2008 - Rev. 4
NTJD4401N ONSEMI-NTJD4401N_06 Datasheet
66Kb / 5P
   Small Signal MOSFET 20 V, Dual N-Channel, SC-88 ESD Protection
November, 2006 ??Rev. 3
NTJD3158C ONSEMI-NTJD3158C Datasheet
102Kb / 7P
   Power MOSFET 20 V, 0.63/-0.82 A, SC-88 Complementary, ESD Protected
January, 2008 - Rev. 0
NTJS4160N ONSEMI-NTJS4160N Datasheet
87Kb / 5P
   Power MOSFET 30 V, 3.2 A, Single N-Channel, SC-88
March, 2008 - Rev. 1
NTJD4152P ONSEMI-NTJD4152P Datasheet
93Kb / 5P
   Trench Small Signal MOSFET 20 V, 0.88 A, Dual P-Channel, ESD Protected SC-88
August, 2007 - Rev. 2
NTJS4405N ONSEMI-NTJS4405N Datasheet
131Kb / 5P
   Small Signal MOSFET 25 V, 1.2 A, Single, N?묬hannel, SC??8
February, 2006 ??Rev. 4
2N7002W ONSEMI-2N7002W Datasheet
107Kb / 5P
   Small Signal MOSFET 60 V, 340 mA, Single, N?묬hannel, SC??0
April, 2007 ??Rev. 2
NTS4172N ONSEMI-NTS4172N Datasheet
107Kb / 5P
   Power MOSFET 30 V, 1.7 A, Single N?묬hannel, SC??0
June, 2008 ??Rev. 0
NTS4001N ONSEMI-NTS4001N_V01 Datasheet
236Kb / 7P
   MOSFET – Single, N-Channel, Small Signal, SC-70 30 V, 270 mA
June, 2019 - Rev. 5
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com