Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTJD4152P Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTJD4152P
Description  Trench Small Signal MOSFET 20 V, 0.88 A, Dual P-Channel, ESD Protected SC-88
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTJD4152P Datasheet(HTML) 3 Page - ON Semiconductor

  NTJD4152P Datasheet HTML 1Page - ON Semiconductor NTJD4152P Datasheet HTML 2Page - ON Semiconductor NTJD4152P Datasheet HTML 3Page - ON Semiconductor NTJD4152P Datasheet HTML 4Page - ON Semiconductor NTJD4152P Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NTJD4152P
http://onsemi.com
3
TYPICAL PERFORMANCE CURVES (TJ = 25°C unless otherwise noted)
-2 V
125
°C
0
1
0.75
1.2
0.8
-VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
0.25
0
0.4
Figure 1. On-Region Characteristics
0
1
1.5
12
0.8
0.7
0.1
0.5
0
3.5
Figure 2. Transfer Characteristics
-VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
15
100
10
Figure 3. On-Resistance vs. Drain Current and
Temperature
-VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
01
0.1
Figure 4. On-Resistance vs. Drain Current and
Gate Voltage
-ID, DRAIN CURRENT (AMPS)
-50
0
-25
25
1.0
0.8
0.6
0.4
0
50
125
100
Figure 5. On-Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ = 25°C
10000
5
TJ = -55°C
VGS = 0 V
0.3
75
150
TJ = 25°C
ID = -0.88 A
VGS = -4.5 V
25
°C
2.0
VGS = -4.5 V
-1 V
020
-1.25 V
-1.5 V
-1.75 V
0.25
0.2
1.6
2
1000
0.25
0.5
0.75
0.15
VGS = -4.5, -3.5 & -2.5 V
Figure 6. Drain-to-Source Leakage Current
vs. Voltage
0.4
1
1.0
-ID, DRAIN CURRENT (AMPS)
2.5
0
VGS = -4.5 V
0.5
2.0
VGS = -2.5 V
0.7
0.9
1.5
0.5
0.9
10
TJ = 125°C
TJ = -55°C
0.5
0.8
0.6
0.2
TJ = 25°C
VGS = -1.8 V
1.8
1.6
1.4
1.2
TJ = 125°C
TJ = 150°C
2.5
3
0.2
0.3
0.4
0.5
0.6
VDS ≥ -20 V


Similar Part No. - NTJD4152P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTJD4152P ONSEMI-NTJD4152P Datasheet
75Kb / 5P
   Trench Small Signal MOSFET
February, 2015 ??Rev. 6
NTJD4152PT1G ONSEMI-NTJD4152PT1G Datasheet
75Kb / 5P
   Trench Small Signal MOSFET
February, 2015 ??Rev. 6
NTJD4152PT2G ONSEMI-NTJD4152PT2G Datasheet
75Kb / 5P
   Trench Small Signal MOSFET
February, 2015 ??Rev. 6
NTJD4152P ONSEMI-NTJD4152P_15 Datasheet
75Kb / 5P
   Trench Small Signal MOSFET
February, 2015 ??Rev. 6
More results

Similar Description - NTJD4152P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTJD4401N ONSEMI-NTJD4401N_08 Datasheet
86Kb / 5P
   Small Signal MOSFET 20 V, Dual N-Channel, SC-88 ESD Protection
January, 2008 - Rev. 4
NTJD4401N ONSEMI-NTJD4401N_06 Datasheet
66Kb / 5P
   Small Signal MOSFET 20 V, Dual N-Channel, SC-88 ESD Protection
November, 2006 ??Rev. 3
NTJD3158C ONSEMI-NTJD3158C Datasheet
102Kb / 7P
   Power MOSFET 20 V, 0.63/-0.82 A, SC-88 Complementary, ESD Protected
January, 2008 - Rev. 0
NTJD4158C ONSEMI-NTJD4158C Datasheet
148Kb / 7P
   Small Signal MOSFET 30 V/??0 V, 0.25/??.88 A, Complementary, SC??8
March, 2009 ??Rev. 2
NVJD4401NT1G ONSEMI-NVJD4401NT1G Datasheet
124Kb / 5P
   Small Signal MOSFET 20 V, Dual N?묬hannel, SC??8 ESD Protection
October, 2011 ??Rev. 6
logo
First Silicon Co., Ltd
FTK7002D FS-FTK7002D Datasheet
413Kb / 4P
   Dual Small Signal MOSFET 115 mAmps, 60 Volts N-Channel SC-88
logo
ON Semiconductor
NTJS3151P ONSEMI-NTJS3151P Datasheet
134Kb / 6P
   Trench Power MOSFET 12 V, 3.3 A, Single P?묬hannel, ESD Protected SC??8
March, 2006 ??Rev. 2
logo
Nexperia B.V. All right...
PMDPB65UP NEXPERIA-PMDPB65UP Datasheet
326Kb / 16P
   20 V, 3.5 A dual P-channel Trench MOSFET
logo
NXP Semiconductors
PMDXB950UPE NXP-PMDXB950UPE Datasheet
262Kb / 15P
   20 V, dual P-channel Trench MOSFET
10 September 2013
PMDPB58UPE NXP-PMDPB58UPE Datasheet
880Kb / 15P
   20 V dual P-channel Trench MOSFET
Rev. 1-19 June 2012
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com